Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPD1E04U04 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPD1E04U04
Description  TPD1E04U04 1-Channel ESD Protection Diode with Low RDYN for HDMI 2.0 and USB 3.0
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD1E04U04 Datasheet(HTML) 1 Page - Texas Instruments

  TPD1E04U04 Datasheet HTML 1Page - Texas Instruments TPD1E04U04 Datasheet HTML 2Page - Texas Instruments TPD1E04U04 Datasheet HTML 3Page - Texas Instruments TPD1E04U04 Datasheet HTML 4Page - Texas Instruments TPD1E04U04 Datasheet HTML 5Page - Texas Instruments TPD1E04U04 Datasheet HTML 6Page - Texas Instruments TPD1E04U04 Datasheet HTML 7Page - Texas Instruments TPD1E04U04 Datasheet HTML 8Page - Texas Instruments TPD1E04U04 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
TMDS_D2+
2
1
2
1
2
1
2
1
2
1
2
1
2
1
2
1
2
1
2
1
2
1
2
1
2
1
GND
TPD1E05U06 (x5)
TPD1E04U04 (x8)
TMDS_D2-
TMDS_D1+
TMDS_D1-
TMDS_D0+
TMDS_D0-
TMDS_CK+
TMDS_CK-
CEC
UTILITY
DDC_CLK
DDC_DAT
HOTPLUG_DET
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPD1E04U04
SLVSDG4B – MARCH 2016 – REVISED AUGUST 2016
TPD1E04U04 1-Channel ESD Protection Diode with Low RDYN for HDMI 2.0 and USB 3.0
1
1 Features
1
IEC 61000-4-2 Level 4 ESD Protection
±16-kV Contact Discharge
±16-kV Air Gap Discharge
IEC 61000-4-4 EFT Protection
80 A (5/50 ns)
IEC 61000-4-5 Surge Protection
2.5 A (8/20 µs)
IO Capacitance: 0.5-pF (Typ), 0.65-pF (Max)
Ultra-low ESD Clamping Voltage
8.9 V at 16-A TLP
–4.6 V at –16-A TLP
Low RDYN
0.25 Ω IO to GND
0.18 Ω GND to IO
DC Breakdown Voltage: 5 V (Minimum)
Ultra-low Leakage Current: 10 nA (Maximum)
Supports High Speed Interfaces up to 6 Gbps
Industrial Temperature Range: –40°C to +125°C
Industry Standard 0402 and 0201 Packages
2 Applications
End Equipment
Set-Top Boxes
Laptops and Desktops
TV and Monitors
Mobile and Tablets
DVR and NVR
Interfaces
HDMI 2.0
HDMI 1.4b
USB 3.0
DisplayPort 1.2
PCI Express 3.0
3 Description
The TPD1E04U04 is a unidirectional TVS ESD
protection diode for HDMI 2.0 and USB 3.0 circuit
protection. The TPD1E04U04 is rated to dissipate
ESD strikes above the maximum level specified in the
IEC 61000-4-2 international standard (Level 4).
This device features a 0.5-pF IO capacitance making
it ideal for protecting high-speed interfaces up to 6
Gbps such as HDMI 2.0 and USB 3.0. The low
dynamic resistance and ultra-low clamping voltage
ensure system level protection against transient
events for sensitive SoCs.
The TPD1E04U04 is offered in the industry standard
0402 (DPY) and 0201 (DPL) packages.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPD1E04U04
X1SON (2)
0.60 mm × 1.00 mm
TPD1E04U04
X2SON (2)
0.60 mm × 0.30 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical HDMI 2.0 Application


Similar Part No. - TPD1E04U04

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
TPD1E04U04DPLR LEIDITECH-TPD1E04U04DPLR Datasheet
899Kb / 4P
   1-Line Ultra Low Capacitance Bi-directional TVS Diode
Rev 2.0 : 12.01.2019
More results

Similar Description - TPD1E04U04

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD4E02B04-Q1 TI1-TPD4E02B04-Q1 Datasheet
1Mb / 22P
[Old version datasheet]   4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
TPD4E02B04 TI1-TPD4E02B04 Datasheet
2Mb / 21P
[Old version datasheet]   4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
logo
TECH PUBLIC Electronics...
TPD4E02B04DQAR-TP TECHPUBLIC-TPD4E02B04DQAR-TP Datasheet
1Mb / 5P
   4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
logo
Texas Instruments
ESD122 TI1-ESD122 Datasheet
1Mb / 28P
[Old version datasheet]   2-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
logo
TECH PUBLIC Electronics...
TPESD3636P TECHPUBLIC-TPESD3636P Datasheet
1Mb / 5P
   4=Channel ESD Protection Diode for USB Type=C and HDMI 2.0
logo
Littelfuse
SP3011 LITTELFUSE-SP3011 Datasheet
265Kb / 6P
   Ultra-Low Capacitance Diode Array for USB 3.0 ESD Protection
logo
Texas Instruments
TPD1E0B04 TI1-TPD1E0B04 Datasheet
889Kb / 22P
[Old version datasheet]   TPD1E0B04 1-Channel ESD Protection Diode for USB Type-C and Antenna Protection
TPD8S009 TI1-TPD8S009_15 Datasheet
1Mb / 19P
[Old version datasheet]   8-Channel ESD Protection for DisplayPort and HDMI
TPD1E01B04 TI1-TPD1E01B04 Datasheet
872Kb / 22P
[Old version datasheet]   TPD1E01B04 1-Channel ESD Protection Diode for USB Type-C and Thunderbolt 3
logo
NXP Semiconductors
IP4294CZ10 NXP-IP4294CZ10 Datasheet
609Kb / 2P
   ESD protection for USB 3.0 (SuperSpeed USB) and eSATA data lines
August 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com