Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPD1E0B04 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPD1E0B04
Description  TPD1E0B04 1-Channel ESD Protection Diode for USB Type-C and Antenna Protection
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD1E0B04 Datasheet(HTML) 1 Page - Texas Instruments

  TPD1E0B04 Datasheet HTML 1Page - Texas Instruments TPD1E0B04 Datasheet HTML 2Page - Texas Instruments TPD1E0B04 Datasheet HTML 3Page - Texas Instruments TPD1E0B04 Datasheet HTML 4Page - Texas Instruments TPD1E0B04 Datasheet HTML 5Page - Texas Instruments TPD1E0B04 Datasheet HTML 6Page - Texas Instruments TPD1E0B04 Datasheet HTML 7Page - Texas Instruments TPD1E0B04 Datasheet HTML 8Page - Texas Instruments TPD1E0B04 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
USB Type-C
Connector
SSRX1P
SSRX1N
SSTX1P
SSTX1N
SSRX2N
SSRX2P
SSTX2N
SSTX2P
DMB
DPB
SBU1
CC2
SBU2
CC1
DPT
DMT
TPD4E05U06
TPD4E05U06
VBUS
VBUS
TPD1E0B04 (x4)
TPD1E0B04 (x4)
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPD1E0B04
SLVSDG9A – MARCH 2016 – REVISED JUNE 2016
TPD1E0B04 1-Channel ESD Protection Diode for USB Type-C and Antenna Protection
1
1 Features
1
IEC 61000-4-2 Level 4 (Contact) ESD Protection
±8-kV Contact Discharge
±9-kV Air Gap Discharge
IEC 61000-4-4 EFT Protection
80 A (5/50 ns)
IEC 61000-4-5 Surge Protection
1.7 A (8/20 µs)
IO Capacitance: 0.13 pF (Typical),
0.15 pF (Maximum)
DC Breakdown Voltage: 6.7 V (Typical)
Ultra Low Leakage Current: 10 nA (Maximum)
Low ESD Clamping Voltage
Supports High Speed Interfaces up to 20 Gbps
Low Insertion Loss: >30 GHz (–3 dB Bandwidth)
Industrial Temperature Range: –40°C to +125°C
Ultra-small 0201 footprint
2 Applications
End Equipment
Laptops and Desktops
Mobile and Tablets
Set-Top Boxes
TV and Monitors
USB Dongles
Docking Stations
Interfaces
USB Type-C
Thunderbolt 3
USB 3.1 Gen 2
HDMI 2.0/1.4
USB 3.0
DisplayPort 1.3
PCI Express 3.0
Antenna
3 Description
The
TPD1E0B04
is
a
bidirectional
TVS
ESD
protection
diode
array
for
USB
Type-C
and
Thunderbolt 3 circuit protection. The TPD1E0B04 is
rated to dissipate ESD strikes at the maximum level
specified in the IEC 61000-4-2 international standard
(Level 4).
This device features a 0.13-pF IO capacitance per
channel making it ideal for protecting high-speed
interfaces up to 20 Gbps such as USB 3.1 Gen2,
Thunderbolt 3, and Antenna. The low dynamic
resistance and low clamping voltage ensure system
level protection against transient events.
The TPD1E0B04 is offered in the industry standard
0201 (DPL) package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPD1E0B04
X2SON (2)
0.60 mm x 0.30 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application


Similar Part No. - TPD1E0B04

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
TPD1E0B04DPLR LEIDITECH-TPD1E0B04DPLR Datasheet
900Kb / 4P
   1-Line Ultra Low Capacitance Bi-directional TVS Diode
Rev 2.0 : 12.01.2019
TPD1E0B04DPLT LEIDITECH-TPD1E0B04DPLT Datasheet
719Kb / 4P
   1-Line Bi-directional TVS Diode
Rev 2.0 : 01.07.2021
logo
Texas Instruments
TPD1E0B04DPYR TI1-TPD1E0B04DPYR Datasheet
960Kb / 30P
[Old version datasheet]   Transponder Base Station IC
TPD1E0B04DPYT TI1-TPD1E0B04DPYT Datasheet
960Kb / 30P
[Old version datasheet]   Transponder Base Station IC
More results

Similar Description - TPD1E0B04

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD1E01B04 TI1-TPD1E01B04 Datasheet
872Kb / 22P
[Old version datasheet]   TPD1E01B04 1-Channel ESD Protection Diode for USB Type-C and Thunderbolt 3
TPD4E02B04-Q1 TI1-TPD4E02B04-Q1 Datasheet
1Mb / 22P
[Old version datasheet]   4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
TPD4E02B04 TI1-TPD4E02B04 Datasheet
2Mb / 21P
[Old version datasheet]   4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
logo
TECH PUBLIC Electronics...
TPD4E02B04DQAR-TP TECHPUBLIC-TPD4E02B04DQAR-TP Datasheet
1Mb / 5P
   4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
logo
Texas Instruments
ESD122 TI1-ESD122 Datasheet
1Mb / 28P
[Old version datasheet]   2-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
logo
TECH PUBLIC Electronics...
TPESD3636P TECHPUBLIC-TPESD3636P Datasheet
1Mb / 5P
   4=Channel ESD Protection Diode for USB Type=C and HDMI 2.0
logo
STMicroelectronics
ESDARF01-1BF4 STMICROELECTRONICS-ESDARF01-1BF4 Datasheet
159Kb / 13P
   ESD protection for AM and FM antenna
January 2013 Rev1
ESDARF01-1BM2 STMICROELECTRONICS-ESDARF01-1BM2 Datasheet
201Kb / 11P
   ESD protection for AM and FM antenna
logo
Texas Instruments
TPD1E04U04 TI1-TPD1E04U04 Datasheet
3Mb / 24P
[Old version datasheet]   TPD1E04U04 1-Channel ESD Protection Diode with Low RDYN for HDMI 2.0 and USB 3.0
logo
STMicroelectronics
TCPP01-M12 STMICROELECTRONICS-TCPP01-M12 Datasheet
2Mb / 25P
   USB type-C port protection
Rev 1 - September 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com