Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA6211A1-Q1 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TPA6211A1-Q1
Description  TPA6211A1-Q1 3.1-W Mono Fully Differential Audio Power Amplifier
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6211A1-Q1 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TPA6211A1-Q1 Datasheet HTML 15Page - Texas Instruments TPA6211A1-Q1 Datasheet HTML 16Page - Texas Instruments TPA6211A1-Q1 Datasheet HTML 17Page - Texas Instruments TPA6211A1-Q1 Datasheet HTML 18Page - Texas Instruments TPA6211A1-Q1 Datasheet HTML 19Page - Texas Instruments TPA6211A1-Q1 Datasheet HTML 20Page - Texas Instruments TPA6211A1-Q1 Datasheet HTML 21Page - Texas Instruments TPA6211A1-Q1 Datasheet HTML 22Page - Texas Instruments TPA6211A1-Q1 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
-3 dB
fc
c
I I
1
f
2 R C
S
F
I
R
Gain
R
19
TPA6211A1-Q1
www.ti.com
SBOS555C – JUNE 2011 – REVISED AUGUST 2016
Product Folder Links: TPA6211A1-Q1
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Table 4. Design Parameters
PARAMETER
EXAMPLE VALUE
Power supply voltage
2.5 V to 5.5 V
Current
4 mA to 5 mA
Shutdown
High > 1.55 V
Low < 0.5 V
Speaker
3
Ω, 4 Ω, or 8 Ω
8.2.1.2 Detailed Design Procedure
8.2.1.2.1
Resistors (RI)
The input resistor (RI) can be selected to set the gain of the amplifier according to Equation 18.
(18)
The internal feedback resistors (RF) are trimmed to 40 kΩ.
Resistor matching is very important in fully differential amplifiers. The balance of the output on the reference
voltage depends on matched ratios of the resistors. CMRR, PSRR, and the cancellation of the second harmonic
distortion diminishes if resistor mismatch occurs. Therefore, TI recommends 1%-tolerance resistors or better to
optimize performance.
8.2.1.2.2
Bypass Capacitor (CBYPASS) and Start-Up Time
The internal voltage divider at the BYPASS pin of this device sets a mid-supply voltage for internal references
and sets the output common mode voltage to VDD / 2. Adding a capacitor filters any noise into this pin, increasing
kSVR. CBYPASS also determines the rise time of VO+ and VO– when the device exits shutdown. The larger the
capacitor, the slower the rise time.
8.2.1.2.3
Input Capacitor (CI)
The TPA6211A1-Q1 device does not require input coupling capacitors when driven by a differential input source
biased from 0.5 V to VDD – 0.8 V. Use 1% tolerance or better gain-setting resistors if not using input coupling
capacitors.
In the single-ended input application, an input capacitor (CI) is required to allow the amplifier to bias the input
signal to the proper DC level. In this case, CI and RI form a high-pass filter with the corner frequency defined in
Equation 19.
(19)
Figure 32. Input Filter Cutoff Frequency
The value of CI is an important consideration, as it directly affects the bass (low frequency) performance of the
circuit. Consider the example where RI is 10 kΩ and the specification calls for a flat bass response down to
100 Hz. Equation 19 is reconfigured as Equation 20.


Similar Part No. - TPA6211A1-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6211A1-Q1 TI1-TPA6211A1-Q1 Datasheet
754Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1-Q1 TI1-TPA6211A1-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   3.1-W Mono Fully Differential Audio Power Amplifier
More results

Similar Description - TPA6211A1-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6211A1-Q1 TI1-TPA6211A1-Q1 Datasheet
754Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1 TI1-TPA6211A1_17 Datasheet
1Mb / 37P
[Old version datasheet]   3.1-W Mono Fully Differential Audio Power Amplifier
TPA6211A1 TI-TPA6211A1_07 Datasheet
1Mb / 29P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1 TI-TPA6211A1 Datasheet
593Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1 TI-TPA6211A1_15 Datasheet
874Kb / 32P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1 TI1-TPA6211A1 Datasheet
1Mb / 37P
[Old version datasheet]   3.1-W Mono Fully Differential Audio Power Amplifier
logo
Unisonic Technologies
PA6204 UTC-PA6204_17 Datasheet
164Kb / 7P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6203A1 TI-TPA6203A1_V01 Datasheet
2Mb / 36P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6204 UTC-PA6204 Datasheet
174Kb / 6P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA6204 EUTECH-EUA6204 Datasheet
379Kb / 12P
   1.36-W Mono Fully Differential Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com