Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4719 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4719
Description  300MHz Bandwidth, Dual SPDT Analog Switch in UCSP
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4719 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4719 Datasheet HTML 1Page - Maxim Integrated Products MAX4719 Datasheet HTML 2Page - Maxim Integrated Products MAX4719 Datasheet HTML 3Page - Maxim Integrated Products MAX4719 Datasheet HTML 4Page - Maxim Integrated Products MAX4719 Datasheet HTML 5Page - Maxim Integrated Products MAX4719 Datasheet HTML 6Page - Maxim Integrated Products MAX4719 Datasheet HTML 7Page - Maxim Integrated Products MAX4719 Datasheet HTML 8Page - Maxim Integrated Products MAX4719 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
20
, 300MHz Bandwidth, Dual SPDT Analog
Switch in UCSP
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—Single +5V Supply
(V+ = +4.2V to +5.5V, VIH = +2.0V, VIL = +0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at V+ = +5.0V,
TA = +25°C, unless otherwise noted.) (Notes 3, 4)
PARAMETER
SYMBOL
CONDITIONS
TA
MIN
TYP
MAX
UNITS
Analog Signal Range
VCOM_,
VNO_, VNC_
TMIN to
TMAX
0V+
V
ANALOG SWITCH
+25°C12
20
On-Resistance (Note 5)
RON
V+ = 4.2V, ICOM_ = 10mA;
VNO_ or VNC_ = 3.5V
TMIN to
TMAX
25
+25°C
0.15
0.4
On-Resistance Match Between
Channels (Notes 5, 6)
∆RON
V+ = 4.2V, ICOM_ = 10mA;
VNO_ or VNC_ = 3.5V
TMIN to
TMAX
0.5
+25°C
0.4
1
On-Resistance Flatness
(Note 7)
RFLAT(ON)
V+ = 4.2V, ICOM_ = 10mA;
VNO_ or VNC_ = 1.0V, 2.0V, 4.5V
TMIN to
TMAX
1.2
+25°C
-0.5
+0.01
+0.5
NO_, NC_ Off-Leakage Current
(Note 8)
INO_(OFF),
INC_(OFF)
V+ = 5.5V; VCOM_ = 1.0V, 4.5V;
VNO_ or VNC_ = 4.5V, 1.0V
TMIN to
TMAX
-1
+1
nA
+25°C
-1
+0.01
+1
COM_ On-Leakage Current
(Note 8)
ICOM_(ON)
V+ = 5.5V, VCOM_ = 1.0V, 4.5V;
VNO_ or VNC_ = 1.0V, 4.5V, or
floating
TMIN to
TMAX
-2
+2
nA
DYNAMIC CHARACTERISTICS
+25°C30
80
Turn-On Time
tON
VNO_, VNC_ = 3.0V;
RL = 300
Ω, CL = 35pF, Figure 1
TMIN to
TMAX
100
ns
+25°C20
40
Turn-Off Time
tOFF
VNO_, VNC_ = 3.0V;
RL = 300
Ω, CL = 35pF, Figure 1
TMIN to
TMAX
50
ns
+25°C8
Break-Before-Make Time Delay
(Note 8)
tBBM
VNO_, VNC_ = 3.0V;
RL = 300
Ω, CL = 35pF, Figure 2
TMIN to
TMAX
1
ns
DIGITAL I/O
Input Logic High Voltage
VIH
TMIN to
TMAX
2.0
V
Input Logic Low Voltage
VIL
TMIN to
TMAX
0.8
V
Input Leakage Current
IIN
V+ = 5.5V, VIN_ = 0V or V+
TMIN to
TMAX
-0.1
+0.1
µA


Similar Part No. - MAX4719

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX471 MAXIM-MAX471 Datasheet
120Kb / 12P
   Precision, High-Side Current-Sense Amplifiers
Rev 2; 12/96
MAX4711 MAXIM-MAX4711 Datasheet
411Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
MAX4711 MAXIM-MAX4711 Datasheet
894Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
MAX4711-MAX4713 MAXIM-MAX4711-MAX4713 Datasheet
411Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
MAX4711CPE MAXIM-MAX4711CPE Datasheet
411Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
More results

Similar Description - MAX4719

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4717 MAXIM-MAX4717 Datasheet
349Kb / 15P
   4.5 ??20 ?? 300MHz Bandwidth, Dual SPDT Analog Switches in UCSP
Rev 0; 10/02
MAX4717 MAXIM-MAX4717_05 Datasheet
313Kb / 16P
   4.5OHM/20OHM, 300MHz Bandwidth, Dual SPDT Analog Switches in UCSP
Rev 2; 9/05
logo
AiT Semiconductor Inc.
A4715 AITSEMI-A4715 Datasheet
809Kb / 12P
   DUAL SPDT ANALOG SWITCH 300MHz BANDWIDTH
REV1.0
logo
Union Semiconductor, In...
UM4258Q UNIONSEMI-UM4258Q_16 Datasheet
446Kb / 14P
   4.5(OHM) 300MHz Bandwidth Dual SPDT Analog Switch
UM4717 UNIONSEMI-UM4717_16 Datasheet
477Kb / 16P
   4.5(OHM) 300MHz Bandwidth Dual SPDT Analog Switch
logo
SG Micro Corp
SGM4717 SGMICRO-SGM4717 Datasheet
535Kb / 11P
   4.5廓, 300MHz Bandwidth, Dual, SPDT Analog Switch
SGM4717EP SGMICRO-SGM4717EP Datasheet
434Kb / 10P
   4.5廓, 300MHz Bandwidth, Dual, SPDT Analog Switch
logo
Union Semiconductor, In...
UM4717 UNIONSEMI-UM4717 Datasheet
433Kb / 16P
   4.5廓 300MHz Bandwidth Dual SPDT Analog Switch
logo
SG Micro Corp
SGM4717YD SGMICRO-SGM4717YD Datasheet
470Kb / 10P
   4.5廓, 300MHz Bandwidth, Dual, SPDT Analog Switch
logo
Union Semiconductor, In...
UM4258Q UNIONSEMI-UM4258Q Datasheet
309Kb / 14P
   4.5廓 300MHz Bandwidth Dual SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com