Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA2035D1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2035D1
Description  2.5-W MONO CLASS-D AUDIO AMPLIFIER WITH AUTO-RECOVERY
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2035D1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPA2035D1 Datasheet HTML 4Page - Texas Instruments TPA2035D1 Datasheet HTML 5Page - Texas Instruments TPA2035D1 Datasheet HTML 6Page - Texas Instruments TPA2035D1 Datasheet HTML 7Page - Texas Instruments TPA2035D1 Datasheet HTML 8Page - Texas Instruments TPA2035D1 Datasheet HTML 9Page - Texas Instruments TPA2035D1 Datasheet HTML 10Page - Texas Instruments TPA2035D1 Datasheet HTML 11Page - Texas Instruments TPA2035D1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
−90
−80
−70
−60
−50
−40
−30
20
100
1 k
10 k
VDD = 2.5 V
VDD = 5 V
f − Frequency − Hz
Inputs floating
RL = 8 Ω
VDD = 3.6 V
20 k
−90
−80
−70
−60
−50
−40
−30
20
100
1 k
20 k
VDD = 2.5 V
VDD = 3.6 V
f − Frequency − Hz
Inputs ac-grounded
CI = 2 µF
RL = 4 Ω
Gain = 2 V/V
VDD = 5 V
10 k
−90
−80
−70
−60
−50
−40
−30
20
100
1 k
20 k
f − Frequency − Hz
VDD = 2. 5 V
VDD = 3.6 V
VDD = 5 V
Inputs ac-grounded
CI = 2 µF
RL = 8 Ω
Gain = 2 V/V
10 k
C1 − High
3.6 V
C1 − Amp
512 mV
C1 − Duty
12%
t − Time − 2 ms/div
VDD
200 mV/div
VOUT
20 mV/div
−150
−100
−50
0
400
800
1200
1600
2000
−150
−100
−50
0
0
f − Frequency − Hz
VDD Shown in Figure 22
CI = 2 µF,
Inputs ac-grounded
Gain = 2V/V
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
1
2
3
4
5
VIC − Common Mode Input Voltage − V
VDD = 5 V,
Gain = 2
VDD = 2.5 V
VDD = 3.6 V
−75
−70
−65
−60
−55
−50
20
100
1 k
20 k
VDD = 3.6 V
f − Frequency − Hz
VIC = 200 mVPP
RL = 8 Ω
Gain = 2 V/V
10 k
−80
−70
−60
−50
−40
−30
−20
−10
0
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5 5
DC Common Mode Voltage − V
VDD = 2. 5 V
VDD = 3.6 V
VDD = 5 V
TPA2036D1
SLOS589 – OCTOBER 2008.............................................................................................................................................................................................. www.ti.com
SUPPLY RIPPLE REJECTION RATIO
SUPPLY RIPPLE REJECTION RATIO
SUPPLY RIPPLE REJECTION RATIO
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 19.
Figure 20.
GSM POWER SUPPLY REJECTION
GSM POWER SUPPLY REJECTION
vs
vs
TIME
FREQUENCY
Figure 22.
Figure 23.
SUPPLY RIPPLE REJECTION RATIO
COMMON-MODE REJECTION RATIO
COMMON-MODE REJECTION RATIO
vs
vs
vs
DC COMMON MODE VOLTAGE
FREQUENCY
COMMON-MODE INPUT VOLTAGE
Figure 24.
Figure 25.
Figure 26.
8
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPA2036D1


Similar Part No. - TPA2035D1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2035D1 TI-TPA2035D1 Datasheet
993Kb / 20P
[Old version datasheet]   2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2035D1YZFR TI-TPA2035D1YZFR Datasheet
993Kb / 20P
[Old version datasheet]   2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2035D1YZFT TI-TPA2035D1YZFT Datasheet
993Kb / 20P
[Old version datasheet]   2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA2035D1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2036D1 TI1-TPA2036D1_11 Datasheet
756Kb / 24P
[Old version datasheet]   2.5-W MONO CLASS-D AUDIO AMPLIFIER WITH AUTO-RECOVERY
TPA2036D1 TI-TPA2036D1 Datasheet
774Kb / 24P
[Old version datasheet]   2.5-W MONO CLASS-D AUDIO AMPLIFIER WITH AUTO-RECOVERY
logo
Eutech Microelectronics...
EUA2036 EUTECH-EUA2036 Datasheet
155Kb / 1P
   Low EMI, 2.8-W Mono Filterless Class-D Audio Power Amplifier with Auto-Recovery
logo
Texas Instruments
TPA2010D1 TI-TPA2010D1 Datasheet
415Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2031D1 TI-TPA2031D1 Datasheet
785Kb / 24P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_06 Datasheet
591Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_15 Datasheet
1,018Kb / 25P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2012A EUTECH-EUA2012A Datasheet
159Kb / 1P
   2.5-W/CH Stereo Filter-less Class-D Audio Power Amplifier with Auto-Recovery
logo
NXP Semiconductors
SA58672 NXP-SA58672 Datasheet
192Kb / 27P
   3.0 W mono class-D audio amplifier
Rev. 04-8 June 2009
SA58672 PHILIPS-SA58672_15 Datasheet
192Kb / 27P
   3.0 W mono class-D audio amplifier
Rev. 04-8 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com