Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA2036D1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2036D1
Description  2.5-W MONO CLASS-D AUDIO AMPLIFIER WITH AUTO-RECOVERY
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2036D1 Datasheet(HTML) 3 Page - Texas Instruments

  TPA2036D1 Datasheet HTML 1Page - Texas Instruments TPA2036D1 Datasheet HTML 2Page - Texas Instruments TPA2036D1 Datasheet HTML 3Page - Texas Instruments TPA2036D1 Datasheet HTML 4Page - Texas Instruments TPA2036D1 Datasheet HTML 5Page - Texas Instruments TPA2036D1 Datasheet HTML 6Page - Texas Instruments TPA2036D1 Datasheet HTML 7Page - Texas Instruments TPA2036D1 Datasheet HTML 8Page - Texas Instruments TPA2036D1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
ELECTRICAL CHARACTERISTICS
V
V
285 kW
R
I
300 kW
R
I
315 kW
R
I
OPERATING CHARACTERISTICS
TPA2036D1
www.ti.com.............................................................................................................................................................................................. SLOS589 – OCTOBER 2008
TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output offset voltage
|VOS|
VI = 0 V, AV = 2 V/V, VDD = 2.5 V to 5.5 V
1
25
mV
(measured differentially)
PSRR
Power supply rejection ratio
VDD = 2.5 V to 5.5 V
–75
–55
dB
VDD = 2.5 V to 5.5 V, VIC = VDD/2 to 0.5 V,
CMRR
Common mode rejection ratio
–68
–49
dB
VIC = VDD/2 to VDD –0.8 V
|IIH|
High-level input current
VDD = 5.5 V, VI = 5.8 V, SHUTDOWN
100
µA
|IIL|
Low-level input current
VDD = 5.5 V, VI = –0.3 V, SHUTDOWN
5
µA
VDD = 5.5 V, no load
3.4
4.9
I(Q)
Quiescent current
VDD = 3.6 V, no load
2.8
mA
VDD = 2.5 V, no load
2.2
3.2
I(SD)
Shutdown current
V(SHUTDOWN)= 0.35 V, VDD = 2.5 V to 5.5 V
0.5
2
µA
VDD = 2.5 V
700
Static drain-source on-state
rDS(on)
VDD = 3.6 V
500
m
resistance
VDD = 5.5 V
400
Output impedance in SHUTDOWN
V(SHUTDOWN) = 0.35 V
2
k
Short circuit detection threshold
2.3
A
f(sw)
Switching frequency
VDD = 2.5 V to 5.5 V
200
250
300
kHz
Gain
VDD = 2.5 V to 5.5 V
Resistance from SHUTDOWN to GND
300
k
TA = 25°C, Gain = 2 V/V, RL = 8 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD = 5 V
2.5
THD + N = 10%, f = 1 kHz, RL = 4 Ω
VDD = 3.6 V
1.3
W
VDD = 2.5 V
0.52
VDD = 5 V
2.08
THD + N = 1%, f = 1 kHz, RL = 4 Ω
VDD = 3.6 V
1.06
W
VDD = 2.5 V
0.42
PO
Output power
VDD = 5 V
1.45
THD + N = 10%, f = 1 kHz, RL = 8 Ω
VDD = 3.6 V
0.73
W
VDD = 2.5 V
0.33
VDD = 5 V
1.19
THD + N = 1%, f = 1 kHz, RL = 8 Ω
VDD = 3.6 V
0.59
W
VDD = 2.5 V
0.26
VDD = 5 V, PO = 1 W, RL = 8 Ω, f = 1 kHz
0.18%
Total harmonic distortion plus
THD+N
VDD = 3.6 V, PO = 0.5 W, RL = 8 Ω, f = 1 kHz
0.19%
noise
VDD = 2.5 V, PO = 200 mW, RL = 8 Ω, f = 1 kHz
0.20%
VDD = 3.6 V, Inputs ac-grounded
f = 217 Hz,
kSVR
Supply ripple rejection ratio
–67
dB
with CI = 2 µF
V(RIPPLE) = 200 mVpp
SNR
Signal-to-noise ratio
VDD = 5 V, PO = 1 W, RL = 8 Ω
97
dB
No weighting
48
VDD = 3.6 V, f = 20 Hz to 20 kHz,
Vn
Output voltage noise
µV
RMS
Inputs ac-grounded with CI = 2 µF
A weighting
36
CMRR
Common mode rejection ratio
VDD = 3.6 V, VIC = 1 Vpp
f = 217 Hz
–63
dB
ZI
Input impedance
142
150
158
k
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPA2036D1


Similar Part No. - TPA2036D1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2036D1 TI-TPA2036D1 Datasheet
774Kb / 24P
[Old version datasheet]   2.5-W MONO CLASS-D AUDIO AMPLIFIER WITH AUTO-RECOVERY
TPA2036D1YZF TI-TPA2036D1YZF Datasheet
774Kb / 24P
[Old version datasheet]   2.5-W MONO CLASS-D AUDIO AMPLIFIER WITH AUTO-RECOVERY
TPA2036D1YZF TI1-TPA2036D1YZF Datasheet
756Kb / 24P
[Old version datasheet]   2.5-W MONO CLASS-D AUDIO AMPLIFIER WITH AUTO-RECOVERY
TPA2036D1 TI1-TPA2036D1_11 Datasheet
756Kb / 24P
[Old version datasheet]   2.5-W MONO CLASS-D AUDIO AMPLIFIER WITH AUTO-RECOVERY
More results

Similar Description - TPA2036D1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2036D1 TI1-TPA2036D1_11 Datasheet
756Kb / 24P
[Old version datasheet]   2.5-W MONO CLASS-D AUDIO AMPLIFIER WITH AUTO-RECOVERY
TPA2036D1 TI-TPA2036D1 Datasheet
774Kb / 24P
[Old version datasheet]   2.5-W MONO CLASS-D AUDIO AMPLIFIER WITH AUTO-RECOVERY
logo
Eutech Microelectronics...
EUA2036 EUTECH-EUA2036 Datasheet
155Kb / 1P
   Low EMI, 2.8-W Mono Filterless Class-D Audio Power Amplifier with Auto-Recovery
logo
Texas Instruments
TPA2010D1 TI-TPA2010D1 Datasheet
415Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2031D1 TI-TPA2031D1 Datasheet
785Kb / 24P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_06 Datasheet
591Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_15 Datasheet
1,018Kb / 25P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2012A EUTECH-EUA2012A Datasheet
159Kb / 1P
   2.5-W/CH Stereo Filter-less Class-D Audio Power Amplifier with Auto-Recovery
logo
NXP Semiconductors
SA58672 NXP-SA58672 Datasheet
192Kb / 27P
   3.0 W mono class-D audio amplifier
Rev. 04-8 June 2009
SA58672 PHILIPS-SA58672_15 Datasheet
192Kb / 27P
   3.0 W mono class-D audio amplifier
Rev. 04-8 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com