Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA2032D1 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPA2032D1
Description  2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2032D1 Datasheet(HTML) 4 Page - Texas Instruments

  TPA2032D1_16 Datasheet HTML 1Page - Texas Instruments TPA2032D1_16 Datasheet HTML 2Page - Texas Instruments TPA2032D1_16 Datasheet HTML 3Page - Texas Instruments TPA2032D1_16 Datasheet HTML 4Page - Texas Instruments TPA2032D1_16 Datasheet HTML 5Page - Texas Instruments TPA2032D1_16 Datasheet HTML 6Page - Texas Instruments TPA2032D1_16 Datasheet HTML 7Page - Texas Instruments TPA2032D1_16 Datasheet HTML 8Page - Texas Instruments TPA2032D1_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
www.ti.com
FUNCTIONAL BLOCK DIAGRAM
Input
Buffer
SC
300K
TPA2032D1
TPA2033D1
TPA2034D1
SLOS476 – JUNE 2006
OPERATING CHARACTERISTICS (continued)
T
A = 25°C, RL = 8 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
No weighting
35
VDD = 3.6 V, f = 20 Hz to 20 kHz,
Vn
Output voltage noise
µV
RMS
Inputs AC grounded with Ci = 1 µF
A weighting
27
VDD = 3.6 V, VIC = 1.0 Vpp , VCm = 1.8
CMRR Common mode rejection ratio
f = 217 Hz
–69
dB
V
AV = 2 V/V
30.2
RI
Input impedance
AV = 3 V/V
22.8
k
AV = 4 V/V
18.5
Start-up time from shutdown
VDD = 3.6 V
3.2
ms
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
YZF
IN–
C1
I
Negative differential audio input
IN+
A1
I
Positive differential audio input
VO-
A3
O
Negative BTL audio output
VO+
C3
O
Positive BTL audio output
Analog ground terminal. Must be connected to same potential as PGND using a direct connection
GND
A2
I
to a single point ground.
High-current Analog ground terminal. Must be connected to same potential as GND using a direct
PGND
B3
connection to a single point ground.
VDD
B1
I
Power supply terminal. Must be connected to same power supply as PVDD using a direct
connection. Voltage must be within values listed in Recommended Operating Conditions table.
High-current Power supply terminal. Must be connected to same power supply as VDD using a
PVDD
B2
I
direct connection. Voltage must be within values listed in Recommended Operating Conditions
table.
SHUTDOWN
C2
I
Shutdown terminal. When terminal is low the device is put into Shutdown mode.
4
Submit Documentation Feedback


Similar Part No. - TPA2032D1_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2032D1YZF TI1-TPA2032D1YZF Datasheet
1Mb / 19P
[Old version datasheet]   2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA2032D1_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2032D1 TI-TPA2032D1 Datasheet
867Kb / 17P
[Old version datasheet]   2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2034D1YZFR TI1-TPA2034D1YZFR Datasheet
1Mb / 19P
[Old version datasheet]   2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2035D1 TI-TPA2035D1 Datasheet
993Kb / 20P
[Old version datasheet]   2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA3000D1 TI-TPA3000D1 Datasheet
262Kb / 19P
[Old version datasheet]   17-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1 Datasheet
415Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI-TPA2005D1-Q1 Datasheet
867Kb / 24P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1DRBRG4 TI1-TPA2005D1DRBRG4 Datasheet
1Mb / 32P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_15 Datasheet
1,018Kb / 25P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2031D1 TI-TPA2031D1 Datasheet
785Kb / 24P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_06 Datasheet
591Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com