Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPA721 Datasheet(PDF) 15 Page - Texas Instruments

Part No. TPA721
Description  700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA721 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TPA721_16 Datasheet HTML 11Page - Texas Instruments TPA721_16 Datasheet HTML 12Page - Texas Instruments TPA721_16 Datasheet HTML 13Page - Texas Instruments TPA721_16 Datasheet HTML 14Page - Texas Instruments TPA721_16 Datasheet HTML 15Page - Texas Instruments TPA721_16 Datasheet HTML 16Page - Texas Instruments TPA721_16 Datasheet HTML 17Page - Texas Instruments TPA721_16 Datasheet HTML 18Page - Texas Instruments TPA721_16 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
www.ti.com
APPLICATION SCHEMATICS
Audio
Input
Bias
Control
VDD
700 mW
6
5
7
VO+
VDD
1
2
4
BYPASS
IN–
VDD/2
CI
CS
1
µF
CB
2.2
µF
SHUTDOWN
VO– 8
GND
From System Control
3
IN+
RI
10 k
RF
50 k
+
+
COMPONENT SELECTION
Gain-Setting Resistors, RF and RI
BTL gain + * 2
R
F
R
I
(5)
Effective impedance +
R
F
R
I
R
F )
R
I
(6)
TPA721
SLOS231E – NOVEMBER 1998 – REVISED JUNE 2004
Figure 26 is a schematic diagram of a typical handheld audio application circuit, configured for a gain of –10 V/V.
Figure 26. TPA721 Application Circuit
The following sections discuss the selection of the components used in Figure 26.
The gain for each audio input of the TPA721 is set by resistors RF and RI according to Equation 5 for BTL mode.
BTL mode operation brings about the factor 2 in the gain equation due to the inverting amplifier mirroring the
voltage swing across the load. Given that the TPA721 is a MOS amplifier, the input impedance is high;
consequently, input leakage currents are not generally a concern, although noise in the circuit increases as the
value of RF increases. In addition, a certain range of RF values is required for proper startup operation of the
amplifier. Taken together, it is recommended that the effective impedance seen by the inverting node of the
amplifier be set between 5 k
Ω and 20 kΩ. The effective impedance is calculated in Equation 6.
As an example, consider an input resistance of 10 k
Ω and a feedback resistor of 50 kΩ. The BTL gain of the
amplifier would be –10 V/V, and the effective impedance at the inverting terminal would be 8.3 k
Ω, which is well
within the recommended range.
For high-performance applications, metal film resistors are recommended because they tend to have lower noise
levels than carbon resistors. For values of RF above 50 kΩ, the amplifier tends to become unstable due to a pole
formed from RF and the inherent input capacitance of the MOS input structure. For this reason, a small
compensation capacitor of approximately 5 pF should be placed in parallel with RF when RF is greater than
50 k
Ω. This, in effect, creates a low-pass filter network with the cutoff frequency defined in Equation 7.
15


Similar Part No. - TPA721_16

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPA721 TI-TPA721_15 Datasheet
774Kb / 28P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
More results

Similar Description - TPA721_16

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPA711 TI-TPA711_07 Datasheet
945Kb / 37P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA721 TI-TPA721_07 Datasheet
688Kb / 24P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA701 TI-TPA701_15 Datasheet
896Kb / 29P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA711 TI-TPA711 Datasheet
515Kb / 32P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA711 TI-TPA711_15 Datasheet
1Mb / 39P
[Old version datasheet]   700-MW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA701 TI-TPA701_07 Datasheet
726Kb / 25P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA701 TI-TPA701 Datasheet
329Kb / 22P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA721 TI-TPA721 Datasheet
329Kb / 22P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA721 TI-TPA721_15 Datasheet
774Kb / 28P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA751 TI-TPA751_15 Datasheet
745Kb / 29P
[Old version datasheet]   700-MW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz