Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA0202 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPA0202
Description  2-W STEREO AUDIO POWER AMPLIFIER
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA0202 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPA0202 Datasheet HTML 6Page - Texas Instruments TPA0202 Datasheet HTML 7Page - Texas Instruments TPA0202 Datasheet HTML 8Page - Texas Instruments TPA0202 Datasheet HTML 9Page - Texas Instruments TPA0202 Datasheet HTML 10Page - Texas Instruments TPA0202 Datasheet HTML 11Page - Texas Instruments TPA0202 Datasheet HTML 12Page - Texas Instruments TPA0202 Datasheet HTML 13Page - Texas Instruments TPA0202 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
TPA0202
2-W STEREO AUDIO POWER AMPLIFIER
SLOS205B – FEBRUARY 1998 – REVISED DECEMBER 2000
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 13
0.1
0.01
0.1
1
10
12
f = 20 kHz
f = 1 kHz
f = 20 Hz
PO – Output Power – W
VDD = 3.3 V
RL = 3 Ω
AV = –2 V/V
BTL
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
OUTPUT POWER
Figure 14
0.1
0.01
20
100
1 k
1
10
10 k
20 k
f – Frequency – Hz
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
FREQUENCY
AV = –20 V/V
AV = –10 V/V
AV = –2 V/V
VDD = 3.3 V
PO = 0.4 W
RL = 8 Ω
BTL
Figure 15
PO = 0.4 W
PO = 0.25 W
PO = 0.1 W
VDD = 3.3 V
RL = 8 Ω
AV = –2 V/V
BTL
0.1
0.01
20
100
1 k
1
10
10 k 20 k
f – Frequency – Hz
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
FREQUENCY
Figure 16
0.1
0.01
0.01
0.1
1
10
110
f = 20 kHz
f = 1 kHz
f = 20 Hz
PO – Output Power – W
VDD = 3.3 V
RL = 8 Ω
AV = –2 V/V
BTL
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
OUTPUT POWER


Similar Part No. - TPA0202

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0202 TI-TPA0202 Datasheet
803Kb / 42P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER
TPA0202PWP TI-TPA0202PWP Datasheet
803Kb / 42P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER
More results

Similar Description - TPA0202

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2020A ANPEC-APA2020A Datasheet
638Kb / 25P
   Stereo 2-W Audio Power Amplifier
logo
Texas Instruments
TPA0202 TI-TPA0202 Datasheet
803Kb / 42P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER
logo
Anpec Electronics Corop...
APA2020 ANPEC-APA2020 Datasheet
269Kb / 25P
   Stereo 2-W Audio Power Amplifier
logo
Unisonic Technologies
PA0202 UTC-PA0202 Datasheet
230Kb / 11P
   2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
logo
Texas Instruments
TPA005D02 TI-TPA005D02 Datasheet
381Kb / 25P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D14 TI-TPA005D14 Datasheet
420Kb / 29P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D02 TI1-TPA005D02_10 Datasheet
379Kb / 25P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA3202 UTC-PA3202_15 Datasheet
351Kb / 11P
   2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
logo
Texas Instruments
TPA0172 TI1-TPA0172_16 Datasheet
964Kb / 37P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA5202 EUTECH-EUA5202 Datasheet
680Kb / 23P
   2-W Stereo Audio Power Amplifier with Mute
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com