Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA0242 Datasheet(PDF) 18 Page - Texas Instruments

Part # TPA0242
Description  STEREO 2.8-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA0242 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPA0242_16 Datasheet HTML 14Page - Texas Instruments TPA0242_16 Datasheet HTML 15Page - Texas Instruments TPA0242_16 Datasheet HTML 16Page - Texas Instruments TPA0242_16 Datasheet HTML 17Page - Texas Instruments TPA0242_16 Datasheet HTML 18Page - Texas Instruments TPA0242_16 Datasheet HTML 19Page - Texas Instruments TPA0242_16 Datasheet HTML 20Page - Texas Instruments TPA0242_16 Datasheet HTML 21Page - Texas Instruments TPA0242_16 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
www.ti.com
Volume Control Operation
Decreasing Voltage on
VOLUME Terminal
Increasing Voltage on
VOLUME Terminal
1.17
1.36
1.25
1.29
−2
0
2
Voltage on VOLUME Pin − V
INPUT RESISTANCE
C
R
IN
Ri
Rf
Input Signal
TPA0242
SLOS287C – NOVEMBER 1999 – REVISED SEPTEMBER 2004
APPLICATION INFORMATION (continued)
The VOLUME pin controls the volume of the TPA0242. It is controlled with a dc voltage, which should not exceed
VDD. The gain voltages on the VOLUME pin are given in the Typical Characteristics section.
The trip point, where the gain actually changes, is different depending on whether the voltage on the VOLUME
terminal is increasing or decreasing as a result of hysteresis about each trip point. The hysteresis ensures that
the gain control is monotonic and does not oscillate from one gain step to another. A pictorial representation of
the volume control can be found in Figure 33. The graph focuses on three gain steps with the trip points defined
in the first and second columns of the Typical DC Volume Control table. The dotted lines represent the hysteresis
about each gain step.
Figure 33. DC Volume Control Operation
The gain is set by varying the input resistance of the amplifier, which can range from its smallest value to over
six times that value. As a result, if a single capacitor is used in the input high pass filter, the –3 dB or cut-off
frequency also changes by over six times. Connecting an additional resistor from the input pin of the amplifier to
ground, as shown in Figure 34, reduces the cutoff-frequency variation.
Figure 34. Resistor on Input for Cut-Off Frequency
The input resistance at each gain setting is given in the graph for Input Impedance vs Gain in the Typical
Characteristics section.
The –3-dB frequency can be calculated using Equation 1.
18


Similar Part No. - TPA0242_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0242PWP TI-TPA0242PWP Datasheet
444Kb / 29P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
More results

Similar Description - TPA0242_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0132 TI1-TPA0132_15 Datasheet
476Kb / 30P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0142 TI1-TPA0142_16 Datasheet
492Kb / 32P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0232 TI-TPA0232 Datasheet
449Kb / 30P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
TPA0242 TI-TPA0242 Datasheet
444Kb / 29P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
TPA0152 TI1-TPA0152_16 Datasheet
967Kb / 36P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0162 TI1-TPA0162_16 Datasheet
972Kb / 36P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI-TPA0252 Datasheet
493Kb / 29P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI-TPA0252_07 Datasheet
800Kb / 32P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI1-TPA0252_16 Datasheet
929Kb / 35P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0132 TI-TPA0132 Datasheet
449Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com