Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA0142 Datasheet(PDF) 26 Page - Texas Instruments

Part # TPA0142
Description  2.8-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA0142 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TPA0142_16 Datasheet HTML 22Page - Texas Instruments TPA0142_16 Datasheet HTML 23Page - Texas Instruments TPA0142_16 Datasheet HTML 24Page - Texas Instruments TPA0142_16 Datasheet HTML 25Page - Texas Instruments TPA0142_16 Datasheet HTML 26Page - Texas Instruments TPA0142_16 Datasheet HTML 27Page - Texas Instruments TPA0142_16 Datasheet HTML 28Page - Texas Instruments TPA0142_16 Datasheet HTML 29Page - Texas Instruments TPA0142_16 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
www.ti.com
SE/BTL OPERATION
ROUT+
21
R
MUX
RHPIN
RLINEIN
+
23
20
8
RIN
ROUT−
16
+
1 k
COUTR
330
µF
100 k
SE/BTL
15
100 k
VDD
32-Step
Volume
Control
32-Step
Volume
Control
TPA0142
SLOS248E – JUNE 1999 – REVISED SEPTEMBER 2004
The ability of the TPA0142 to easily switch between BTL and SE modes is one of its most important cost-saving
features. This feature eliminates the requirement for an additional headphone amplifier in applications where
internal stereo speakers are driven in BTL mode but external headphone or speakers must be accommodated.
Two separate internal amplifiers drive OUT+ and OUT–. The SE/BTL input controls the operation of the follower
amplifier that drives LOUT– and ROUT–. When SE/BTL is held low, the amplifier is on and the device is in the
BTL mode. When SE/BTL is held high, the OUT– amplifiers are in a high output-impedance state, which
configures the device outputs as SE drivers from LOUT+ and ROUT+. IDD is reduced by approximately one-half
in SE mode. Control of the SE/BTL input can be from a logic-level CMOS source or, more typically, from a
resistor-divider network as shown in Figure 38.
Figure 38. TPA0142 Resistor Divider Network Circuit
Using a readily-available 1/8-in. (3,5 mm) stereo headphone jack, the control switch is closed when no plug is
inserted. When closed, the 100-k
Ω/1-kΩ divider pulls the SE/BTL input low. When a plug is inserted, the 1-kΩ
resistor is disconnected and the SE/BTL input is pulled high. When the input goes high, the OUT– amplifier is
shut down, muting the speaker (virtually open-circuits the speaker). The OUT+ amplifier then drives through the
output capacitor (CO) into the headphone jack.
26


Similar Part No. - TPA0142_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0142PWP TI-TPA0142PWP Datasheet
455Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
More results

Similar Description - TPA0142_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0132 TI1-TPA0132_15 Datasheet
476Kb / 30P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0152 TI1-TPA0152_16 Datasheet
967Kb / 36P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0242 TI1-TPA0242_16 Datasheet
494Kb / 32P
[Old version datasheet]   STEREO 2.8-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
TPA0162 TI1-TPA0162_16 Datasheet
972Kb / 36P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI-TPA0252 Datasheet
493Kb / 29P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI-TPA0252_07 Datasheet
800Kb / 32P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI1-TPA0252_16 Datasheet
929Kb / 35P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0132 TI-TPA0132 Datasheet
449Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0142 TI-TPA0142 Datasheet
455Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Eutech Microelectronics...
EUA6029 EUTECH-EUA6029 Datasheet
673Kb / 16P
   2.5-W Stereo Audio Power Amplifier with Advanced DC Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com