Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA112DGN Datasheet(PDF) 6 Page - Texas Instruments

Part # TPA112DGN
Description  150-mW STEREO AUDIO POWER AMPLIFIER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA112DGN Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPA112DGN Datasheet HTML 2Page - Texas Instruments TPA112DGN Datasheet HTML 3Page - Texas Instruments TPA112DGN Datasheet HTML 4Page - Texas Instruments TPA112DGN Datasheet HTML 5Page - Texas Instruments TPA112DGN Datasheet HTML 6Page - Texas Instruments TPA112DGN Datasheet HTML 7Page - Texas Instruments TPA112DGN Datasheet HTML 8Page - Texas Instruments TPA112DGN Datasheet HTML 9Page - Texas Instruments TPA112DGN Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
www.ti.com
10 kHz
0.1
0.01
1
10
PO − Output Power − mW
1
10
50
VDD = 3.3 V
RL = 32 Ω
AV = 1 V/V
CB = 1 µF
20 kHz
1 kHz
20 Hz
0.1
0.01
0.001
1
10
20
100
1k
10k
20k
VDD = 5 V
PO = 60 mW
RL = 32 Ω
CB = 1 µF
AV = 10 mW
f − Frequency − Hz
AV = 5 mW
AV = 1 mW
0.1
0.01
0.001
1
10
20
100
1k
10k
20k
VDD = 5 V
RL = 32 Ω
AV = 1 V/V
CB = 1 µF
PO = 15 mW
f − Frequency − Hz
PO = 30 mW
PO = 60 mW
20 kHz
0.1
0.01
1
10
PO − Output Power − W
VDD = 5 V
AV = 1 V/V
RL = 32 Ω
CB = 1 µF
10 kHz
1 kHz
20 Hz
0.002
0.01
0.1
0.2
TPA112
SLOS212E – AUGUST 1998 – REVISED JUNE 2004
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
OUTPUT POWER
FREQUENCY
Figure 3.
Figure 4.
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
FREQUENCY
OUTPUT POWER
Figure 5.
Figure 6.
6


Similar Part No. - TPA112DGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA112DGN TI-TPA112DGN Datasheet
472Kb / 28P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
More results

Similar Description - TPA112DGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6112A2 TI-TPA6112A2_15 Datasheet
820Kb / 25P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI1-TPA6111A2_17 Datasheet
1Mb / 29P
[Old version datasheet]   150-mW Stereo Audio Power Amplifier
TPA6111A2 TI-TPA6111A2 Datasheet
509Kb / 21P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6110A2 TI-TPA6110A2_15 Datasheet
936Kb / 24P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_15 Datasheet
1Mb / 27P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6112A2 TI-TPA6112A2 Datasheet
414Kb / 17P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA112 TI-TPA112 Datasheet
472Kb / 28P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_07 Datasheet
740Kb / 23P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA102 TI-TPA102 Datasheet
416Kb / 23P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA122 TI1-TPA122_16 Datasheet
1Mb / 31P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6110A2 TI-TPA6110A2 Datasheet
381Kb / 17P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com