Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5104SDX Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM5104SDX
Description  High Voltage Half-Bridge Gate Driver with Adaptive Delay
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5104SDX Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM5104SDX Datasheet HTML 1Page - National Semiconductor (TI) LM5104SDX Datasheet HTML 2Page - National Semiconductor (TI) LM5104SDX Datasheet HTML 3Page - National Semiconductor (TI) LM5104SDX Datasheet HTML 4Page - National Semiconductor (TI) LM5104SDX Datasheet HTML 5Page - National Semiconductor (TI) LM5104SDX Datasheet HTML 6Page - National Semiconductor (TI) LM5104SDX Datasheet HTML 7Page - National Semiconductor (TI) LM5104SDX Datasheet HTML 8Page - National Semiconductor (TI) LM5104SDX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Electrical Characteristics Specifications in standard typeface are for T
J = +25˚C, and those in boldface type
apply over the full operating junction temperature range. Unless otherwise specified, V
DD =VHB = 12V, VSS =VHS = 0V,
RT = 100k
Ω. No Load on LO or HO. (Continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
OHH
High-Level Output Voltage
I
HO = –100 mA,
V
OHH =VHB –VHO
0.35
0.55
V
I
OHH
Peak Pullup Current
V
HO = 0V
1.6
A
I
OLH
Peak Pulldown Current
V
HO = 12V
1.8
A
THERMAL RESISTANCE
θ
JA
Junction to Ambient
SOIC-8
170
˚C/W
LLP-10 (Note 3)
40
Switching Characteristics Specifications in standard typeface are for T
J = +25˚C, and those in boldface
type apply over the full operating junction temperature range. Unless otherwise specified, V
DD =VHB = 12V, VSS =VHS =
0V, No Load on LO or HO .
Symbol
Parameter
Conditions
Min
Typ
Max
Units
t
LPHL
Lower Turn-Off Propagation Delay (IN
Rising to LO Falling)
25
56
ns
t
HPHL
Upper Turn-Off Propagation Delay (IN
Falling to HO Falling)
25
56
ns
t
RC,tFC
Either Output Rise/Fall Time
C
L = 1000 pF
15
ns
t
R,tF
Either Output Rise/Fall Time
(3V to 9V)
C
L = 0.1 µF
0.6
µs
t
BS
Bootstrap Diode Turn-Off Time
I
F = 20 mA, IR = 200 mA
50
ns
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under which operation of
the device is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed performance limits and associated test conditions, see the
Electrical Characteristics tables.
Note 2: The human body model is a 100 pF capacitor discharged through a 1.5k
Ω resistor into each pin. 2 kV for all pins except Pin 2, Pin 3 and Pin 4 which are
rated at 500V.
Note 3: 4 layer board with Cu finished thickness 1.5/1/1/1.5 oz. Maximum die size used. 5x body length of Cu trace on PCB top. 50 x 50mm ground and power
planes embedded in PCB. See Application Note AN-1187.
Note 4: Min and Max limits are 100% production tested at 25˚C. Limits over the operating temperature range are guaranteed through correlation using Statistical
Quality Control (SQC) methods. Limits are used to calculate National’s Average Outgoing Quality Level (AOQL).
Note 5: The
θJA is not a given constant for the package and depends on the printed circuit board design and the operating environment.
www.national.com
4


Similar Part No. - LM5104SDX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5104SDX/NOPB TI-LM5104SDX/NOPB Datasheet
959Kb / 23P
[Old version datasheet]   High-Voltage Half-Bridge Gate Driver With Adaptive Delay
More results

Similar Description - LM5104SDX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5104 TI-LM5104_15 Datasheet
959Kb / 23P
[Old version datasheet]   High-Voltage Half-Bridge Gate Driver With Adaptive Delay
SM74104 TI-SM74104 Datasheet
1Mb / 25P
[Old version datasheet]   SM74104 High Voltage Half-Bridge Gate Driver with Adaptive Delay
logo
National Semiconductor ...
LM5102 NSC-LM5102 Datasheet
368Kb / 13P
   High Voltage Half-Bridge Gate Driver with Programmable Delay
logo
Texas Instruments
LM5102MM TI1-LM5102MM Datasheet
958Kb / 19P
[Old version datasheet]   LM5102 High Voltage Half-Bridge Gate Driver with Programmable Delay
LM5102 TI-LM5102_15 Datasheet
957Kb / 22P
[Old version datasheet]   LM5102 High-Voltage Half-Bridge Gate Driver With Programmable Delay
logo
Intersil Corporation
HIP5500 INTERSIL-HIP5500 Datasheet
922Kb / 12P
   High Voltage IC Half Bridge Gate Driver
logo
Alpha & Omega Semicondu...
AGD8252B1 AOSMD-AGD8252B1 Datasheet
516Kb / 9P
   High Voltage Half-Bridge Gate Driver IC
Rev. 1.1 October 2018
logo
STMicroelectronics
STDRIVE601 STMICROELECTRONICS-STDRIVE601 Datasheet
406Kb / 26P
   Triple half-bridge high-voltage gate driver
April 2021 Rev 2
logo
National Semiconductor ...
LM5109B NSC-LM5109B Datasheet
272Kb / 10P
   High Voltage 1A Peak Half Bridge Gate Driver
LM5109A NSC-LM5109A Datasheet
663Kb / 9P
   High Voltage 1A Peak Half Bridge Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com