Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA102 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPA102
Description  150-mW STEREO AUDIO POWER AMPLIFIER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA102 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPA102 Datasheet HTML 6Page - Texas Instruments TPA102 Datasheet HTML 7Page - Texas Instruments TPA102 Datasheet HTML 8Page - Texas Instruments TPA102 Datasheet HTML 9Page - Texas Instruments TPA102 Datasheet HTML 10Page - Texas Instruments TPA102 Datasheet HTML 11Page - Texas Instruments TPA102 Datasheet HTML 12Page - Texas Instruments TPA102 Datasheet HTML 13Page - Texas Instruments TPA102 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
www.ti.com
20
100
20k
f − Frequency − Hz
1k
−50
−70
−90
−60
−80
−100
VDD = 3.3 V
RL = 8 Ω to 10 kΩ
−40
−10
−30
0
−20
10k
CB = 0.1 µF
CB = 1 µF
CB = 2 µF
Bypass = 1.65 V
20
100
20k
f − Frequency − Hz
1k
−50
−70
−90
−60
−80
−100
VDD = 5 V
RL = 8 Ω to 10 kΩ
−40
−10
−30
0
−20
10k
CB = 0.1 µF
CB = 1 µF
CB = 2 µF
Bypass = 2.5 V
20
f − Frequency − Hz
20
100
1k
10k
20k
VDD = 3.3 V
BW = 10 Hz to 22 kHz
AV = −1 V/V
RL = 8 Ω to 10 kΩ
10
1
1
10
20
f − Frequency − Hz
20
100
1k
10k
20k
VDD = 5 V
BW = 10 Hz to 22 kHz
RL = 8 Ω to 10 kΩ
AV = −1 V/V
TPA102
SLOS213D – AUGUST 1998 – REVISED SEPTEMBER 2004
SUPPLY RIPPLE REJECTION RATIO
SUPPLY RIPPLE REJECTION RATIO
vs
vs
FREQUENCY
FREQUENCY
Figure 19.
Figure 20.
OUTPUT NOISE VOLTAGE
OUTPUT NOISE VOLTAGE
vs
vs
FREQUENCY
FREQUENCY
Figure 21.
Figure 22.
10


Similar Part No. - TPA102

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA102 TI-TPA102 Datasheet
416Kb / 23P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA102DGN TI-TPA102DGN Datasheet
416Kb / 23P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
More results

Similar Description - TPA102

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6112A2 TI-TPA6112A2_15 Datasheet
820Kb / 25P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI1-TPA6111A2_17 Datasheet
1Mb / 29P
[Old version datasheet]   150-mW Stereo Audio Power Amplifier
TPA6111A2 TI-TPA6111A2 Datasheet
509Kb / 21P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6110A2 TI-TPA6110A2_15 Datasheet
936Kb / 24P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_15 Datasheet
1Mb / 27P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6112A2 TI-TPA6112A2 Datasheet
414Kb / 17P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA112 TI-TPA112 Datasheet
472Kb / 28P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_07 Datasheet
740Kb / 23P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA102 TI-TPA102 Datasheet
416Kb / 23P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA122 TI1-TPA122_16 Datasheet
1Mb / 31P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6110A2 TI-TPA6110A2 Datasheet
381Kb / 17P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com