Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA0102PWP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPA0102PWP
Description  1.5-W STEREO AUDIO POWER AMPLIFIER
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA0102PWP Datasheet(HTML) 2 Page - Texas Instruments

  TPA0102PWP Datasheet HTML 1Page - Texas Instruments TPA0102PWP Datasheet HTML 2Page - Texas Instruments TPA0102PWP Datasheet HTML 3Page - Texas Instruments TPA0102PWP Datasheet HTML 4Page - Texas Instruments TPA0102PWP Datasheet HTML 5Page - Texas Instruments TPA0102PWP Datasheet HTML 6Page - Texas Instruments TPA0102PWP Datasheet HTML 7Page - Texas Instruments TPA0102PWP Datasheet HTML 8Page - Texas Instruments TPA0102PWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 45 page
background image
TPA0102
1.5-W STEREO AUDIO POWER AMPLIFIER
SLOS166E – MARCH 1997 – REVISED MARCH 2000
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description
The TPA0102 is a stereo audio power amplifier in a 24-pin TSSOP thermal package capable of delivering
greater than 1.5 W of continuous RMS power per channel into 4-
Ω loads. This device functionality provides a
very efficient upgrade path from the TPA4860 and TPA4861 mono amplifiers where three separate devices are
required for stereo applications: two for speaker drive, plus a third for headphone drive. The TPA0102 simplifies
design and frees up board space for other features. Full power distortion levels of less than 0.1% THD+N from
a 5-V supply are typical. This provides significant improvement in fidelity for speech and music over the popular
TPA4860/61 series. Low-voltage applications are also well served by the TPA0102 providing 600-mW per
channel into 4-
Ω loads with a 3.3-V supply voltage.
Amplifier gain is externally configured by means of two resistors per input channel and does not require external
compensation for settings of 2 to 20 in BTL mode (1 to 10 in SE mode). An internal input MUX allows two sets
of stereo inputs to the amplifier. In notebook applications, where internal speakers are driven as BTL and the
line (often headphone drive) outputs are required to be SE, the TPA0102 automatically switches into SE mode
when the SE/BTL input is activated. Using the TPA0102 to drive line outputs up to 500 mW/channel into external
4
Ω loads is ideal for small non-powered external speakers in portable multimedia systems. The TPA0102 also
features a shutdown function for power sensitive applications, holding the supply current below 5
µA. In
speakerphone or other monaural applications, the TPA0102 is configured through the power supply terminals
to activate only half of the amplifier which reduces supply current by approximately one-half over stereo
applications.
The PowerPAD package (PWP) delivers a level of thermal performance that was previously achievable only
in TO-220-type packages. Thermal impedances of approximately 35
°C/W are readily realized in multilayer PCB
applications. This allows the TPA0102 to operate at full power into 4-
Ω loads at ambient temperature of up to
55
°C. Into 8-Ω loads, the operating ambient temperature increases to 100°C.
AVAILABLE OPTIONS
PACKAGE
TA
TSSOP
(PWP)
40
°C to 85°C
TPA0102PWP


Similar Part No. - TPA0102PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0102PWP TI-TPA0102PWP Datasheet
743Kb / 38P
[Old version datasheet]   1.5-W STEREO AUDIO POWER AMPLIFIER
More results

Similar Description - TPA0102PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0102 TI-TPA0102 Datasheet
743Kb / 38P
[Old version datasheet]   1.5-W STEREO AUDIO POWER AMPLIFIER
TPA1517 TI-TPA1517_07 Datasheet
455Kb / 20P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
logo
Anpec Electronics Corop...
APA2020A ANPEC-APA2020A Datasheet
638Kb / 25P
   Stereo 2-W Audio Power Amplifier
logo
Texas Instruments
TPA0202 TI-TPA0202 Datasheet
803Kb / 42P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER
TPA1517 TI-TPA1517 Datasheet
352Kb / 20P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA1517 TI-TPA1517_15 Datasheet
674Kb / 23P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA1517 TI1-TPA1517_17 Datasheet
927Kb / 23P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
logo
National Semiconductor ...
LM4858 NSC-LM4858 Datasheet
683Kb / 17P
   Mono 1.5 W / Stereo 300mW Power Amplifier
logo
Texas Instruments
LM4853 TI1-LM4853 Datasheet
1Mb / 25P
[Old version datasheet]   Mono 1.5 W / Stereo 300mW Power Amplifier
logo
National Semiconductor ...
LM4853 NSC-LM4853 Datasheet
869Kb / 17P
   Mono 1.5 W / Stereo 300mW Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com