Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6503 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6503
Description  Wideband, Low Power, Linear Variable Gain Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6503 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LMH6503 Datasheet HTML 12Page - National Semiconductor (TI) LMH6503 Datasheet HTML 13Page - National Semiconductor (TI) LMH6503 Datasheet HTML 14Page - National Semiconductor (TI) LMH6503 Datasheet HTML 15Page - National Semiconductor (TI) LMH6503 Datasheet HTML 16Page - National Semiconductor (TI) LMH6503 Datasheet HTML 17Page - National Semiconductor (TI) LMH6503 Datasheet HTML 18Page - National Semiconductor (TI) LMH6503 Datasheet HTML 19Page - National Semiconductor (TI) LMH6503 Datasheet HTML 20Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Application Information (Continued)
NOISE
Figure 5 describes the LMH6503’s output-referred spot
noise density as a function of frequency with A
VMAX = 10V/V.
The plot includes all the noise contributing terms. However,
with both inputs terminated in 50
Ω, the input noise contribu-
tion is minimal. At A
VMAX = 10V/V, the LMH6503 has a typical
flat-band input-referred spot noise density (e
in) of 6.6nV/
. For applications with −3dB BW extending well into the
flat-band region, the input RMS voltage noise can be deter-
mined from the following single-pole model:
(7)
CIRCUIT LAYOUT CONSIDERATIONS
Good high-frequency operation requires all of the de-
coupling capacitors shown in Figure 6 to be placed as close
as possible to the power supply pins in order to insure a
proper high-frequency low-impedance bypass. Adequate
ground plane and low inductive power returns are also
required of the layout. Minimizing the parasitic capacitances
at pins 3, 4, 5, 6, 9, 10 and 12 will assure best high frequency
performance. The parasitic inductance of component leads
or traces to pins 4, 5 and 9 should also be kept to a
minimum. Parasitic or load capacitance, C
L, on the output
(pin 10) degrades phase margin and can lead to frequency
response peaking or circuit oscillation. The LMH6503 is fully
stable when driving a 100
Ω load. With reduced load (e.g.
1k
Ω) there is a possibility of instability at very high frequen-
cies beyond 400MHz especially with a capacitive load.
When the LMH6503 is connected to a light load as such, it is
recommended to add a snubber network to the output (e.g.
100
Ω and 39pF in series tied between the LMH6503 output
and ground). C
L can also be isolated from the output by
placing a small resistor in series with the output (pin 10).
Component parasitics also influence high frequency results.
Therefore it is recommended to use metal film resistors such
as RN55D or leadless components such as surface mount
devices. High profile sockets are not recommended.
National Semiconductor suggests the following evaluation
board as a guide for high frequency layout and as an aid in
device testing and characterization:
Device
Package
Evaluation Board Part
Number
LMH6503MA
SOIC-14
CLC730033
LMH6503MT
TSSOP-14
CLC730146
The evaluation board is shipped when a device sample
request is placed with National Semiconductor.
SINGLE SUPPLY OPERATION
It is possible to operate the LMH6503 with a single supply. To
do so, tie pin 11 (GND) to a potential about mid point
between V
+ and V. Two examples are shown in Figure 7 &
Figure 8.
20073922
FIGURE 5. Output Referred Voltage Noise vs.
Frequency
20073957
FIGURE 6. Required Power Supply Decoupling
20073935
FIGURE 7. AC Coupled Single Supply VGA
www.national.com
16


Similar Part No. - LMH6503

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6503 TI-LMH6503 Datasheet
1Mb / 33P
[Old version datasheet]   LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
LMH6503 TI-LMH6503 Datasheet
1Mb / 33P
[Old version datasheet]   LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
LMH6503 TI1-LMH6503 Datasheet
1Mb / 33P
[Old version datasheet]   LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
LMH6503MA TI-LMH6503MA Datasheet
1Mb / 33P
[Old version datasheet]   LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
LMH6503MA TI-LMH6503MA Datasheet
1Mb / 33P
[Old version datasheet]   LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
More results

Similar Description - LMH6503

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6503MAX TI-LMH6503MAX Datasheet
1Mb / 33P
[Old version datasheet]   LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
LMH6503 TI1-LMH6503 Datasheet
1Mb / 33P
[Old version datasheet]   LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
LMH6503MT TI-LMH6503MT Datasheet
1Mb / 33P
[Old version datasheet]   LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
logo
National Semiconductor ...
LMH6502 NSC-LMH6502 Datasheet
941Kb / 19P
   Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
logo
Intersil Corporation
LMH6505 INTERSIL-LMH6505 Datasheet
715Kb / 18P
   Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
logo
National Semiconductor ...
LMH6505 NSC-LMH6505 Datasheet
1Mb / 20P
   Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
logo
Texas Instruments
LMH6504 TI1-LMH6504_14 Datasheet
1Mb / 29P
[Old version datasheet]   Wideband, Low Power, Variable Gain Amplifier
logo
National Semiconductor ...
LMH6504 NSC-LMH6504 Datasheet
759Kb / 19P
   Wideband, Low Power, Variable Gain Amplifier
logo
Texas Instruments
LMH6502 TI-LMH6502_15 Datasheet
1Mb / 29P
[Old version datasheet]   LMH6502 Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
LMH6505 TI1-LMH6505 Datasheet
1Mb / 30P
[Old version datasheet]   LMH6505 Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com