Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA005D02 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPA005D02
Description  2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA005D02 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPA005D02_10 Datasheet HTML 2Page - Texas Instruments TPA005D02_10 Datasheet HTML 3Page - Texas Instruments TPA005D02_10 Datasheet HTML 4Page - Texas Instruments TPA005D02_10 Datasheet HTML 5Page - Texas Instruments TPA005D02_10 Datasheet HTML 6Page - Texas Instruments TPA005D02_10 Datasheet HTML 7Page - Texas Instruments TPA005D02_10 Datasheet HTML 8Page - Texas Instruments TPA005D02_10 Datasheet HTML 9Page - Texas Instruments TPA005D02_10 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
TPA005D02
2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
SLOS227C – AUGUST 1998 – REVISED MARCH 2000
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
LINP
LINN
LCOMP
VDD
COSC
RCOMP
RINP
RINN
RPVDD
AGND (see Note A)
LPVDD
PVDD
LSBIAS
SHUTDOWN
V2P5
PGND (see Note A)
15
µH
15
µH
0.22
µF
0.22
µF
1
µF
4
VCP
5 V
5 V
1
µF
1
µF
Balanced
Differential
Input Signal
470 pF
470 pF
470 pF
1
µF
1
µF
Balanced
Differential
Input Signal
5 V
CP1
CP2
CP3
CP4
VCP
FAULT0
FAULT1
MUTE
PVDD
PVDD
1
µF
LOUTP
LOUTN
15
µH
15
µH
0.22
µF
0.22
µF
1
µF
4
ROUTP
ROUTN
47 nF
47 nF
2.2
µF
28
42
1
2
9,16
5
4
6
43
48
44
45
33,40
2, 3, 7,20,46,47
12,13,27,36,37
21, 32
41
14,15
10,11
29
8
25
24
23
26
22
34,35
38,39
Figure 1. 5-V, 4-
Ω Test Circuit


Similar Part No. - TPA005D02_10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA005D02DCA TI-TPA005D02DCA Datasheet
381Kb / 25P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA005D02_10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA005D02 TI-TPA005D02 Datasheet
381Kb / 25P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D14 TI-TPA005D14 Datasheet
420Kb / 29P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA0172 TI1-TPA0172_16 Datasheet
964Kb / 37P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D12 TI-TPA005D12 Datasheet
119Kb / 8P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D2 TI-TPA2000D2_07 Datasheet
608Kb / 20P
[Old version datasheet]   2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D2 TI-TPA2000D2 Datasheet
256Kb / 17P
[Old version datasheet]   2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D4 TI-TPA2000D4 Datasheet
412Kb / 24P
[Old version datasheet]   STEREO 2-W CLASS-D AUDIO POWER AMPLIFIER WITH STEREO HP AMPLIFIER
TPA2000D4 TI-TPA2000D4_07 Datasheet
643Kb / 27P
[Old version datasheet]   STEREO 2-W CLASS-D AUDIO POWER AMPLIFIER WITH STEREO HP AMPLIFIER
logo
Analog Devices
SSM2304 AD-SSM2304_15 Datasheet
935Kb / 20P
   2 W Filterless Class-D Stereo Audio Amplifier
SSM2306 AD-SSM2306 Datasheet
503Kb / 16P
   2 W, Filterless, Class-D Stereo Audio Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com