Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMBT2222AW Datasheet(PDF) 10 Page - Formosa MS

Part # FMBT2222AW
Description  SMD NPN Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

FMBT2222AW Datasheet(HTML) 10 Page - Formosa MS

Back Button FMBT2222AW Datasheet HTML 2Page - Formosa MS FMBT2222AW Datasheet HTML 3Page - Formosa MS FMBT2222AW Datasheet HTML 4Page - Formosa MS FMBT2222AW Datasheet HTML 5Page - Formosa MS FMBT2222AW Datasheet HTML 6Page - Formosa MS FMBT2222AW Datasheet HTML 7Page - Formosa MS FMBT2222AW Datasheet HTML 8Page - Formosa MS FMBT2222AW Datasheet HTML 9Page - Formosa MS FMBT2222AW Datasheet HTML 10Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Page 10
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Formosa MS
FMBT2222AW
Document ID
Issued Date
Revised Date
Revision
Page.
High reliability test capabilities
1.
2.
3.
4.
5.
6.
7.
8.
Steady State Operating Life
High Temperature Reverse Bias
Temperature Cycle
Autoclave
High Temperature Storage Life
Solderability
High Temperature High Humidity
Resistance to Soldering Heat
Reverse
Bias
P =150mW Test Duration:1000hrs
Tj 150
V
80
related volage 1000hrs
55
15min
to 150
15min Air to Air Transition Time 20sec Test Cycles 1000cycle
P 2atm Ta 121
RH 100
Test Duration 96hrs
150
Test Duration 1000hrs
245
5sec
Ta 85
85 RH
V
80
related volage 1000hrs
260
10sec
D
CE
CE
=,
=
%
,
-(
)
(
)
<
:
==
=
%
:
:
=,
%
,
=
%
,
℃℃
Ta
=
,
,
Item Test
Conditions
DS-231133
2009/08/10
2010/03/10
B
10
SMD NPN Transistor


Similar Part No. - FMBT2222AW

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FMBT2222A FORMOSA-FMBT2222A Datasheet
601Kb / 9P
   600mA Silicon NPN Epitaxial Planar Transistor
logo
First Components Intern...
FMBT2222A FCI-FMBT2222A Datasheet
715Kb / 3P
   FMBT2222A NPN Bipolar Transistor Epitaxial planar die construction
logo
Formosa MS
FMBT2222A FORMOSA-FMBT2222A Datasheet
434Kb / 9P
   SMD NPN Transistor
FMBT2222ADW1 FORMOSA-FMBT2222ADW1 Datasheet
130Kb / 10P
   Dual NPN Epitaxial Planar Transistor
More results

Similar Description - FMBT2222AW

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FMBT3904W FORMOSA-FMBT3904W Datasheet
884Kb / 11P
   SMD NPN Transistor
FMBT3904 FORMOSA-FMBT3904_17 Datasheet
461Kb / 11P
   SMD NPN Transistor
FMBT2222A FORMOSA-FMBT2222A Datasheet
434Kb / 9P
   SMD NPN Transistor
BC846A FORMOSA-BC846A Datasheet
121Kb / 9P
   SMD NPN Transistor
logo
TAITRON Components Inco...
MMBT2222A TAITRON-MMBT2222A Datasheet
224Kb / 3P
   SMD General Purpose Transistor (NPN)
logo
Formosa MS
FMBT3946DW FORMOSA-FMBT3946DW Datasheet
1Mb / 14P
   Dual NPN PNP SMD Transistor
logo
TAITRON Components Inco...
MMBTA05 TAITRON-MMBTA05 Datasheet
203Kb / 3P
   SMD General Purpose Transistor (NPN)
BC846A TAITRON-BC846A Datasheet
164Kb / 3P
   SMD General Purpose Transistor (NPN)
MMBT3904 TAITRON-MMBT3904 Datasheet
205Kb / 3P
   SMD General Purpose Transistor (NPN)
MMBT4401 TAITRON-MMBT4401 Datasheet
225Kb / 3P
   SMD General Purpose Transistor (NPN)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com