Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TP3465 Datasheet(PDF) 3 Page - Texas Instruments

Part # TP3465
Description  TP3465 MICROWIRE(TM) Interface Device (MID)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TP3465 Datasheet(HTML) 3 Page - Texas Instruments

  TP3465 Datasheet HTML 1Page - Texas Instruments TP3465 Datasheet HTML 2Page - Texas Instruments TP3465 Datasheet HTML 3Page - Texas Instruments TP3465 Datasheet HTML 4Page - Texas Instruments TP3465 Datasheet HTML 5Page - Texas Instruments TP3465 Datasheet HTML 6Page - Texas Instruments TP3465 Datasheet HTML 7Page - Texas Instruments TP3465 Datasheet HTML 8Page - Texas Instruments TP3465 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Connection Diagrams
28-Pin PLCC
TLH10803 – 3
Top View
Order Number TP3465V
See NS Package Number V28A
FIGURE 2. MICROWIRE Interface Device MID TP3465 Pinouts
Pin Description
Name
Pin No.
Type
Function
28 Pkg.
VCC
28
I
+5V Supply
GND
14
I
0V
CKIN
17
I
Master Clock Input Used to Derive the SK Clock
MICROWIRE Interface
The MICROWIRE Interface consists of SK (clock out) SO (data out) SI (data in) and up to 8 chip select output lines
Name
Pin No.
Type
Function
28 Pkg.
SK
13
O
MICROWIRE clock output.
SO
15
O/I
MICROWIRE data output. Can also be used for
MICROWIRE data input when communicating with special
devices See application section
SI
16
I
MICROWIRE data input.
CS0 - CS3
24 - 27
I/O
Four input/output lines, normally used as outputs for chip
selects to MICROWIRE peripherals
CS4 ± CS7
6, 9, 20,
I/O
Four chip select lines accessible
23
when using the Multiplexed bus mode.
2


Similar Part No. - TP3465

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
TP3465 NSC-TP3465 Datasheet
295Kb / 17P
   TP3465 MICROWIRETM Interface Device (MID)
TP3465N NSC-TP3465N Datasheet
628Kb / 18P
   MICROWIRE??Interface Device (MID)
TP3465V NSC-TP3465V Datasheet
628Kb / 18P
   MICROWIRE??Interface Device (MID)
TP3465V NSC-TP3465V Datasheet
295Kb / 17P
   TP3465 MICROWIRETM Interface Device (MID)
More results

Similar Description - TP3465

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
TP3465 NSC-TP3465 Datasheet
295Kb / 17P
   TP3465 MICROWIRETM Interface Device (MID)
TP3464 NSC-TP3464 Datasheet
628Kb / 18P
   MICROWIRE??Interface Device (MID)
logo
M/A-COM Technology Solu...
LTBDWR207 MA-COM-LTBDWR207_15 Datasheet
18Kb / 1P
   ATM TM Device
logo
Texas Instruments
TPS2231 TI-TPS2231_07 Datasheet
1Mb / 35P
[Old version datasheet]   ExpressCard TM POWER INTERFACE SWITCH
logo
Holt Integrated Circuit...
HI-8685 HOLTIC-HI-8685_08 Datasheet
95Kb / 12P
   ARINC INTERFACE DEVICE
logo
Bourns Electronic Solut...
7004C BOURNS-7004C_12 Datasheet
259Kb / 2P
   Network Interface Device
7004C-0-DH-15 BOURNS-7004C-0-DH-15 Datasheet
259Kb / 2P
   Network Interface Device
7090 BOURNS-7090 Datasheet
460Kb / 2P
   Network Interface Device
7091 BOURNS-7091 Datasheet
393Kb / 2P
   Network Interface Device
7004 BOURNS-7004 Datasheet
487Kb / 2P
   Network Interface Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com