Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC847C Datasheet(PDF) 6 Page - Formosa MS

Part # BC847C
Description  SMD NPN Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

BC847C Datasheet(HTML) 6 Page - Formosa MS

  BC847C Datasheet HTML 1Page - Formosa MS BC847C Datasheet HTML 2Page - Formosa MS BC847C Datasheet HTML 3Page - Formosa MS BC847C Datasheet HTML 4Page - Formosa MS BC847C Datasheet HTML 5Page - Formosa MS BC847C Datasheet HTML 6Page - Formosa MS BC847C Datasheet HTML 7Page - Formosa MS BC847C Datasheet HTML 8Page - Formosa MS BC847C Datasheet HTML 9Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Page 6
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Pinning information
PinB
Base
PinC
Collector
PinE
Emitter
Pin
Simplified outline
Symbol
Marking
Type number
Marking code
BC846A
1A
BC846B
1B
BC847A
1E
BC847B
1F
BC847C
1G
BC848A
1J
BC848B
1K
BC848C
1L
BC849B
2B
BC849C
2C
BC850B
2E
BC850C
2G
B
C
E
E
C
B
Formosa MS
Document ID
Issued Date
Revised Date
Revision
Page.
Suggested solder pad layout
SOT-23
Dimensions in inches and (millimeters)
0.035(0.90)
0.031(0.80)
0.079(2.0)
0.037(0.95)
0.037(0.95)
BC846A/B-BC847A/B/C
BC849B/C-BC850B/C
BC848A/B/C-
DS-231154
2009/08/10
2011/07/21
C
9
SMD NPN Transistor


Similar Part No. - BC847C

ManufacturerPart #DatasheetDescription
logo
Olitech Electronics Co....
BC847C OLITECH-BC847C Datasheet
619Kb / 3P
   Plastic-Encapsulate Transistors
logo
NXP Semiconductors
BC847C PHILIPS-BC847C Datasheet
80Kb / 10P
   NPN general purpose transistors
2004 Feb 06
logo
Rectron Semiconductor
BC847C RECTRON-BC847C Datasheet
450Kb / 6P
   Ideally suited for automatic insertion
logo
Weitron Technology
BC847C WEITRON-BC847C Datasheet
277Kb / 5P
   General Purpose Transistor NPN Silicon
logo
SeCoS Halbleitertechnol...
BC847C SECOS-BC847C Datasheet
307Kb / 3P
   BC846A
More results

Similar Description - BC847C

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FMBT3904W FORMOSA-FMBT3904W Datasheet
884Kb / 11P
   SMD NPN Transistor
FMBT3904 FORMOSA-FMBT3904_17 Datasheet
461Kb / 11P
   SMD NPN Transistor
FMBT2222AW FORMOSA-FMBT2222AW Datasheet
91Kb / 10P
   SMD NPN Transistor
FMBT2222A FORMOSA-FMBT2222A Datasheet
434Kb / 9P
   SMD NPN Transistor
logo
TAITRON Components Inco...
MMBT2222A TAITRON-MMBT2222A Datasheet
224Kb / 3P
   SMD General Purpose Transistor (NPN)
logo
Formosa MS
FMBT3946DW FORMOSA-FMBT3946DW Datasheet
1Mb / 14P
   Dual NPN PNP SMD Transistor
logo
TAITRON Components Inco...
MMBTA05 TAITRON-MMBTA05 Datasheet
203Kb / 3P
   SMD General Purpose Transistor (NPN)
BC846A TAITRON-BC846A Datasheet
164Kb / 3P
   SMD General Purpose Transistor (NPN)
MMBT3904 TAITRON-MMBT3904 Datasheet
205Kb / 3P
   SMD General Purpose Transistor (NPN)
MMBT4401 TAITRON-MMBT4401 Datasheet
225Kb / 3P
   SMD General Purpose Transistor (NPN)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com