Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TP3094 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TP3094
Description  Handles four voice channels
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TP3094 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TP3094 Datasheet HTML 2Page - Texas Instruments TP3094 Datasheet HTML 3Page - Texas Instruments TP3094 Datasheet HTML 4Page - Texas Instruments TP3094 Datasheet HTML 5Page - Texas Instruments TP3094 Datasheet HTML 6Page - Texas Instruments TP3094 Datasheet HTML 7Page - Texas Instruments TP3094 Datasheet HTML 8Page - Texas Instruments TP3094 Datasheet HTML 9Page - Texas Instruments TP3094 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
www.national.com
8-bit Mode
In the 8-bit mode, PCM data is transferred inde-
pendently for each of the four channels. Each
channel has its dedicated transmit and receive
frame signals, which determine the time-slots to
be taken on the PCM bus. Both short sync and
long sync frame are supported.
All the channels must have the same FS format
(either short or long sync), in case a channel will
have a valid frame with different FS format, the
device will not function properly.
In the short sync, the frame signals must be one
bit long; with FSX high during a falling edge of
MCLK, the next rising edge of MCLK enables the
DX tristate output buffer, which will output the
sign bit. The following 7 rising edges clock out the
remaining 7 bits, and the next rising edge (9th)
disables the DX output. With FSR high during a
falling edge of MCLK, the next falling edge of
MCLK latches in the sign bit. The following 7 neg-
ative edges of MCLK will then latch the remaining
7 bit of the incoming byte.
In the long sync frame, the Frame signals must be
at least three bits long. The DX output buffer is
enabled with the rising edge of FSX or on the ris-
ing edge of MCLK, whichever comes later, and
the first bit (sign) is clocked out. The following 7
rising edges of MLCK clock out the remaining 7
bits. The DX output is disabled by the 9th rising
edge of MCLK. A rising edge on FSR will cause
the PCM data at DR to be latched in on the next
falling edges of MCLK.
For timing diagrams refer to Fig.2, Fig.4, Fig.5
and Fig.6.
32-bit Mode
In the 32-bit mode, the four PCM data bytes of the
four channels are treated as a single 32-bit data
word. The PCM transfer is started by the positive
pulses on the transmit or receive frame sync
(FSX0, FSR0) inputs. The following 32 negative
edges of MCLK will then latch the input PCM data
at DR, for all 4 channel starting from channel 0;
while the positive edges will clock out the transmit
PCM data at DX, from channel 0 to channel 3. In
this mode the pins FSX1 and FSR1 become the
frame signal carry-out signals, providing a single-
bit-long frame pulse during the last bit of the 32-
bit stream and allowing another TP3094 to be
connected in 32-bit mode.
In case any channel is powered down (through
the PDN pin) during its assigned time slot the DX
pin will be set in tristate and the DR signal will be
ignored.
In case all the channels are placed in power
down, the device will still generate the FS carry
output on FSX1, FSR1. For timing diagrams refer
to Fig.7 and Fig.8.
Test Modes
The TP3094 includes the following test modes
• digital loopback
• analog loopback
• DC conversion
These modes can be programmed per channel or
for all 4 channels simultaneously.
The device is programmed into any test mode by
exercising the pins TST, PDN0, PDN1, PDN2,
PDN3 together. The signals to this pins must be
stable for at least 16 MCLK cycles before the de-
vice enters any selected test mode. When exiting
the test mode, the PDN must return to the previ-
ous state to resume the original operating state.
During any test mode (TST=1), it will not be pos-
sible to change the PU/PD state for any channel
not involved in the test mode configuration (e.g.
not in test mode). The channel(s) under test must
be placed in power up prior the test mode selec-
tion, in case left in power down, any programmed
test mode will not be operational.
When the device exits the test mode, normal op-
eration will return, and the PU/PD programmabil-
ity will be available, by the state of the PDN
signals.
The programming of the test modes is according
to the table below.
The digital loopback is a bit true feedback from
the PCM highway to the PCM highway, per-
formed exactly at the PCM internal interface.
Each byte is looped back from RX to TX on the
programmed time slot (FS). The analog output is
forced to 0Vac level (typically 2.4Vdc), with low
output impedance.
The analog loopback is performed from the out-
put of the D/A converter (before the output ampli-
fier) and the input of the A/D, so the RX signal is
looped back towards the TX direction, through the
device. The analog output is at 0Vac level, with
high output impedance.
In the DC conversion mode, the channel under
test is programmed to transfer any DC signal
(within the available range) in the TX direction,
from the analog GXO to the DX digital output, by
Functional Description (continued)


Similar Part No. - TP3094

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
TP3094 NSC-TP3094 Datasheet
186Kb / 19P
   Quad PCM Codec/Filter
TP3094V NSC-TP3094V Datasheet
186Kb / 19P
   Quad PCM Codec/Filter
More results

Similar Description - TP3094

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX34460EVKIT MAXIM-MAX34460EVKIT Datasheet
2Mb / 23P
   Four Power-Supply Channels
Rev 0; 9/12
MAX34461EVKIT MAXIM-MAX34461EVKIT Datasheet
2Mb / 23P
   Four Power-Supply Channels
Rev 0; 10/12
logo
ELMOS Semiconductor AG
E981.08 ELMOS-E981.08 Datasheet
557Kb / 47P
   Four independent operating channels
logo
SYNC POWER Crop.
SP1820 SYNC-POWER-SP1820 Datasheet
194Kb / 7P
   Four Channels Constant Current LED Driver
SP1821 SYNC-POWER-SP1821 Datasheet
255Kb / 7P
   Four Channels Constant Current LED Driver
logo
Freescale Semiconductor...
S12TIM16B4CV1 FREESCALE-S12TIM16B4CV1 Datasheet
445Kb / 32P
   Four input capture/output compare channels
logo
Suzhou Everest Semicond...
ES7210 EVEREST-ES7210 Datasheet
1Mb / 11P
   High Performance Four Channels Audio ADC
logo
PHOENIX CONTACT
2878447 PHOENIX-2878447 Datasheet
400Kb / 25P
   Inline Terminal With Four Differential Analog Input Channels
logo
Asahi Kasei Microsystem...
AKD4682-A AKM-AKD4682-A Datasheet
1Mb / 51P
   24bit CODEC that has two channels of ADC and four channels of DAC
logo
Infineon Technologies A...
BTS54040-LBA INFINEON-BTS54040-LBA Datasheet
2Mb / 69P
   CMOS compatible parallel input pins for four channels
Rev. 2.0, 2014-05-26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com