Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES1JFL Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # ES1JFL
Description  SUFACE MOUNT SUPER FAST RECTIFIER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

ES1JFL Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  ES1JFL Datasheet HTML 1Page - SUNMATE electronic Co., LTD ES1JFL Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1JF
1GF
1EF
1DF
1CF
1BF
1AF
ES1AFL - ES1JFL
: SOD-123FL
SUFACE MOUNT SUPER FAST RECTIFIER DIODE
VOLTAGE RANGE: 50 - 600V
CURRENT: 1.0A
plastic body over passivated junction
Method 2026
: Color band denotes cathode end
: Any
:0.0007 ounce, 0.02 grams
Glass passivated device
Ideal for surface mouted applications
Metallurgically bonded construction
High temperature soldering guaranteed:
250 C/10 seconds,0.375
”(9.5mm) lead length,
5 lbs. (2.3kg) tension
Low reverse leakage
Case
Terminals
Polarity
Mounting Position
Weight
: Plated axial leads,
solderable per MIL-STD-750,
Features
Mechanical Data
!
!
!
!
!
!
!
!
!
!
Maximum Ratings and Electrical Characteristics TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
1 of 2
100
70
100
400
280
400
150
105
150
600
420
600
VOLTS
VOLTS
VOLTS
Amp
Amps
Volts
VRRM
VRMS
V
DC
I(AV)
IFSM
VF
1.0
25.0
1.25
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage at1.0A
Maximum DC reverse current
TA =25 C
at rated DC blocking voltage
TA =100 C
IR
5.0
100.0
A
µ
Maximum reverse recovery time (NOTE 1)
Typical junction capacitance (NOTE 2)
CJ
pF
Operating junction and storage temperature range
R
θJA
TJ,TSTG
85
10
-55 to +150
C
Typical thermal resistance (NOTE 3)
K/W
35
ns
50
35
50
trr
200
140
200
300
210
300
0.95
1.7
Note:
2.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
1.Measured with IF=0.5A, IR=1A, Irr=0.25A.
3.PCB mounted on 0.2*0.2" (5.0*5.0mm) coppeer pad area.
Characteristic
Marking
Symbol
Unit
ES1AFL ES1BFL ES1CFL ES1DFL ES1EFL ES1GFL ES1JFL
3.58 3.72
0.55
0.57
0.53
0.15
0.17
0.13
E
D
1.00
1.03
0.097
1.05
1.08
1.02
1
1.80
1.83
1.77
2.75
2.78
2.72
A
3.65
3
SOD-123FL
Dim
Min
Max
Typ
B
C
H
L
All Dimensions in mm
A
E
L
B
C
E
H
D
www.sunmate.tw


Similar Part No. - ES1JFL

ManufacturerPart #DatasheetDescription
logo
Dongguan Pingjingsemi T...
ES1JFL-PJ PJSEMI-ES1JFL-PJ Datasheet
976Kb / 3P
   SURFACE MOUNT SUPERFAST RECOVERY RECTIFIERS
More results

Similar Description - ES1JFL

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
DSF1A SUNMATE-DSF1A Datasheet
432Kb / 2P
   SUFACE MOUNT SUPER FAST RECTIFIER DIODE
ER07A SUNMATE-ER07A Datasheet
328Kb / 2P
   SUFACE MOUNT SUPER FAST RECTIFIER DIODE
ES1AL SUNMATE-ES1AL Datasheet
320Kb / 2P
   SUFACE MOUNT SUPER FAST RECTIFIER DIODE
EP04RA60 SUNMATE-EP04RA60 Datasheet
319Kb / 2P
   SUFACE MOUNT SUPER FAST RECTIFIER DIODE
logo
Microdiode Electronics ...
DFR03A CHENDA-DFR03A Datasheet
148Kb / 2P
   SUFACE MOUNT FAST RECOVERY RECTIFIER
logo
Formosa MS
DFR1A FORMOSA-DFR1A Datasheet
134Kb / 2P
   SUFACE MOUNT FAST RECOVERY RECTIFIER
logo
Microdiode Electronics ...
DFR05A CHENDA-DFR05A Datasheet
161Kb / 2P
   SUFACE MOUNT FAST RECOVERY RECTIFIER
logo
Sangdest Microelectroni...
FF107M SMC-FF107M Datasheet
173Kb / 5P
   SUFACE MOUNT FAST RECOVERY RECTIFIER
logo
Shenzhen Foster Semicon...
FFM101MG FOSTER-FFM101MG Datasheet
1Mb / 3P
   Suface Mount Fast Recovery Rectifier
logo
Shenzhen Yixinwei Techn...
DFR1A YIXIN-DFR1A Datasheet
139Kb / 2P
   SUFACE MOUNT FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com