Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LH1532FP Datasheet(PDF) 4 Page - Vishay Siliconix

Part No. LH1532FP
Description  Dual 1 Form A Solid State Relay
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

LH1532FP Datasheet(HTML) 4 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
4
Document Number 83830
Rev. 1.3, 26-Oct-04
LH1532FP/ FPTR
Vishay Semiconductors
Figure 7. Leakage Current vs. Applied Voltage at Elevated
Temperatures
Figure 8. Turn-off Time vs. Temperature
Figure 9. Turn-on Time vs. LED Current
0
20
40
60
80
100
120
140
0
100
200
300
400
Load Voltage ( V )
17322
T=85
°C
T=75
°C
T=50
°C
ilh1532fp_08
-80
-60
-40
-20
0
20
40
60
80
-40
-20
0
20
40
60
Ambient Temperature (°C)
80
IF =10mA
IF = 8.0 mA
IF = 6.0 mA
IF = 3.0 mA
IF = 2.0 mA
IF = 5.0 mA
IF = 4.0 mA
ilh1532fp_09
0
1
2
3
4
5
6
7
0
5
10
15
20
25
30
35
40
45
LED Forward Current (mA)
50
T=85°C
T=25°C
T = -40 °C


Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LH1523BBDual 1 Form B Solid State Relay 1 2 3 4 5 MoreVishay Siliconix
LH1529ABTelecom Switch - 1 Form A Solid State Relay 1 2 3 4 Infineon Technologies AG
LH1510AAB1 Form A Solid State Relay 1 2 3 4 5 MoreVishay Siliconix
LH1540AAB1 Form A Solid State Relay 1 2 3 4 5 MoreVishay Siliconix
LH1540AT1 Form A Solid State Relay 1 2 3 4 5 Infineon Technologies AG
LH1541AT11 Form A Solid State Relay Low Capacitance 1 2 3 4 5 Vishay Siliconix
VN920SINGLE CHANNEL HIGH SIDE SOLID STATE RELAY 1 2 3 4 5 MoreSTMicroelectronics
L53HDT-1 3/4 5mm SOLID STATE LAMPS 1 2 3 4 5 MoreKingbright Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn