Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4KE51A Datasheet(PDF) 3 Page - Bruckewell Technology LTD

Part # P4KE51A
Description  Transient Voltage Suppressor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

P4KE51A Datasheet(HTML) 3 Page - Bruckewell Technology LTD

  P4KE51A Datasheet HTML 1Page - Bruckewell Technology LTD P4KE51A Datasheet HTML 2Page - Bruckewell Technology LTD P4KE51A Datasheet HTML 3Page - Bruckewell Technology LTD P4KE51A Datasheet HTML 4Page - Bruckewell Technology LTD P4KE51A Datasheet HTML 5Page - Bruckewell Technology LTD P4KE51A Datasheet HTML 6Page - Bruckewell Technology LTD P4KE51A Datasheet HTML 7Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
P4KE
Transient Voltage Suppressor
VBR : 6.8 - 550 Volts
PPK : 400 Watts
Publication Order Number: [P4KE]
©Bruckewell Technology Corporation Rev. A -2014
ELECTRICAL CHARACTERISTICS (Rating at 25ºC ambient temperature unless otherwise specified)
Type No.
Breakdown Voltage
@ It ( Note 1 )
Working
Peak
Reverse
Voltage
Maximum
Reverse
Leakage @
VRWM
Maximum
Reverse
Current
Maximum
Clamping
Voltage @
IRSM
Maximum
Temperature
Co-efficient
of VBR
VBR (V)
It
VRWM
IR
IRSM
VRSM
Min
Max
(mA)
(V)
(μA)
(A)
(V)
(% / °C)
P4KE22
19.8
24.2
1.0
17.8
5.0
13.0
31.9
0.092
P4KE22A
20.9
23.1
1.0
18.8
5.0
14.0
30.6
0.092
P4KE24
21.6
26.4
1.0
19.4
5.0
12.0
34.7
0.094
P4KE24A
22.8
25.2
1.0
20.5
5.0
13.0
33.2
0.094
P4KE27
24.3
29.7
1.0
21.8
5.0
11.0
39.1
0.096
P4KE27A
25.7
28.4
1.0
23.1
5.0
11.2
37.5
0.096
P4KE30
27.0
33.0
1.0
24.3
5.0
10.0
43.5
0.097
P4KE30A
28.5
31.5
1.0
25.6
5.0
10.0
41.4
0.097
P4KE33
29.7
36.6
1.0
26.8
5.0
9.0
47.7
0.098
P4KE33A
31.4
34.7
1.0
28.2
5.0
9.0
45.7
0.098
P4KE36
32.4
39.6
1.0
29.1
5.0
8.0
52.0
0.099
P4KE36A
34.2
37.8
1.0
30.8
5.0
8.4
49.9
0.099
P4KE39
35.1
42.9
1.0
31.6
5.0
7.4
56.4
0.100
P4KE39A
37.1
41.0
1.0
33.3
5.0
7.8
53.9
0.100
P4KE43
38.7
47.3
1.0
34.8
5.0
6.8
61.9
0.101
P4KE43A
40.9
45.2
1.0
36.8
5.0
7.1
59.3
0.101
P4KE47
42.3
51.7
1.0
38.1
5.0
6.2
67.8
0.101
P4KE47A
44.7
49.4
1.0
40.2
5.0
6.5
64.8
0.101
P4KE51
45.9
56.1
1.0
41.3
5.0
5.7
73.5
0.102
P4KE51A
48.5
53.6
1.0
43.6
5.0
6.0
70.1
0.102
P4KE56
50.4
61.6
1.0
45.4
5.0
5.2
80.5
0.103
P4KE56A
53.2
58.8
1.0
47.8
5.0
5.5
77.0
0.103
P4KE62
55.8
68.2
1.0
50.2
5.0
4.7
89.0
0.104
P4KE62A
58.9
65.1
1.0
53.0
5.0
5.0
85.0
0.104
P4KE68
61.2
74.8
1.0
55.1
5.0
4.3
98.0
0.104
P4KE68A
64.6
71.4
1.0
58.1
5.0
4.6
92.0
0.104
P4KE75
67.5
82.5
1.0
60.7
5.0
3.9
108
0.105
P4KE75A
71.3
78.8
1.0
64.1
5.0
4.1
103
0.105
P4KE82
73.8
90.2
1.0
66.4
5.0
3.6
118
0.105


Similar Part No. - P4KE51A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4KE51A PANJIT-P4KE51A Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
Zowie Technology Corpor...
P4KE51A ZOWIE-P4KE51A Datasheet
180Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
P4KE51A DIOTECH-P4KE51A Datasheet
1Mb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotec Semiconductor
P4KE51A DIOTEC-P4KE51A Datasheet
153Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Zibo Seno Electronic En...
P4KE51A ZSELEC-P4KE51A Datasheet
261Kb / 4P
   400W TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - P4KE51A

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com