Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PASMA8.2CA Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # PASMA8.2CA
Description  400W surge capability at 1ms
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

PASMA8.2CA Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  PASMA8.2CA Datasheet HTML 1Page - Bruckewell Technology LTD PASMA8.2CA Datasheet HTML 2Page - Bruckewell Technology LTD PASMA8.2CA Datasheet HTML 3Page - Bruckewell Technology LTD PASMA8.2CA Datasheet HTML 4Page - Bruckewell Technology LTD PASMA8.2CA Datasheet HTML 5Page - Bruckewell Technology LTD PASMA8.2CA Datasheet HTML 6Page - Bruckewell Technology LTD PASMA8.2CA Datasheet HTML 7Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
P4SMA SERIIES
VBR : 6.8 - 440 Volts
PPK : 400 Watts
Publication Order Number: [P4SMA SERIES]
© Bruckewell Technology Corporation Rev. A -2
014
Notes:
(1) Non-repetitive Current pulse, per Fig. 5 and derated above Ta = 25 °C per Fig. 1
(2) Mounted on copper Lead area at 5.0 mm
2 ( 0.013 mm thick ).
(3) 8.3 ms single half sine-wave, duty cycle = 4 pulses per Minutes maximum.
ELECTRICAL CHARACTERISTICS (Rating at 25ºC ambient temperature unless otherwise specified)
Type No.
Breakdown Voltage
@ It ( Note 1 )
Working
Peak
Reverse
Voltage
Maximum
Reverse
Leakage @
VRWM
Maximum
Reverse
Current
Maximum
Clamping
Voltage @
IRSM
Maximum
Temperature
Co-efficient
of VBR
VBR (V)
It
VRWM
IR
IRSM
VRSM
Min
Max
(mA)
(V)
(μA)
(A)
(V)
(% / °C)
PASMA6.8C
6.12
7.48
10
5.50
1000
38.0
10.8
0.057
PASMA6.8CA
6.45
7.14
10
5.80
1000
40.0
10.5
0.057
PASMA7.5C
6.75
8.25
10
6.05
500
36.0
11.7
0.061
PASMA7.5CA
7.13
7.88
10
6.40
500
37.0
11.3
0.061
PASMA8.2C
7.38
9.02
10
6.63
200
33.0
12.5
0.065
PASMA8.2CA
7.79
8.61
10
7.02
200
35.0
12.1
0.065
PASMA9.1C
8.19
10.0
1.0
7.37
50
30.0
13.8
0.068
PASMA9.1CA
8.65
9.55
1.0
7.78
50
31.0
13.4
0.068
PASMA10C
9.00
11.0
1.0
8.10
10
28.0
15.0
0.073
PASMA10CA
9.50
10.5
1.0
8.55
10
29.0
14.5
0.073
PASMA11C
9.90
12.1
1.0
8.92
5.0
26.0
16.2
0.075
PASMA11CA
10.5
11.6
1.0
9.40
5.0
27.0
15.6
0.075
PASMA12C
10.8
13.2
1.0
9.72
5.0
24.0
17.3
0.078
PASMA12CA
11.4
12.6
1.0
10.2
5.0
25.0
16.7
0.078
PASMA13C
11.7
14.3
1.0
10.5
5.0
22.0
19.0
0.081
PASMA13CA
12.4
13.7
1.0
11.1
5.0
23.0
18.2
0.081
PASMA15C
13.5
16.5
1.0
12.1
5.0
19.0
22.0
0.084
PASMA15CA
14.3
15.8
1.0
12.8
5.0
20.0
21.2
0.084
PASMA16C
14.4
17.6
1.0
12.9
5.0
18.0
23.5
0.086
PASMA16CA
15.2
16.8
1.0
13.6
5.0
19.0
22.5
0.086
PASMA17C
15.3
18.7
1.0
13.7
5.0
17.0
25.0
0.087
PASMA17CA
16.2
17.9
1.0
14.5
5.0
18.0
24.0
0.087
PASMA18C
16.2
19.8
1.0
14.5
5.0
16.0
26.5
0.088
PASMA18CA
17.1
18.9
1.0
15.3
5.0
17.0
25.5
0.088
PASMA20C
18.0
22.0
1.0
16.2
5.0
14.0
29.1
0.090
PASMA20CA
19.0
21.0
1.0
17.1
5.0
15.0
27.7
0.090


Similar Part No. - PASMA8.2CA

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
PAS-1 MINI-PAS-1 Datasheet
99Kb / 1P
   Electronic Attenuators/Switches
PAS-1 MINI-PAS-1 Datasheet
77Kb / 2P
   ATTENUATORS/SWITCHES
PAS-1L MINI-PAS-1L Datasheet
77Kb / 2P
   ATTENUATORS/SWITCHES
PAS-1M MINI-PAS-1M Datasheet
77Kb / 2P
   ATTENUATORS/SWITCHES
PAS-1U MINI-PAS-1U Datasheet
77Kb / 2P
   ATTENUATORS/SWITCHES
More results

Similar Description - PASMA8.2CA

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
P4KE_C BWTECH-P4KE_C Datasheet
563Kb / 7P
   400W surge capability at 1ms
P4SMA BWTECH-P4SMA Datasheet
592Kb / 7P
   400W surge capability at 1ms
P6SMB_CA BWTECH-P6SMB_CA Datasheet
528Kb / 5P
   600W surge capability at 1ms
1SMC_5.0_188A BWTECH-1SMC_5.0_188A Datasheet
503Kb / 5P
   1500W surge capability at 1ms
SMA6F6.8A-56A BWTECH-SMA6F6.8A-56A Datasheet
1Mb / 4P
   600W surge capability at 1ms
P6SMB_A BWTECH-P6SMB_A Datasheet
529Kb / 5P
   600W surge capability at 1ms
logo
GeneSiC Semiconductor, ...
MBR20020CT GENESIC-MBR20020CT Datasheet
450Kb / 3P
   High Surge Capability
MSRT100120A GENESIC-MSRT100120A Datasheet
415Kb / 3P
   High Surge Capability
1N1206AR GENESIC-1N1206AR Datasheet
741Kb / 3P
   High Surge Capability
MBR200100CTS GENESIC-MBR200100CTS Datasheet
384Kb / 3P
   High Surge Capability
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com