Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4KE6.8A Datasheet(PDF) 6 Page - Bruckewell Technology LTD

Part # P4KE6.8A
Description  Transient Voltage Suppressor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

P4KE6.8A Datasheet(HTML) 6 Page - Bruckewell Technology LTD

  P4KE6.8A Datasheet HTML 1Page - Bruckewell Technology LTD P4KE6.8A Datasheet HTML 2Page - Bruckewell Technology LTD P4KE6.8A Datasheet HTML 3Page - Bruckewell Technology LTD P4KE6.8A Datasheet HTML 4Page - Bruckewell Technology LTD P4KE6.8A Datasheet HTML 5Page - Bruckewell Technology LTD P4KE6.8A Datasheet HTML 6Page - Bruckewell Technology LTD P4KE6.8A Datasheet HTML 7Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
P4KE
Transient Voltage Suppressor
VBR : 6.8 - 550 Volts
PPK : 400 Watts
Publication Order Number: [P4KE]
©Bruckewell Technology Corporation Rev. A -2014
■RATING AND CHARACTERISTIC CURVES ( P6SMB SERIES )
FIG.1 - PULSE DERATING CURVE
FIG.2 - MAXIMUM NON-REPETITIVE SURGE
CURRENT
FIG.3 - STEADY STATE POWER
DERATING
FIG.4 - PULSE RATING CURVE
FIG.5 - PULSE WAVEFORM


Similar Part No. - P4KE6.8A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
P4KE6.8A TSC-P4KE6.8A Datasheet
89Kb / 4P
   400 Watts Transient Voltage Suppressor
logo
Pan Jit International I...
P4KE6.8A PANJIT-P4KE6.8A Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
Digitron Semiconductors
P4KE6.8A DIGITRON-P4KE6.8A Datasheet
1Mb / 5P
   TRANISENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
P4KE6.8A LUGUANG-P4KE6.8A Datasheet
411Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
logo
Comchip Technology
P4KE6.8A COMCHIP-P4KE6.8A Datasheet
99Kb / 4P
   400W Transient Voltage Suppressor
More results

Similar Description - P4KE6.8A

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com