Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SZ106C Datasheet(PDF) 4 Page - Bruckewell Technology LTD

Part # SZ106C
Description  Complete Voltage Range 3.3 to 200 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

SZ106C Datasheet(HTML) 4 Page - Bruckewell Technology LTD

  SZ106C Datasheet HTML 1Page - Bruckewell Technology LTD SZ106C Datasheet HTML 2Page - Bruckewell Technology LTD SZ106C Datasheet HTML 3Page - Bruckewell Technology LTD SZ106C Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SZ103D_SZ10D0_Zener
VZ : 3.3 - 200 Volts
PD : 1 Watt
Publication Order Number: [SZ103D_SZ10D0_Zener]
© Bruckewell Technology Corporation Rev. A -2014
Disclaimer
ALL PRODUCT, PRODUCT SPECIFICATIONS AND DATA ARE SUBJECT TO CHANGE
WITHOUT NOTICE TO IMPROVE RELIABILITY, FUNCTION OR DESIGN OR OTHERWISE.
Bruckewell Technology Inc., its affiliates, agents, and employees, and all persons acting on its or
their behalf (collectively, “Bruckewell”), disclaim any and all liability for any errors, inaccuracies or
incompleteness contained in any datasheet or in any other disclosure relating to any product.
Bruckewell makes no warranty, representation or guarantee regarding the suitability of the products
for any particular purpose or the continuing production of any product. To the maximum extent
permitted by applicable law, Bruckewell disclaims
(i)
Any and all liability arising out of the application or use of any product.
(ii) Any and all liability, including without limitation special, consequential or incidental damages.
(iii) Any and all implied warranties, including warranties of fitness for particular purpose,
non-infringement and merchantability.
Statements regarding the suitability of products for certain types of applications are based on
Bruckewell’s knowledge of typical requirements that are often placed on Bruckewell products in
generic applications.
Such statements are not binding statements about the suitability of products for a particular
application. It is the customer’s responsibility to validate that a particular product with the properties
described in the product specification is suitable for use in a particular application. Parameters
provided in datasheets and/or specifications may vary in different applications and performance
may vary over time.
Produ
ct specifications do not expand or otherwise modify Bruckewell’s terms and conditions of
purchase, including but not limited to the warranty expressed therein.


Similar Part No. - SZ106C

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ106C EIC-SZ106C Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ106C EIC-SZ106C Datasheet
52Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ106C EIC-SZ106C Datasheet
50Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Shenzhen Luguang Electr...
SZ106C LUGUANG-SZ106C Datasheet
178Kb / 2P
   Surface Mount Silicon Zener Diodes
logo
Shenzhen Taychipst Elec...
SZ106C TAYCHIPST-SZ106C Datasheet
3Mb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
More results

Similar Description - SZ106C

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
SZ153D BWTECH-SZ153D Datasheet
305Kb / 4P
   Complete Voltage Range 3.3 to 200 Volts
logo
Nanjing International G...
1SMB5913A DGNJDZ-1SMB5913A Datasheet
36Kb / 2P
   Complete Voltage Range 3.3 to 200 Volts
logo
Bruckewell Technology L...
SZ303D-SZ30D0 BWTECH-SZ303D-SZ30D0 Datasheet
496Kb / 5P
   Complete Voltage Range 3.3 to 200 Volts
1SMB5913A BWTECH-1SMB5913A Datasheet
500Kb / 5P
   Complete Voltage Range 3.3 to 200 Volts
logo
Shanghai Leiditech Elec...
1SMA4728A LEIDITECH-1SMA4728A Datasheet
253Kb / 2P
   Complete voltage range 3.3 to 100 volts
logo
Shenzhen Luguang Electr...
3EZ3.9D5 LUGUANG-3EZ3.9D5 Datasheet
3Mb / 3P
   Complete Voltage Range 3.9 to 200 Volts
logo
WILLAS ELECTRONIC CORP
SR5150 WILLAS-SR5150 Datasheet
165Kb / 2P
   VOLTAGE RANGE 150 to 200 Volts CURRENT 5.0 Ampere
logo
Gaomi Xinghe Electronic...
MBR1035 GXELECTRONICS-MBR1035 Datasheet
332Kb / 2P
   Voltage Range 35 to 200 Volts Current 10.0 Amperes
logo
List of Unclassifed Man...
MMBD717WS ETC1-MMBD717WS Datasheet
450Kb / 3P
   Voltage Range 20 Volts Current 200 mA
logo
Shenzhen Taychipst Elec...
1N4942 TAYCHIPST-1N4942 Datasheet
630Kb / 2P
   VOLTAGE RANGE 200 TO 1000 VOLTS CUR RENT 1.0 AMPERE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com