Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF560 Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # UF560
Description  Ultra Fast Power Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

UF560 Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  UF560 Datasheet HTML 1Page - Bruckewell Technology LTD UF560 Datasheet HTML 2Page - Bruckewell Technology LTD UF560 Datasheet HTML 3Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UF560
Ultra Fast Power Rectifier
Publication Order Number: [UF560]
© Bruckewell Technology Corporation Rev. A -2014
Electrical characteristics (Tc=25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Typical
Max
Instantaneous forward voltage at IF=5A, Tj=25°C
at IF=5A, Tj=125°C
VF
1.3
0.85
1.5
V
Maximum reverse current per leg
Tj=25°C
IR
20
u
’A
at working peak reverse voltage
Tj=125°C
0.8
m
’A
Maximum Reverse Recovery Time
(IF = 1.0 Amp, di/dt = 50 Amp/ms)
Trr
75
ns
(IF = 0.5 Amp, iR = 1.0 Amp, IREC = 0.25 Amp)
50
ns
Thermal characteristics (Tc=25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Typical thermal resistance
RθJA
75
°C/W
Rthjl
20
Notes:
(1) L = 10mm


Similar Part No. - UF560

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UF560 MICROSEMI-UF560 Datasheet
94Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER
More results

Similar Description - UF560

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
UF460 BWTECH-UF460 Datasheet
172Kb / 3P
   Ultra Fast Power Rectifier
SUF205A BWTECH-SUF205A Datasheet
431Kb / 4P
   Ultra Fast Power Rectifier
logo
Fairchild Semiconductor
FFPF05U60DN FAIRCHILD-FFPF05U60DN Datasheet
73Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFPF05U60S FAIRCHILD-FFPF05U60S Datasheet
72Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFA10U40DN FAIRCHILD-FFA10U40DN Datasheet
77Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFA20U40DN FAIRCHILD-FFA20U40DN Datasheet
76Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFP05U60DN FAIRCHILD-FFP05U60DN Datasheet
53Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFPF20U60DN FAIRCHILD-FFPF20U60DN Datasheet
74Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
logo
KODENSHI_AUK CORP.
SF10A400HD-1 KODENSHI-SF10A400HD-1 Datasheet
225Kb / 5P
   ULTRA FAST RECOVERY POWER RECTIFIER
logo
Seme LAB
1N6626D3A SEME-LAB-1N6626D3A Datasheet
282Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com