Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTL8139C Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # RTL8139C
Description  REALTEK 3.3V SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RTL8139C Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button RTL8139C Datasheet HTML 4Page - List of Unclassifed Manufacturers RTL8139C Datasheet HTML 5Page - List of Unclassifed Manufacturers RTL8139C Datasheet HTML 6Page - List of Unclassifed Manufacturers RTL8139C Datasheet HTML 7Page - List of Unclassifed Manufacturers RTL8139C Datasheet HTML 8Page - List of Unclassifed Manufacturers RTL8139C Datasheet HTML 9Page - List of Unclassifed Manufacturers RTL8139C Datasheet HTML 10Page - List of Unclassifed Manufacturers RTL8139C Datasheet HTML 11Page - List of Unclassifed Manufacturers RTL8139C Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 62 page
background image
RTL8139C(L)
2002/01/10
Rev.1.4
8
PERRB
S/T/S
21
Parity Error: When the RTL8139C(L) is the bus master and a parity
error is detected, the RTL8139C(L) asserts both SERR bit in ISR and
Configuration Space command bit 8 (SERRB enable). Next, it
completes the current data burst transaction, then stops operation and
resets itself. After the host clears the system error, the RTL8139C(L)
continues its operation.
When the RTL8139C(L) is the bus target and a parity error is detected,
the RTL8139C(L) asserts this PERRB pin low.
SERRB
O/D
22
System Error: If an address parity error is detected and Configuration
Space Status register bit 15 (detected parity error) is enabled,
RTL8139C(L) asserts both SERRB pin low and bit 14 of Status register
in Configuration Space.
STOPB
S/T/S
20
Stop: Indicates the current target is requesting the master to stop the
current transaction.
RSTB
I
115
Reset: When RSTB is asserted low, the RTL8139C(L) performs an
internal system hardware reset. RSTB must be held for a minimum of
120 ns.
5.3 FLASH/EEPROM Interface
Symbol
Type
Pin No
Description
MA16-3
MA8
O
I/O
70-63, 61, 60, 57,
53-51
61
Boot PROM Address Bus: These pins are used to access up to a
128k-byte flash memory or EPROM.
Output pin as part of Boot PROM (or Flash) address bus after PCI reset.
Input pin as Aux. Power detect pin to detect if Aux. Power exists or not,
when initial power-on or PCI reset is asserted. Besides connecting this
pin to Boot PROM, it should be pulled high to the Aux. Power via a
resistor to detect Aux. power. If this pin is not pulled high to Aux.
Power, the RTL8139C(L) assumes that no Aux. power exists. To
support wakeup from ACPI D3cold or APM power-down, this pin must
be pulled high to Aux. power via a resistor.
MA6/9356SEL
I/O
57
When this pin is pulled high with a 10KΩ resistor, the 93C56 EEPROM
is used to store the resource data and CIS for the RTL8139C(L). The
RTL8139C(L) latches the status of this pin at power-up to determine
what EEPROM (93C46 or 93C56) is used, afterwards, this pin is used
as MA6.
MA2/EESK
O
49
The MA2-0 pins are switched to EESK, EEDI, EEDO in 93C46
(93C56) programming or auto-load mode.
MA1/EEDI
O
48
MA0/EEDO
O, I
47
EECS
O
50
93C46 (93C56) chip select
MD0-7
I/O
108, 107, 105-100
Boot PROM data bus
ROMCSB
O
110
ROM Chip Select: This is the chip select signal of the Boot PROM.
OEB
O
88
Output Enable: This enables the output buffer of the Boot PROM or
Flash memory during a read operation.
WEB
O
89
Write Enable: This signal strobes data into the Flash memory during a
write cycle.


Similar Part No. - RTL8139C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8139C ETC1-RTL8139C Datasheet
657Kb / 58P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8139C REALTEK-RTL8139C Datasheet
730Kb / 67P
   3.3V SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8139C-LF REALTEK-RTL8139C-LF Datasheet
730Kb / 67P
   3.3V SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8139CL REALTEK-RTL8139CL Datasheet
730Kb / 67P
   3.3V SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8139CL-LF REALTEK-RTL8139CL-LF Datasheet
730Kb / 67P
   3.3V SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
More results

Similar Description - RTL8139C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8100B ETC1-RTL8100B Datasheet
657Kb / 58P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8101L ETC1-RTL8101L Datasheet
878Kb / 68P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER AND MC97 CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8139C REALTEK-RTL8139C Datasheet
730Kb / 67P
   3.3V SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
List of Unclassifed Man...
RTL8100C ETC1-RTL8100C Datasheet
652Kb / 73P
   SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Macronix International
MX98L715BEC MCNIX-MX98L715BEC Datasheet
578Kb / 50P
   3.3V SINGLE CHIP FAST ETHERNET NIC CONTROLLER
logo
Realtek Semiconductor C...
RTL8100B REALTEK-RTL8100B Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
List of Unclassifed Man...
RTL8201BL ETC-RTL8201BL Datasheet
335Kb / 29P
   REALTEK SINGLE CHIP SINGLE PORT 10/100M FAST ETHERNET PHYCEIVER RTL8201BL
RTL8139D ETC2-RTL8139D Datasheet
677Kb / 67P
   SINGLE-CHIP MULTI-FUNCTION 10/100Mbps ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8101L REALTEK-RTL8101L Datasheet
947Kb / 96P
   SINGLE-CHIP FAST ETHERNET CONTROLLER
logo
List of Unclassifed Man...
RTL8208 ETC-RTL8208 Datasheet
546Kb / 40P
   REALTEK SINGLE CHIP OCTAL 10/100 MBPS FAST ETHERNET TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com