Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFD6380-418 Datasheet(PDF) 3 Page - Finisar Corporation.

Part # HFD6380-418
Description  10 Gbps 850nm PIN Preamp SC ROSA Package
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

HFD6380-418 Datasheet(HTML) 3 Page - Finisar Corporation.

  HFD6380-418 Datasheet HTML 1Page - Finisar Corporation. HFD6380-418 Datasheet HTML 2Page - Finisar Corporation. HFD6380-418 Datasheet HTML 3Page - Finisar Corporation. HFD6380-418 Datasheet HTML 4Page - Finisar Corporation. HFD6380-418 Datasheet HTML 5Page - Finisar Corporation. HFD6380-418 Datasheet HTML 6Page - Finisar Corporation. HFD6380-418 Datasheet HTML 7Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
HFD6380-418
Product Specification – Oct 2014
F i n i s a r
Confidential and Proprietary © 2014 Finisar Corporation. All rights reserved
Rev. B00
Page 3
II.
Electro-Optical Characteristics (Vcc =3.3V, AC coupled to 50W (100W differential), -
20
oC < TA <95oC unless otherwise specified)
Notes:
1.
The data rate can be increased to 12.5Gbps, but the sensitivity will be decreased by approximately 3dB
2.
PR is the average optical power at the fiber face.
3.
PR OMA is the peak to peak optical power at the fiber face (Optical Modulation Amplitude)
where ER is the extinction ratio (linear) of the optical source.
4.
Bandwidth and Low Frequency Cutoff are measured with a small signal sinusoidal light source with –
10dBm average power
5.
Sensitivity is measured with an optical source with an extinction ratio of 3dB.
6.
Stressed receiver sensitivity is measured with 3.5dB vertical eye closure (intersymbol interference) and
with 0.3UI of jitter added. The measurement technique is defined in IEEE 802.3ae.
7.
Rise/Fall times are corrected for optical source Rise/Fall times. The corrected value is calculated as
the square root of the difference of the squares of the measured differential detector output and the
source.
8.
Value shown is with external power supply filtering.
9.
For best sensitivity, a limiting amplifier may be required for operation.
10. The PD voltage must be connected to a positive 3.3V power supply (nominal).Maximum
Parameters
Test Condition
Symbol
Min.
Typ.
Max.
Units
Notes
Data Rate
DR
10.7
GBd
1
Input Optical Wavelength
0
oC to 70oC
λP
830
850
870
nm
Supply Voltage
2.97
3.3
3.63
V
Supply Current
PR =0µW, RL=50Ω AC
coupled
ICC
35
50
mA
PD Bias Voltage
VPD_Bias
3
3.3
3.6
V
10
Photodiode Responsivity
PR =-12dBm
Resp
0.45
0.5
0.6
A/W
10
Active Area (diameter)
40
µm
Optical Return Loss
PR =-12dBm
ORL
12
dB
Differential Output Voltage Swing
PR,OMA= -12Bm,
AC Coupled to RL=50Ω
Vo(pk-pk)
150
200
330
mV
2,3
Differential Responsivity
PR,OMA = -12dBm,
AC Coupled to RL=50Ω
T
2300
3000
5300
V/W
2,3
-3dB Optical/Electrical Bandwidth
PR,OMA =-12dBm
Temp = 25
oC
BW
7.5
9
12.3
GHz
3,4
Low Frequency –3dB Cutoff
PR,OMA =-12dBm
BWLF
90
KHz
2,3
Output Impedance
ZOUT
40
50
60
Sensitivity, OMA
S
-13.5
-12
dBm
5,9
Stressed Sensitivity
Per IEEE802.3ae
SStressed
-11.5
-9
dBm
6
Rise/Fall Time
PR,OMA =-12dBm, (20%-
80%)
TR/TF
30
50
ps
3,7
Group Delay
Measured from |S21|
Phase
GVD
-50
50
ps
Overload Power
POVLD
AVE
0
dBm
POVLD
OMA
2
Power Supply Rejection Ratio
PR =0µW (Dark), Freq =
1000MHz
PSRR
30
dB
2,8


Similar Part No. - HFD6380-418

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HFD630 SEMIHOW-HFD630 Datasheet
163Kb / 8P
   Superior Avalanche Rugged Technology
logo
SHENZHEN DOINGTER SEMIC...
HFD630 DOINGTER-HFD630 Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
SemiHow Co.,Ltd.
HFD630A SEMIHOW-HFD630A Datasheet
407Kb / 8P
   200V N-Channel MOSFET
HFD630A SEMIHOW-HFD630A Datasheet
408Kb / 8P
   200V N-Channel MOSFET
More results

Similar Description - HFD6380-418

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
HFD6180-421 FINISAR-HFD6180-421 Datasheet
158Kb / 7P
   10 Gbps 850nm PIN Preamp LC ROSA Package
PIN-1310-10LR-SC FINISAR-PIN-1310-10LR-SC Datasheet
140Kb / 6P
   10 GBPS 1310NM PIN PREAMP SC AND LC ROSA PACKAGE
PIN-1310-10LR-LC FINISAR-PIN-1310-10LR-LC Datasheet
219Kb / 7P
   10 GBPS 1310NM PIN PREAMP LC ROSA PACKAGE
HFD3180-103 FINISAR-HFD3180-103 Datasheet
92Kb / 7P
   2.5Gbps 850nm PIN Preamp, LC ROSA
HFD3180-108 FINISAR-HFD3180-108 Datasheet
82Kb / 7P
   2.5Gbps 850nm PIN Preamp, LC ROSA
HFD3180-203 FINISAR-HFD3180-203 Datasheet
93Kb / 7P
   4.25Gbps 850nm PIN Preamp, LC ROSA
PIN-1310-2I-LCA FINISAR-PIN-1310-2I-LCA Datasheet
190Kb / 6P
   3.7GBS 1310NM PINPREAMP ROSA
HFD3141-203 FINISAR-HFD3141-203 Datasheet
348Kb / 6P
   4.25Gbps 1310nm PIN Preamp, LC ROSA
logo
Source Photonics, Inc.
T-11-2500-D-SSC SOURCE-T-11-2500-D-SSC Datasheet
692Kb / 3P
   2.5 Gbps PIN-TIA Reciever Module-ROSA (5V)
logo
Finisar Corporation.
HFE4380-521 FINISAR-HFE4380-521 Datasheet
257Kb / 6P
   1.25GBPS 850NM VCSEL SC TOSA PACKAGE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com