Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFD6380-418 Datasheet(PDF) 1 Page - Finisar Corporation.

Part # HFD6380-418
Description  10 Gbps 850nm PIN Preamp SC ROSA Package
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

HFD6380-418 Datasheet(HTML) 1 Page - Finisar Corporation.

  HFD6380-418 Datasheet HTML 1Page - Finisar Corporation. HFD6380-418 Datasheet HTML 2Page - Finisar Corporation. HFD6380-418 Datasheet HTML 3Page - Finisar Corporation. HFD6380-418 Datasheet HTML 4Page - Finisar Corporation. HFD6380-418 Datasheet HTML 5Page - Finisar Corporation. HFD6380-418 Datasheet HTML 6Page - Finisar Corporation. HFD6380-418 Datasheet HTML 7Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
F i n i s a r
Confidential and Proprietary © 2014 Finisar Corporation. All rights reserved
Rev. B00
Page 1
Product Specification
10 Gbps 850nm PIN + Preamp SC ROSA Package
HFD6380-418
PRODUCT FEATURES
High gain, inverting
LC ROSA package
SC ROSA package.
High performance GaAs PIN
photodiode with separate
transimpedance amplifier
Low electrical parasitic
TO46 package
Data rates up to 10.7Gbps
Separate detector bias pin
can be used for receive
power monitoring
Low power dissipation
Can drive SERDES directly
Flex circuit interface fits all
10GB MSAs
RoHS compliant (EU Directive on
Restrictions of Hazardous Substances,
2002/95/EC)
The HFD6380-418 uses a high-performance GaAs PIN photo-detector packaged with a
transimpedance amplifier designed to meet performance requirements for 10Gbps data
communication over multi-mode optical fiber at 850nm. Applications include Ethernet,
Fiber Channel and ATM protocols. The optical assembly is designed to interface either
50mm or 62.5mm multi-mode fiber.
The HFD6380-418 is designed to be paired with Advanced Optical Components
HFE6392 VCSEL 10Gbps TOSA products (see data sheets for HFE6392 products at
www.finisar.com/).
PRODUCT SELECTION
Part Number
Description
HFD6380-418
SC ROSA, with flex. High gain, inverting.


Similar Part No. - HFD6380-418

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HFD630 SEMIHOW-HFD630 Datasheet
163Kb / 8P
   Superior Avalanche Rugged Technology
logo
SHENZHEN DOINGTER SEMIC...
HFD630 DOINGTER-HFD630 Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
SemiHow Co.,Ltd.
HFD630A SEMIHOW-HFD630A Datasheet
407Kb / 8P
   200V N-Channel MOSFET
HFD630A SEMIHOW-HFD630A Datasheet
408Kb / 8P
   200V N-Channel MOSFET
More results

Similar Description - HFD6380-418

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
HFD6180-421 FINISAR-HFD6180-421 Datasheet
158Kb / 7P
   10 Gbps 850nm PIN Preamp LC ROSA Package
PIN-1310-10LR-SC FINISAR-PIN-1310-10LR-SC Datasheet
140Kb / 6P
   10 GBPS 1310NM PIN PREAMP SC AND LC ROSA PACKAGE
PIN-1310-10LR-LC FINISAR-PIN-1310-10LR-LC Datasheet
219Kb / 7P
   10 GBPS 1310NM PIN PREAMP LC ROSA PACKAGE
HFD3180-103 FINISAR-HFD3180-103 Datasheet
92Kb / 7P
   2.5Gbps 850nm PIN Preamp, LC ROSA
HFD3180-108 FINISAR-HFD3180-108 Datasheet
82Kb / 7P
   2.5Gbps 850nm PIN Preamp, LC ROSA
HFD3180-203 FINISAR-HFD3180-203 Datasheet
93Kb / 7P
   4.25Gbps 850nm PIN Preamp, LC ROSA
PIN-1310-2I-LCA FINISAR-PIN-1310-2I-LCA Datasheet
190Kb / 6P
   3.7GBS 1310NM PINPREAMP ROSA
HFD3141-203 FINISAR-HFD3141-203 Datasheet
348Kb / 6P
   4.25Gbps 1310nm PIN Preamp, LC ROSA
logo
Source Photonics, Inc.
T-11-2500-D-SSC SOURCE-T-11-2500-D-SSC Datasheet
692Kb / 3P
   2.5 Gbps PIN-TIA Reciever Module-ROSA (5V)
logo
Finisar Corporation.
HFE4380-521 FINISAR-HFE4380-521 Datasheet
257Kb / 6P
   1.25GBPS 850NM VCSEL SC TOSA PACKAGE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com