Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFD6180-421 Datasheet(PDF) 4 Page - Finisar Corporation.

Part # HFD6180-421
Description  10 Gbps 850nm PIN Preamp LC ROSA Package
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

HFD6180-421 Datasheet(HTML) 4 Page - Finisar Corporation.

  HFD6180-421 Datasheet HTML 1Page - Finisar Corporation. HFD6180-421 Datasheet HTML 2Page - Finisar Corporation. HFD6180-421 Datasheet HTML 3Page - Finisar Corporation. HFD6180-421 Datasheet HTML 4Page - Finisar Corporation. HFD6180-421 Datasheet HTML 5Page - Finisar Corporation. HFD6180-421 Datasheet HTML 6Page - Finisar Corporation. HFD6180-421 Datasheet HTML 7Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
HFD6180-421
Product Specification – Oct 2014
F i n i s a r
Confidential and Proprietary © 2014 Finisar Corporation. All rights reserved
Rev. B00
Page 4
III.
Recommended interface circuit for the HFD6180-421
Optional RSSI implementation is shown in blue.
Optional 100
Ω differential termination for high impedance limiting amplifiers is shown in red.
V
CC
V
CC
OUTN
OUTP
Case
50
50
V
PD
100
100nF
Note: 100
Ω resistor
only needed with
high impedance
limiting amplifiers
100
20x
RSSI ~ 1V/mW
V
PD
V
CC
V
CC
OUTN
OUTP
Case
50
50
V
PD
100
100nF
Note: 100
Ω resistor
only needed with
high impedance
limiting amplifiers
100
20x
RSSI ~ 1V/mW
V
PD
22uH
10nF
100nF
IN
OUT
22uH
10nF
100nF
IN
OUT


Similar Part No. - HFD6180-421

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HFD630 SEMIHOW-HFD630 Datasheet
163Kb / 8P
   Superior Avalanche Rugged Technology
logo
SHENZHEN DOINGTER SEMIC...
HFD630 DOINGTER-HFD630 Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
SemiHow Co.,Ltd.
HFD630A SEMIHOW-HFD630A Datasheet
407Kb / 8P
   200V N-Channel MOSFET
HFD630A SEMIHOW-HFD630A Datasheet
408Kb / 8P
   200V N-Channel MOSFET
logo
Finisar Corporation.
HFD6380-418 FINISAR-HFD6380-418 Datasheet
148Kb / 7P
   10 Gbps 850nm PIN Preamp SC ROSA Package
More results

Similar Description - HFD6180-421

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
HFD6380-418 FINISAR-HFD6380-418 Datasheet
148Kb / 7P
   10 Gbps 850nm PIN Preamp SC ROSA Package
PIN-1310-10LR-LC FINISAR-PIN-1310-10LR-LC Datasheet
219Kb / 7P
   10 GBPS 1310NM PIN PREAMP LC ROSA PACKAGE
PIN-1310-10LR-SC FINISAR-PIN-1310-10LR-SC Datasheet
140Kb / 6P
   10 GBPS 1310NM PIN PREAMP SC AND LC ROSA PACKAGE
HFD3180-103 FINISAR-HFD3180-103 Datasheet
92Kb / 7P
   2.5Gbps 850nm PIN Preamp, LC ROSA
HFD3180-108 FINISAR-HFD3180-108 Datasheet
82Kb / 7P
   2.5Gbps 850nm PIN Preamp, LC ROSA
HFD3180-203 FINISAR-HFD3180-203 Datasheet
93Kb / 7P
   4.25Gbps 850nm PIN Preamp, LC ROSA
HFD3141-203 FINISAR-HFD3141-203 Datasheet
348Kb / 6P
   4.25Gbps 1310nm PIN Preamp, LC ROSA
PIN-1310-2I-LCA FINISAR-PIN-1310-2I-LCA Datasheet
190Kb / 6P
   3.7GBS 1310NM PINPREAMP ROSA
logo
Source Photonics, Inc.
T-11-2500-D-SSC SOURCE-T-11-2500-D-SSC Datasheet
692Kb / 3P
   2.5 Gbps PIN-TIA Reciever Module-ROSA (5V)
logo
Finisar Corporation.
HFD7180-001 FINISAR-HFD7180-001 Datasheet
281Kb / 8P
   5 pin LC ROSA, with separate PD bias
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com