Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HCPL2531 Datasheet(PDF) 5 Page - Texas Instruments

Part No. HCPL2531
Description  OPTOCOUPLERS/OPTOISOLATORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

HCPL2531 Datasheet(HTML) 5 Page - Texas Instruments

  HCPL2531 Datasheet HTML 1Page - Texas Instruments HCPL2531 Datasheet HTML 2Page - Texas Instruments HCPL2531 Datasheet HTML 3Page - Texas Instruments HCPL2531 Datasheet HTML 4Page - Texas Instruments HCPL2531 Datasheet HTML 5Page - Texas Instruments HCPL2531 Datasheet HTML 6Page - Texas Instruments HCPL2531 Datasheet HTML 7Page - Texas Instruments HCPL2531 Datasheet HTML 8Page - Texas Instruments HCPL2531 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
www.fairchildsemi.com
Single-channel: 6N135, 6N136 , HCPL-2503, HCPL-4502 Dual-Channel: HCPL-2530, HCPL-2531 Rev. 1.0.3
Switching Characteristics (TA = 0 to 70°C unless otherwise specified., VCC = 5 V)
** All Typicals at TA = 25°C
Parameter
Test Conditions
Symbol
Device
Min Typ** Max Unit
Propagation delay
time to logic low
TA = 25°C, (RL = 4.1 kΩ, IF = 16 mA) (Note 6) (Fig. 7)
TPHL
6N135
HCPL-2530
0.45
1.5
µs
(RL = 1.9 kΩ, IF = 16 mA) (Note 7) (Fig. 7)
TA = 25°C
6N136
HCPL-4502
HCPL-2503
HCPL-2531
0.45
0.8
µs
(RL = 4.1 kΩ, IF = 16 mA) (Note 6) (Fig. 7)
6N135
HCPL-2530
2.0
µs
(RL = 1.9 kΩ, IF = 16 mA) (Note 7) (Fig. 7)
6N136
HCPL-4502
HCPL-2503
HCPL-2531
1.0
µs
Propagation delay
time to logic high
TA = 25°C, (RL = 4.1 kΩ, IF = 16 mA) (Note 6) (Fig. 7)
TPLH
6N135
HCPL-2530
0.5
1.5
µs
(RL = 1.9 kΩ, IF = 16 mA) (Note 7) (Fig. 7)
TA = 25°C
6N136
HCPL-4502
HCPL-2503
HCPL-2531
0.3
0.8
µs
(RL = 4.1 kΩ, IF = 16 mA) (Note 6) (Fig. 7)
6N135
HCPL-2530
2.0
µs
(RL = 1.9 kΩ, IF = 16 mA) (Note 7) (Fig. 7)
6N136
HCPL-4502
HCPL-2503
HCPL-2531
1.0
µs
Common mode
transient
immunity at
logic high
(IF = 0 mA, VCM = 10 VP-P, RL = 4.1 kΩ)
(Note 8) (Fig. 8) TA = 25°C
|CMH|
6N135
HCPL-2530
10,000
V/µs
(IF = 0 mA, VCM = 10 VP-P)
TA = 25°C, (RL = 1.9 kΩ)
(Note 8) (Fig. 8)
6N136
HCPL-4502
HCPL-2503
HCPL-2531
10,000
V/µs
Common mode
transient
immunity at
logic low
(IF = 16 mA, VCM = 10 VP-P, RL = 4.1 kΩ)
(Note 8) (Fig. 8) TA = 25°C
|CML|
6N135
HCPL-2530
10,000
V/µs
(IF = 16 mA, VCM = 10 VP-P)
(RL = 1.9 kΩ)
(Note 8) (Fig. 8)
6N136
HCPL-4502
HCPL-2503
HCPL-2531
10,000
V/µs


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn