Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFD3081-108 Datasheet(PDF) 2 Page - Finisar Corporation.

Part # HFD3081-108
Description  SW Detector 2Gbps, PINPre-amp, TO-46
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

HFD3081-108 Datasheet(HTML) 2 Page - Finisar Corporation.

  HFD3081-108 Datasheet HTML 1Page - Finisar Corporation. HFD3081-108 Datasheet HTML 2Page - Finisar Corporation. HFD3081-108 Datasheet HTML 3Page - Finisar Corporation. HFD3081-108 Datasheet HTML 4Page - Finisar Corporation. HFD3081-108 Datasheet HTML 5Page - Finisar Corporation. HFD3081-108 Datasheet HTML 6Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
HFD3081-108
Product Specification – April 2013
F i n i s a r
Confidential and Proprietary © 2012 Finisar Corporation. All rights reserved
Rev. A1
Page 2
I. Absolute Maximum Ratings
Parameter
Rating
Storage Temperature
-40 to +85
°C
Case Operating Temperature
-40* to +85
°C
Lead Solder Temperature
260
°C, 10 sec.
Power Supply Voltage
-0.5V to 4V
Incident Optical Power
+3 dBm average, +6 dBm peak
ESD Exposure (Human Body Model)
225V
1
Notice
Stresses greater than those listed under “Absolute Maximum Ratings”
may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other
conditions above those indicated in the operations section for
extended periods of time may affect reliability.
Notice
The inherent design of this component causes it to be sensitive to
electrostatic discharge (ESD). To prevent ESD-induced damage
and/or degradation to equipment, take normal ESD precautions when
handling this product


Similar Part No. - HFD3081-108

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HFD3 ETC2-HFD3 Datasheet
108Kb / 6P
   SUBMINIATURE SIGNAL RELAY
logo
Hongfa Technology
HFD3 HONGFA-HFD3 Datasheet
324Kb / 6P
   SUBMINIATURE SIGNAL RELAY
HFD3 HONGFA-HFD3 Datasheet
211Kb / 6P
   SUBMINIATURE SIGNAL RELAY
HFD3-I HONGFA-HFD3-I Datasheet
833Kb / 6P
   MINIATURE SIGNAL RELAY
HFD3-I/1.5-L1S1R HONGFA-HFD3-I/1.5-L1S1R Datasheet
833Kb / 6P
   MINIATURE SIGNAL RELAY
More results

Similar Description - HFD3081-108

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KRT-14211C KODENSHI-KRT-14211C Datasheet
194Kb / 2P
   2.5G InGaAs PIN PD for TO 46 PKG
KRT-13221 KODENSHI-KRT-13221 Datasheet
182Kb / 2P
   1.25Gbps InGaAs PIN PD for TO 46 PKG
logo
Optoway Technology Inc
PD-1180 OPTOWAY-PD-1180 Datasheet
61Kb / 2P
   InGaAs PIN PHOTODIODES 1 mm InGaAs PIN Photdiode with TO-46 Package
PD-1180 OPTOWAY-PD-1180_10 Datasheet
63Kb / 2P
   InGaAs PIN PHOTODIODES 1 mm InGaAs PIN Photdiode with TO-46 Package
PD-1181 OPTOWAY-PD-1181 Datasheet
47Kb / 2P
   InGaAs PIN PHOTODIODES 0.5 mm InGaAs PIN Photdiode with TO-46 Package
logo
Sensortechnics GmbH
501907 SENSORTECHNICS-501907 Datasheet
412Kb / 2P
   10mm짼 PIN detector
logo
Optoway Technology Inc
PD-1180 OPTOWAY-PD-1180_09 Datasheet
116Kb / 3P
   InGaAs PIN PHOTODIODES 1 mm InGaAs PIN Photdiode with TO-46 Package
PD-1181 OPTOWAY-PD-1181_09 Datasheet
115Kb / 2P
   InGaAs PIN PHOTODIODES 0.5 mm InGaAs PIN Photdiode with TO-46 Package
logo
Marktech Corporate
MTE4047NK2-UB MARKTECH-MTE4047NK2-UB Datasheet
960Kb / 3P
   Hermetically Sealed TO-46
MTE280H21-UV MARKTECH-MTE280H21-UV Datasheet
683Kb / 4P
   Hermetically Sealed TO-46
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com