Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTLF1721S1HCL Datasheet(PDF) 11 Page - Finisar Corporation.

Part # FTLF1721S1HCL
Description  OC-48 LR-1/STM L-16.1 Multirate 2x10 SFF Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLF1721S1HCL Datasheet(HTML) 11 Page - Finisar Corporation.

Back Button FTLF1721S1HCL Datasheet HTML 4Page - Finisar Corporation. FTLF1721S1HCL Datasheet HTML 5Page - Finisar Corporation. FTLF1721S1HCL Datasheet HTML 6Page - Finisar Corporation. FTLF1721S1HCL Datasheet HTML 7Page - Finisar Corporation. FTLF1721S1HCL Datasheet HTML 8Page - Finisar Corporation. FTLF1721S1HCL Datasheet HTML 9Page - Finisar Corporation. FTLF1721S1HCL Datasheet HTML 10Page - Finisar Corporation. FTLF1721S1HCL Datasheet HTML 11Page - Finisar Corporation. FTLF1721S1HCL Datasheet HTML 12Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
FTLF1721S1xCL 2x10 Pin SFF Product Specification – March 2006
F i n i s a r
© Finisar Corporation March 2006 Rev A
Page 11
XI.
References
1. Small Form Factor Pluggable (SFP) Transceiver Multi-Source Agreement
(MSA), September 2000. Documentation is currently available from Finisar
upon request.
2. “SONET
Transport
Systems:
Common
Generic
Criteria”,
Telcordia
Technologies, GR-253-CORE, Issue 3, Sept 2000. Also refer to ITU-T G.957
Specifications
3. IEEE Std 802.3, 2002 Edition, Clause 38, PMD Type 1000BASE-LX.
IEEE Standards Department, 2002. (Transmit Optical Output has a minimum
Extinction Ratio of 8.2 dB only).
(*)
4. “Fibre Channel Draft Physical Interface Specification (FC-PI 13.0)”.
American National Standard for Information Systems.
(*)
5. Directive 2002/95/EC of the European Council Parliament and of the Council.
“On the restriction of the use of certain hazardous substances in electrical and
electronic equipment”. January 27, 2003.
6. “Application Note AN-2038: Finisar Implementation of RoHS Compliant
Transceivers:. Finisar Corporation, January 21, 2005.
(*) Neither IEEE 802.3 nor FC-PI 13.0 specifies a DFB single mode interface.
The FTRJ1721S1xCL complies with these standards except for receiver sensitivity, ER
and transmit output power. See Section IV for details.
XII.
For More Information
Finisar Corporation
1308 Moffett Park Drive
Sunnyvale, CA 94089-1133
Tel. 1-408-548-1000
Fax 1-408-541-6138
sales@finisar.com
www.finisar.com


Similar Part No. - FTLF1721S1HCL

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLF1721S1HCL FINISAR-FTLF1721S1HCL Datasheet
212Kb / 12P
   OC-48 LR-1/STM L-16.1 Multirate 2x10 SFF Transceiver
More results

Similar Description - FTLF1721S1HCL

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTRJ1721SGCL FINISAR-FTRJ1721SGCL Datasheet
498Kb / 10P
   OC-48 LR-1/STM L-16.1 Multirate 2x10 SFF Transceiver
FTLF1721S1GCL FINISAR-FTLF1721S1GCL Datasheet
212Kb / 12P
   OC-48 LR-1/STM L-16.1 Multirate 2x10 SFF Transceiver
FTRJ1421SG FINISAR-FTRJ1421SG Datasheet
498Kb / 10P
   OC-48 IR-1/STM S-16.1 Multirate 2x10 SFF Transceiver
FTLF1421S1XCL FINISAR-FTLF1421S1XCL Datasheet
239Kb / 12P
   OC-48 IR-1/STM S-16.1 Multirate 2x10 SFF Transceiver
FTLF1421S1GCL FINISAR-FTLF1421S1GCL Datasheet
213Kb / 12P
   OC-48 IR-1/STM S-16.1 Multirate 2x10 SFF Transceiver
FTLF1621S1XCL FINISAR-FTLF1621S1XCL Datasheet
238Kb / 12P
   OC-48 LR-2/STM L-16.2 Multirate 2x10 SFF Transceiver
FTRJ1621SGCL FINISAR-FTRJ1621SGCL Datasheet
497Kb / 10P
   OC-48 LR-2/STM L-16.2 Multirate 2x10 SFF Transceiver
FTLF1621S1GCL FINISAR-FTLF1621S1GCL Datasheet
213Kb / 12P
   OC-48 LR-2/STM L-16.2 Multirate 2x10 SFF Transceiver
FTRJ1721P1WCL FINISAR-FTRJ1721P1WCL Datasheet
728Kb / 11P
   OC-48 LR-1/STM L-16.1 Multirate Pluggable SFP Transceiver
FTLF1321S1XTL FINISAR-FTLF1321S1XTL Datasheet
281Kb / 11P
   OC-48 SR-1/STM S-16 Multirate 2x10 SFF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com