Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTLF8519F2KCL Datasheet(PDF) 3 Page - Finisar Corporation.

Part # FTLF8519F2KCL
Description  2.125 Gb/s RoHS Compliant Short Wavelength 2x5 SFF Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLF8519F2KCL Datasheet(HTML) 3 Page - Finisar Corporation.

  FTLF8519F2KCL Datasheet HTML 1Page - Finisar Corporation. FTLF8519F2KCL Datasheet HTML 2Page - Finisar Corporation. FTLF8519F2KCL Datasheet HTML 3Page - Finisar Corporation. FTLF8519F2KCL Datasheet HTML 4Page - Finisar Corporation. FTLF8519F2KCL Datasheet HTML 5Page - Finisar Corporation. FTLF8519F2KCL Datasheet HTML 6Page - Finisar Corporation. FTLF8519F2KCL Datasheet HTML 7Page - Finisar Corporation. FTLF8519F2KCL Datasheet HTML 8Page - Finisar Corporation. FTLF8519F2KCL Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
FTLF8519F2xCL 2x5 Pin SFF Product Specification – April 2006
III.
Electrical Characteristics (TOP = 0 to 70 °C, VCC = 3.0 to 3.6 Volts)
Parameter
Symbol
Min
Typ
Max
Unit
Ref.
Supply Voltage
Vcc
3.0
3.6
V
Supply Current
Icc
180
240
mA
Transmitter
Input differential impedance
Rin
80
100
120
Ω
1
Single ended data input swing
Vin,pp
250
1200
mV
Transmit Disable Voltage
VD
2
Vcc
V
Transmit Enable Voltage
VEN
Vee
Vee+ 0.8
V
2
Receiver
Output differential impedance
Rout
80
100
120
Ω
1
Single ended data output swing
Vout,pp
250
350
550
mV
3
Data output rise/fall time
tr/ tf
170
ps
4
Signal Detect Normal
SD normal
VccHOST
V
5
Signal Detect Fault
SD fault
Vee
Vee+0.5
V
5
Power Supply Rejection
PSR
100
mVpp
6
Total Jitter Contribution (p-p)
RX
Δ TJ
123
ps
7
Notes:
1.
AC coupled.
2.
Or open circuit.
3.
Into 100
Ω differential termination. Data pattern is PRBS 27-1.
4.
20 – 80 %.
5.
Signal detect is LVTTL. Logic 1 indicates normal operation; logic 0 indicates no signal detected.
6.
All transceiver specifications are compliant with a power supply sinusoidal modulation of 20 Hz to 1.5
MHz up to specified value applied through the power supply filtering network shown on page 23 of the
Small Form-factor Pluggable (SFP) Transceiver MultiSource Agreement (MSA), September 14, 2000
5.
7.
If measured with TJ-free data input signal. In actual application, output TJ will be given by:
() (
)2
2
DJ
TJ
DJ
TJ
DJ
DJ
TJ
IN
IN
IN
OUT
Δ
Δ
+
+
Δ
+
=
© Finisar Corporation April 7, 2006 Rev G
Page 3


Similar Part No. - FTLF8519F2KCL

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLF8519F2KCL FINISAR-FTLF8519F2KCL Datasheet
242Kb / 10P
   2.125 Gb/s RoHS Compliant Short Wavelength 2x5 SFF Transceiver
More results

Similar Description - FTLF8519F2KCL

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLF8519F2XNL FINISAR-FTLF8519F2XNL Datasheet
289Kb / 10P
   2.125 Gb/s RoHS Compliant Short Wavelength 2x5 SFF Transceiver
FTLF8519F2GCL FINISAR-FTLF8519F2GCL Datasheet
242Kb / 10P
   2.125 Gb/s RoHS Compliant Short Wavelength 2x5 SFF Transceiver
FTLF8519F2XTL FINISAR-FTLF8519F2XTL Datasheet
263Kb / 9P
   2.125 Gb/s RoHS Compliant Short Wavelength 2x5 SFF Transceiver
FTLF8519F2GTL FINISAR-FTLF8519F2GTL Datasheet
335Kb / 9P
   2.125 Gb/s RoHS Compliant Short Wavelength 2x5 SFF Transceiver
FTLF8519F2GNL FINISAR-FTLF8519F2GNL Datasheet
264Kb / 10P
   2.125 Gb/s RoHS Compliant Short Wavelength 2x5 SFF Transceiver
FTLF8519P3BNL FINISAR-FTLF8519P3BNL Datasheet
469Kb / 11P
   2.125 Gb/s RoHS Compliant Short-Wavelength SFP Transceiver
FTLF8519P2WCL FINISAR-FTLF8519P2WCL Datasheet
794Kb / 10P
   2.125 Gb/s RoHS Compliant Short-Wavelength SFP Transceiver
FTLF8519P3BYL FINISAR-FTLF8519P3BYL Datasheet
641Kb / 11P
   2.125 Gb/s RoHS Compliant Short-Wavelength SFP Transceiver
FTLF8519P2WTL FINISAR-FTLF8519P2WTL Datasheet
817Kb / 12P
   2.125 Gb/s RoHS Compliant Short-Wavelength SFP Transceiver
FTLF8519P3BTL FINISAR-FTLF8519P3BTL Datasheet
669Kb / 11P
   2.125 Gb/s RoHS Compliant Short-Wavelength SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com