Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCBN425QB1C50 Datasheet(PDF) 7 Page - Finisar Corporation.

Part # FCBN425QB1C50
Description  100G Quadwire짰 QSFP28 Active Optical Cable
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FCBN425QB1C50 Datasheet(HTML) 7 Page - Finisar Corporation.

  FCBN425QB1C50 Datasheet HTML 1Page - Finisar Corporation. FCBN425QB1C50 Datasheet HTML 2Page - Finisar Corporation. FCBN425QB1C50 Datasheet HTML 3Page - Finisar Corporation. FCBN425QB1C50 Datasheet HTML 4Page - Finisar Corporation. FCBN425QB1C50 Datasheet HTML 5Page - Finisar Corporation. FCBN425QB1C50 Datasheet HTML 6Page - Finisar Corporation. FCBN425QB1C50 Datasheet HTML 7Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
FCBN425QB1Cxx Product Specification
 Finisar Corporation January 2016
B3
Page 7
IX.
References
1.
InfiniBand™ Architecture Release, Vol. 2 – Physical Specifications, Rev. 1.3,
November 2012.
2.
SFF-8665 – QSFP+ 28Gb/s 4X Pluggable Transceiver Solution (QSFP28), Rev 1.8,
May, 2013.
3.
SFF-8636 – Specification for Common Management Interface, Rev 1.7, January
2014.
4.
“CAUI-4” Retimed 4x25G electrical interface, to be defined by IEEE 802.3
5.
CEI-28G-VSR Implementation Agreement, per OIF 2012.290.00
6.
Directive 2011/65/EU of the European Council Parliament and of the Council, “on
the restriction of the use of certain hazardous substances in electrical and electronic
equipment.” Certain products may use one or more exemptions as allowed by the
Directive.
7.
“Application Note AN-2150: EDR Quadwire EEPROM Mapping.”
X.
For More Information
Finisar Corporation
1389 Moffett Park Drive
Sunnyvale, CA 94089-1133
Tel. 1-408-548-1000
Fax 1-408-541-6138
sales@finisar.com
www.finisar.com


Similar Part No. - FCBN425QB1C50

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FCBN425QB1C50 FINISAR-FCBN425QB1C50 Datasheet
461Kb / 9P
   PRELIMINARY Product Specification 100G Quadwire QSFP28 Active Optical Cable
More results

Similar Description - FCBN425QB1C50

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FCBN425QE1C01 FINISAR-FCBN425QE1C01 Datasheet
475Kb / 7P
   100G Quadwire짰 QSFP28 Active Optical Cable
FCBN425QB1CXX FINISAR-FCBN425QB1CXX Datasheet
474Kb / 7P
   100G Quadwire짰 EDR QSFP28 Active Optical Cable
logo
TE Connectivity Ltd
2368650 TEC-2368650 Datasheet
279Kb / 4P
   100G QSFP28 Active Optical Cable
23 AUGUST 2022 Rev B
logo
ATGBICS by Approved Tec...
AOC-QSFP28-100G-15M-C ATGBICS-AOC-QSFP28-100G-15M-C Datasheet
637Kb / 10P
   AOC-QSFP28-100G-15M Dell Compatible Active Optical Cable 100G QSFP28 (15m)
AOC-QSFP28-100G-20M-C ATGBICS-AOC-QSFP28-100G-20M-C Datasheet
637Kb / 10P
   AOC-QSFP28-100G-20M Dell Compatible Active Optical Cable 100G QSFP28 (20m)
AOC-QSFP28-100G-10M-C ATGBICS-AOC-QSFP28-100G-10M-C Datasheet
637Kb / 10P
   AOC-QSFP28-100G-10M Dell Compatible Active Optical Cable 100G QSFP28 (10m)
AOC-QSFP28-100G-1M-C ATGBICS-AOC-QSFP28-100G-1M-C Datasheet
637Kb / 10P
   AOC-QSFP28-100G-1M Dell Compatible Active Optical Cable 100G QSFP28 (1m)
AOC-QSFP28-100G-3M-C ATGBICS-AOC-QSFP28-100G-3M-C Datasheet
637Kb / 10P
   AOC-QSFP28-100G-3M Dell Compatible Active Optical Cable 100G QSFP28 (3m)
AOC-QSFP28-100G-5M-C ATGBICS-AOC-QSFP28-100G-5M-C Datasheet
637Kb / 10P
   AOC-QSFP28-100G-5M Dell Compatible Active Optical Cable 100G QSFP28 (5m)
AOC-QSFP28-100G-2M-C ATGBICS-AOC-QSFP28-100G-2M-C Datasheet
637Kb / 10P
   AOC-QSFP28-100G-2M Dell Compatible Active Optical Cable 100G QSFP28 (2m)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com