Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A29L161B Datasheet(PDF) 41 Page - AMIC Technology

Part No. A29L161B
Description  2M X 8 Bit / 1M X 16 Bit CMOS 3.3 Volt-only, Boot Sector Flash Memory
Download  41 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AMICC [AMIC Technology]
Homepage  http://www.amictechnology.com
Logo 

A29L161B Datasheet(HTML) 41 Page - AMIC Technology

 
Zoom Inzoom in Zoom Outzoom out
 41 / 41 page
background image
A29L161B Series
(December, 2015, Version 1.0)
40
AMIC Technology, Corp.
Package Information
48 Balls CSP (6 x 8 mm) Outline Dimensions
unit: mm
(48TFBGA)
H
G
F
E
D
C
B
A
TOP VIEW
SIDE VIEW
C
SEATING PLANE
6
5
4
321
BOTTOM VIEW
Ball*A1 CORNER
H
G
F
E
D
C
B
A
e
D1
D
b
0.10 C
12
3
4
5
6
Dimensions in mm
Symbol
Min.
Nom.
Max.
A
-
-
1.20
A1
0.20
0.25
0.30
b
0.30
-
0.40
D
5.90
6.00
6.10
D1
4.00 BSC
e
-
0.80
-
E
7.90
8.00
8.10
E1
5.60 BSC


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn