Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A29L161B Datasheet(PDF) 27 Page - AMIC Technology

Part No. A29L161B
Description  2M X 8 Bit / 1M X 16 Bit CMOS 3.3 Volt-only, Boot Sector Flash Memory
Download  41 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AMICC [AMIC Technology]
Homepage  http://www.amictechnology.com
Logo 

A29L161B Datasheet(HTML) 27 Page - AMIC Technology

Zoom Inzoom in Zoom Outzoom out
 27 / 41 page
background image
A29L161B Series
(December, 2015, Version 1.0)
26
AMIC Technology, Corp.
Temporary Sector Unprotect
Parameter
JEDEC
Std
Description
All Speed Options
Unit
tVIDR
VID Rise and Fall Time (See Note)
Min
500
ns
tRSP
RESET Setup Time for Temporary Sector
Unprotect
Min
4
μs
Note: Not 100% tested.
Temporary Sector Unprotect Timing Diagram
AC Characteristics
Word/Byte Configuration (
BYTE )
Parameter
JEDEC
Std
Description
All Speed Options
Unit
tELFL/tELFH
CE to BYTE Switching Low or High
Max
5
ns
tFLQZ
BYTE Switching Low to Output High-Z
Max
25
ns
tHQV
BYTE Switching High to Output Active
Min
70
ns
Program or Erase Command Sequence
RESET
12V
0 or 3V
tVIDR
tVIDR
0 or 3V
tRSP
CE
WE
RY/BY


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn