Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A29L161B Datasheet(PDF) 25 Page - AMIC Technology

Part No. A29L161B
Description  2M X 8 Bit / 1M X 16 Bit CMOS 3.3 Volt-only, Boot Sector Flash Memory
Download  41 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AMICC [AMIC Technology]
Homepage  http://www.amictechnology.com
Logo 

A29L161B Datasheet(HTML) 25 Page - AMIC Technology

Zoom Inzoom in Zoom Outzoom out
 25 / 41 page
background image
A29L161B Series
(December, 2015, Version 1.0)
24
AMIC Technology, Corp.
AC Characteristics
Read Only Operations
Parameter
Symbols
Speed
JEDEC
Std
Description
Test Setup
-70
Unit
tAVAV
tRC
Read Cycle Time (Note 1)
Min.
70
ns
tAVQV
tACC
Address to Output Delay
CE = VIL
OE = VIL
Max.
70
ns
tELQV
tCE
Chip Enable to Output Delay
OE = VIL
Max.
70
ns
tGLQV
tOE
Output Enable to Output Delay
Max.
30
ns
Read
Min.
0
ns
tOEH
Output Enable Hold Time (Note 1)
Toggle and
Data Polling
Min.
10
ns
tEHQZ
tDF
Chip Disable to Output High Z (Note 1)
Max.
25
ns
tGHQZ
tDF
Output Disable to Output High Z (Note 1)
25
ns
tAXQX
tOH
Output Hold Time from Addresses,
CE or OE ,
Whichever Occurs First (Note 1)
Min.
0
ns
Notes:
1. Not 100% tested.
2. See Test Conditions and Test Setup for test specifications.
Timing Waveforms for Read Only Operation
Addresses
Addresses Stable
CE
OE
WE
Output Valid
High-Z
Output
tRC
tOEH
tOE
tCE
High-Z
tOH
tDF
tACC
0V
RESET
RY/BY


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn