Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A29L161B Datasheet(PDF) 23 Page - AMIC Technology

Part No. A29L161B
Description  2M X 8 Bit / 1M X 16 Bit CMOS 3.3 Volt-only, Boot Sector Flash Memory
Download  41 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AMICC [AMIC Technology]
Homepage  http://www.amictechnology.com
Logo 

A29L161B Datasheet(HTML) 23 Page - AMIC Technology

Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
A29L161B Series
(December, 2015, Version 1.0)
22
AMIC Technology, Corp.
DC Characteristics
CMOS Compatible
Parameter
Symbol
Parameter Description
Test Description
Min.
Typ.
Max.
Unit
ILI
Input Leakage Current
VIN = VSS to VCC. VCC = VCC Max
±2.0
μA
ILIT
A9 Input Load Current
VCC = VCC Max, A9 =11.5V
35
μA
ILO
Output Leakage Current
VOUT = VSS to VCC. VCC = VCC Max
±2.0
μA
5 MHz
15
20
CE = VIL, OE = VIH
Byte Mode
1 MHz
5
8
5 MHz
15
20
ICC1
VCC Active Read Current
(Notes 1, 2)
CE = VIL, OE = VIH
Word Mode
1 MHz
5
8
mA
ICC2
VCC Active Write (Program/Erase)
Current (Notes 2, 3, 4)
CE = VIL, OE =VIH
30
50
mA
ICC3
VCC Standby Current (Note 2)
CE = VIH,
RESET = VCC ± 0.3V
WP = VCC or Float
3
10
μA
ICC4
VCC Standby Current During Reset
(Note 2)
RESET = VSS ± 0.3V
WP = VCC or Float
3
10
μA
ICC5
Automatic Sleep Mode
(Notes 2, 4, 5)
VIH = VCC
± 0.3V; VIL = VSS ± 0.3V
3
10
μA
VIL
Input Low Level
-0.5
0.8
V
VIH
Input High Level
0.7 x VCC
VCC + 0.3
V
VID
Voltage for Autoselect and
Temporary Unprotect Sector
VCC = 3.3V
9.5
11.5
V
VOL
Output Low Voltage
IOL = 4.0mA, VCC = VCC Min
0.45
V
VOH1
IOH = -2.0mA, VCC = VCC Min
0.85 x VCC
V
VOH2
Output High Voltage
IOH = -100
μA, VCC = VCC Min
VCC - 0.4
V
Notes:
1. The ICC current listed is typically less than 2mA/MHz, with
OE at VIH. Typical VCC is 3.3V.
2. Maximum ICC specifications are tested with VCC = VCC max.
3. ICC active while Embedded Algorithm (program or erase) is in progress.
4. Automatic sleep mode enables the low power mode when addresses remain stable for tACC + 30ns. Typical sleep mode current
is 200nA.
5. Not 100% tested.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn