Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCBN510QE2C07 Datasheet(PDF) 6 Page - Finisar Corporation.

Part # FCBN510QE2C07
Description  Quadwire짰 40 Gb/s Parallel Breakout Active Optical Cable
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FCBN510QE2C07 Datasheet(HTML) 6 Page - Finisar Corporation.

Back Button FCBN510QE2C07 Datasheet HTML 2Page - Finisar Corporation. FCBN510QE2C07 Datasheet HTML 3Page - Finisar Corporation. FCBN510QE2C07 Datasheet HTML 4Page - Finisar Corporation. FCBN510QE2C07 Datasheet HTML 5Page - Finisar Corporation. FCBN510QE2C07 Datasheet HTML 6Page - Finisar Corporation. FCBN510QE2C07 Datasheet HTML 7Page - Finisar Corporation. FCBN510QE2C07 Datasheet HTML 8Page - Finisar Corporation. FCBN510QE2C07 Datasheet HTML 9Page - Finisar Corporation. FCBN510QE2C07 Datasheet HTML 10Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
FCBG510QE2Cxx PRELIMINARY Product Specification – July 2014
F i n i s a r
 Finisar Corporation – 22-Jul-14 Rev A4
Page 6
V.
High-Speed Electrical Characteristics per Lane
(TOP = 0 to 70C, VCC = 3.3 ± 5% Volts)
Parameter –Inputs
Symbol
Conditions
Min
Typ
Max
Units
Ref.
Reference Differential Input
Impedance
Zd
100
Ω
Termination Mismatch
ΔZ
M
5
%
1
Input AC Common Mode Voltage
25
mV
(RMS)
Differential Input Return Loss
SDD11
0.01-4.1 GHz
dB
2
4.1 – 11.1 GHz
dB
3
Differential to Common Mode
Loss
SCD11
0.01-11.1 GHz
-10
dB
Eye Mask Coordinates:
X1, X2
0.29, 0.5
UI
4
Y1, Y2
150, 425
mV
Jitter Tolerance (Total)
TJ
0.40
UI
Jitter Tolerance (Deterministic)
DJ
0.15
UI
Notes:
1.
See SFF-8431 Rev 3.2 (SFP+) section D.15 Termination Mismatch for definition & test recommendations
2.
Reflection coefficient given by equation SDD11(dB)< -12+2*SQRT(f), with f in GHz.
3.
Reflection coefficient given by equation SDD11(dB)< -6.3+13Log10(f/5.5), with f in GHz.
4.
Hit ratio 5x10
-5. See Figure 3 for transmitter input eye mask definitions.
Figure 3 – Transmitter Input Differential Signal Mask


Similar Part No. - FCBN510QE2C07

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FCBN410QB1C01 FINISAR-FCBN410QB1C01 Datasheet
585Kb / 10P
   Quadwire짰 40 Gb/s Parallel Active Optical Cable
FCBN410QB1C03 FINISAR-FCBN410QB1C03 Datasheet
585Kb / 10P
   Quadwire짰 40 Gb/s Parallel Active Optical Cable
FCBN410QB1C05 FINISAR-FCBN410QB1C05 Datasheet
585Kb / 10P
   Quadwire짰 40 Gb/s Parallel Active Optical Cable
FCBN410QB1C10 FINISAR-FCBN410QB1C10 Datasheet
585Kb / 10P
   Quadwire짰 40 Gb/s Parallel Active Optical Cable
FCBN410QB1C15 FINISAR-FCBN410QB1C15 Datasheet
585Kb / 10P
   Quadwire짰 40 Gb/s Parallel Active Optical Cable
More results

Similar Description - FCBN510QE2C07

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FCBG410QB1CXX FINISAR-FCBG410QB1CXX Datasheet
505Kb / 10P
   Quadwire짰 40 Gb/s Parallel Active Optical Cable
FCBN410QB1CXX FINISAR-FCBN410QB1CXX Datasheet
585Kb / 10P
   Quadwire짰 40 Gb/s Parallel Active Optical Cable
FCBGD10CD1C03 FINISAR-FCBGD10CD1C03 Datasheet
382Kb / 13P
   C.wire 120 Gb/s Parallel Active Optical Cable
FCBN425QE1C01 FINISAR-FCBN425QE1C01 Datasheet
475Kb / 7P
   100G Quadwire짰 QSFP28 Active Optical Cable
FCBN425QE1CXX FINISAR-FCBN425QE1CXX Datasheet
473Kb / 7P
   100G Quadwire짰 QSFP28 Active Optical Cable
FCBN425QB1CXX FINISAR-FCBN425QB1CXX Datasheet
474Kb / 7P
   100G Quadwire짰 EDR QSFP28 Active Optical Cable
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-7QER01Z AVAGO-AFBR-7QER01Z Datasheet
658Kb / 15P
   40 Gigabit Ethernet & InfiniBand QDR Parallel Active Optical Cable
AFBR-7IERXXZ AVAGO-AFBR-7IERXXZ Datasheet
428Kb / 6P
   QSFP to 4 SFP Breakout Active Optical Cable
logo
FCI connector
ICD120GVP2420-05 FCI-CONNECTOR-ICD120GVP2420-05 Datasheet
119Kb / 2P
   12 Channel Parallel Active Optical Cable
logo
Finisar Corporation.
FCBX414QB1CXX FINISAR-FCBX414QB1CXX Datasheet
784Kb / 2P
   56G FDR parallel active optical cable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com