Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQP15P12 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FQP15P12
Description  120V P-Channel MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQP15P12 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FQP15P12 Datasheet HTML 2Page - Fairchild Semiconductor FQP15P12 Datasheet HTML 3Page - Fairchild Semiconductor FQP15P12 Datasheet HTML 4Page - Fairchild Semiconductor FQP15P12 Datasheet HTML 5Page - Fairchild Semiconductor FQP15P12 Datasheet HTML 6Page - Fairchild Semiconductor FQP15P12 Datasheet HTML 7Page - Fairchild Semiconductor FQP15P12 Datasheet HTML 8Page - Fairchild Semiconductor FQP15P12 Datasheet HTML 9Page - Fairchild Semiconductor FQP15P12 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Rev. A, December 2003
©2003 Fairchild Semiconductor Corporation
Gate Charge Test Circuit & Waveform
Resistive Switching Test Circuit & Waveforms
Unclamped Inductive Switching Test Circuit & Waveforms
Charge
V
GS
-10V
Qg
Q
gs
Q
gd
-3mA
V
GS
DUT
VDS
300nF
50KΩ
200nF
12V
Same Type
as DUT
Charge
V
GS
-10V
Qg
Q
gs
Q
gd
-3mA
V
GS
DUT
VDS
300nF
50KΩ
200nF
12V
Same Type
as DUT
VDS
VGS
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
VDD
-10V
V
DS
R
L
DUT
R
G
V
GS
VDS
VGS
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
VDD
-10V
V
DS
R
L
DUT
R
G
V
GS
E
AS =L IAS
2
----
2
1
--------------------
BVDSS -VDD
BVDSS
V
DD
V
DS
BVDSS
t
p
V
DD
I
AS
VDS (t)
ID (t)
Time
-10V
DUT
RG
L
I
D
t
p
E
AS =L IAS
2
----
2
1
E
AS =L IAS
2
----
2
1
----
2
1
--------------------
BVDSS -VDD
BVDSS
V
DD
V
DS
BVDSS
t
p
V
DD
I
AS
VDS (t)
ID (t)
Time
-10V
DUT
RG
L
L
I
D
I
D
t
p
Resistive Switching Test Circuit & Waveforms
Unclamped Inductive Switching Test Circuit & Waveforms


Similar Part No. - FQP15P12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQP10N20 FAIRCHILD-FQP10N20 Datasheet
787Kb / 9P
   200V N-Channel MOSFET
FQP10N20 FAIRCHILD-FQP10N20 Datasheet
774Kb / 8P
   200V N-Channel MOSFET
FQP10N20 FAIRCHILD-FQP10N20 Datasheet
627Kb / 8P
   200V LOGIC N-Channel MOSFET
FQP10N20C FAIRCHILD-FQP10N20C Datasheet
875Kb / 10P
   200V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQP10N20C ISC-FQP10N20C Datasheet
319Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FQP15P12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB15P12 FAIRCHILD-FQB15P12 Datasheet
652Kb / 9P
   120V P-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSM15P12 KERSEMI-KSM15P12 Datasheet
2Mb / 7P
   120V P-Channel MOSFET
logo
GOOD-ARK Electronics
SSS1206 GOOD-ARK-SSS1206 Datasheet
1Mb / 7P
   120V N-Channel MOSFET
logo
Fairchild Semiconductor
FQB32N12V2 FAIRCHILD-FQB32N12V2 Datasheet
649Kb / 9P
   120V N-Channel MOSFET
FQP32N12V2 FAIRCHILD-FQP32N12V2 Datasheet
857Kb / 10P
   120V N-Channel MOSFET
logo
PFC Device Inc.
PRM010N12CT PFC-PRM010N12CT Datasheet
809Kb / 8P
   120V Single N-Channel MOSFET
logo
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
   P-Channel MOSFET
2SJ602-ZJ KEXIN-2SJ602-ZJ Datasheet
1Mb / 5P
   P-Channel MOSFET
AO3421E-HF KEXIN-AO3421E-HF Datasheet
1Mb / 4P
   P-Channel MOSFET
SI2341DS-HF KEXIN-SI2341DS-HF Datasheet
1Mb / 5P
   P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com