Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMS7401 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FMS7401
Description  Digital Power Controller
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS7401 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FMS7401 Datasheet HTML 4Page - Fairchild Semiconductor FMS7401 Datasheet HTML 5Page - Fairchild Semiconductor FMS7401 Datasheet HTML 6Page - Fairchild Semiconductor FMS7401 Datasheet HTML 7Page - Fairchild Semiconductor FMS7401 Datasheet HTML 8Page - Fairchild Semiconductor FMS7401 Datasheet HTML 9Page - Fairchild Semiconductor FMS7401 Datasheet HTML 10Page - Fairchild Semiconductor FMS7401 Datasheet HTML 11Page - Fairchild Semiconductor FMS7401 Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 80 page
background image
FMS7401/7401L
PRODUCT SPECIFICATION
8
REV. 1.0.2 6/23/04
1
Reset Circuit
The reset circuit in the FMS7401/7401L contains four input conditions that trigger a main system reset. When the main system
reset is triggered, a sequence of events occur defaulting all memory mapped registers (including the initialization registers) and
I/Os to their initial states (see Table 1). During the system reset sequence, the instruction core execution is halted allowing time
for the internal oscillator and other analog circuits to stabilize. Once the system reset sequence completes, the device will begin
with its normal operation executing the instruction program residing in the code EEPROM memory. The time required for the
system reset sequence to complete (TRESET) is dependent on the individual trigger condition and is defined in the Electrical
Characteristics section of the datasheet. The four reset trigger conditions are as follows:
•Power-on Reset (POR)
• External Reset
1
• Brown-out Reset (BOR)
•Watchdog Reset
2
Table 1. Default Register States
1.1
FMS7401L Power-on Reset Circuit
The Power-on Reset (POR) circuit maintains the device in a reset state until Vcc reaches a voltage level high enough to guaran-
tee proper device operation. The POR circuit is sensitive to the different Vcc ramp rates and must be within SVcc as specified in
the Electrical Characteristics section of the datasheet.
The POR circuit does not generate a system reset when Vcc is falling. This feature is performed by the Brown-out Reset (BOR)
circuit and must be enabled by the BOREN bit of the Initialization Register 1.
4 In the case where Vcc does not drop to 0V
before the next power-up sequence, it is necessary to enable the BOR circuit and/or reset the device externally through the
RESET pin.
1
1.2
FMS7401L External Reset1
The device may be externally reset through the RESET input pin if the POR/BOR circuits cannot be used to properly reset the
device in the application. The RESET input pin contains an internal pull-up resistor making it an active low signal. Therefore,
to issue a device system reset the RESET input should be held low for at least 10µS before being released (i.e. returned to a
high state). While the RESET input is held low, the internal oscillator and other analog circuits are kept in a low power state
reducing the current consumption of the device (a state resembling Halt Mode). In addition, the I/O pins are all initialized to an
input tri-state configuration unless defaulted otherwise.
5 At the rising edge of the RESET input signal, the main system reset
sequence is triggered releasing the internal oscillator and other analog circuits so that they may be initialized and begin their
normal operation.
1.3
FMS7401L Brown-out Reset Circuit
The Brown-out Reset (BOR) circuit is one of the on-chip analog comparator peripherals and must be enabled through the
BOREN bit of the Initialization Registers 1.
4 The BOR circuit is used to hold the device in a reset state when Vcc drops below
a fixed threshold defined in the Electrical Characteristics section of the datasheet. While in reset, the device is held in its initial
condition until Vcc rises above the fixed/power-on threshold. Shortly after Vcc rises above the fixed/power-on threshold, the
internal system reset sequence is started. Once the system reset sequence completes, the device will begin with its normal
operation executing the instruction program residing in the code EEPROM memory.
Peripheral/Register
External Reset
POR
G1, G2, G3, G4, G6, G7
High-impedance input (tri-state input)
G0, G5
Defined by Init Reg. 4 (see Table 28)
SRAM Memory
No change
Unspecified
Stack Pointer
0xF
0xF
Status Register
0x80
0x80
T1CMPA, T1CMPB and T1RA Registers
0xFFF
0xFFF
DTIME Register
0x1F
0x1F
All other memory mapped register not listed above.3
0x00
0x00


Similar Part No. - FMS7401

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS7401 FAIRCHILD-FMS7401 Datasheet
66Kb / 4P
   PCB Layout Considerations for Video Filter / Drivers
FMS7401L FAIRCHILD-FMS7401L Datasheet
1Mb / 81P
   Digital Power Controller
FMS7401LEM8X FAIRCHILD-FMS7401LEM8X Datasheet
1Mb / 81P
   Digital Power Controller
FMS7401LEMT8X FAIRCHILD-FMS7401LEMT8X Datasheet
1Mb / 81P
   Digital Power Controller
FMS7401LEMTX FAIRCHILD-FMS7401LEMTX Datasheet
1Mb / 81P
   Digital Power Controller
More results

Similar Description - FMS7401

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS7401L FAIRCHILD-FMS7401L_05 Datasheet
1Mb / 81P
   Digital Power Controller
logo
Silicon Laboratories
SI8250 SILABS-SI8250 Datasheet
1Mb / 30P
   DIGITAL POWER CONTROLLER
logo
Analog Devices
ADP1047 AD-ADP1047 Datasheet
1Mb / 84P
   Digital Power Factor Correction Controller
REV. 0
logo
Dialog Semiconductor
IW3614 DIALOG-IW3614 Datasheet
1Mb / 18P
   AC/DC Digital Power Controller
logo
Texas Instruments
DLPC410 TI1-DLPC410 Datasheet
1Mb / 63P
[Old version datasheet]   Digital Controller
logo
Omron Electronics LLC
E5AK OMRON-E5AK Datasheet
694Kb / 36P
   Digital Controller
logo
Analog Devices
EVAL-ADM1275EBZ AD-EVAL-ADM1275EBZ Datasheet
741Kb / 48P
   Hot-Swap Controller and Digital Power
REV. D
logo
Zilog, Inc.
IXRD1002 ZILOG-IXRD1002 Datasheet
1Mb / 15P
   High Power Digital Inrush Current Controller
logo
Dialog Semiconductor
IW3630 DIALOG-IW3630 Datasheet
412Kb / 7P
   AC/DC Digital Power Controller for High Power
IW1689 DIALOG-IW1689 Datasheet
973Kb / 17P
   Low-Power Off-line Digital PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com