Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN5614 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FAN5614
Description  Low-Dropout LED Drivers for White, Blue or any Color LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5614 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN5614 Datasheet HTML 4Page - Fairchild Semiconductor FAN5614 Datasheet HTML 5Page - Fairchild Semiconductor FAN5614 Datasheet HTML 6Page - Fairchild Semiconductor FAN5614 Datasheet HTML 7Page - Fairchild Semiconductor FAN5614 Datasheet HTML 8Page - Fairchild Semiconductor FAN5614 Datasheet HTML 9Page - Fairchild Semiconductor FAN5614 Datasheet HTML 10Page - Fairchild Semiconductor FAN5614 Datasheet HTML 11Page - Fairchild Semiconductor FAN5614 Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
FAN5611/FAN5612/FAN5613/FAN5614
PRODUCT SPECIFICATION
8
REV. 1.0.4 6/4/04
In some cases, there is already a voltage bus in the system,
which can be utilized. Due to the ultra-low voltage drop of
the FAN561X series of LED drivers to drive high VF white
or blue LEDs. The VIN needs to be only 300mV higher than
the highest VF in the circuit.
–VDROP < 0.3V
–VF (at 20mA) < 3.3V to 4.0V (High VF)
–VIN (at 20mA) =VDROP + VF = 3.6V to 4.3V
–VIN (at 5mA Typical) ~ 3.3V
Where VIN = Existing bus = 3.3V to 4.3V
Key advantages:
• No boost circuit needed for LCD or keyboard backlight
• Driver utilizes the existing bus
• Ultra-low voltage drop provides the full 20mA LED
current at the lowest possible voltage level.
Example 3: Drive white, blue, red, amber LEDs
string
Assuming boost circuit, or existing voltage bus, the
FAN561X series of LED drivers can be used to drive a whole
string of LEDs and flexible brightness control - analog
and/or PWM.
–VDROP < 0.3V
–VIN_MIN = N
× VF + VDROP
–VIN _MAX = N
× VF + 5.5V
Where VIN = Existing bus, boost voltage
Key advantage:
• No need for current matching resistors and discrete
transistor for brightness control
LED Brightness Control
All of the FAN561X LED Drivers feature analog and PWM
controls to give designers flexible brightness control. These
control methods can be applied to the circuit in two different
ways, to provide more flexibility than any other solution. To
determine the value of RSET, use the “ISET vs. VCTRL” graph
under the Typical Performance Characteristics section.
1. FAN5611
- Analog
Set VCONTROL and RSET for LED current
- PWM
VCONTROL = PWM
– Amplitude sets maximum LED current
– Pulse width controls between 0 and maximum
2. FAN5612
- Analog
Set VCONTROL and RSET for LED current
- PWM - 1
VCONTROL = PWM
ISET
RSET
I1
I2
I3
I4
VIN
GND
FAN5613
CTRL
V
CONTROL
ENABLE
ON/OFF
VIN
ISET
RSET
I1
I2
I3
I4
GND
FAN5613
CTRL
V
CONTROL
'N' number of LEDs Per Branch
ON/OFF
ENABLE
ISET
RSET
I1
I2
I3
I4
VIN
GND
FAN5611
CTRL
V
CONTROL (3V)
I
LED
200
V
CONTROL
V
CTRL
()
×
R
SET
-------------------------------------------------------------------------
=
RSET
I1
I2
I3
VIN
GND
FAN5612
CTRL
V
CONTROL
ISET
ON/OFF
ENABLE
I
LED
200
V
CONTROL
V
CTRL
()
×
R
SET
-------------------------------------------------------------------------
=


Similar Part No. - FAN5614

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5614 FAIRCHILD-FAN5614 Datasheet
702Kb / 14P
   Low-Dropout LED Drivers for White, Blue, or any Color LED
FAN5614S7X FAIRCHILD-FAN5614S7X Datasheet
702Kb / 14P
   Low-Dropout LED Drivers for White, Blue, or any Color LED
More results

Similar Description - FAN5614

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5611 FAIRCHILD-FAN5611_06 Datasheet
702Kb / 14P
   Low-Dropout LED Drivers for White, Blue, or any Color LED
FAN5610 FAIRCHILD-FAN5610 Datasheet
105Kb / 10P
   LED Driver for White, Blue or any Color LED
logo
Sipex Corporation
SP7611A SIPEX-SP7611A Datasheet
216Kb / 9P
   Low Dropout LED Driver for any Color LED
SP7614 SIPEX-SP7614 Datasheet
93Kb / 4P
   Low Dropout LED Driver for any Color LED
logo
TEXAS ADVANCED OPTOELEC...
AS1102 TAOS-AS1102 Datasheet
912Kb / 14P
   Low-Dropout LED Drivers
logo
ams AG
AS1101 AMSCO-AS1101_1 Datasheet
481Kb / 13P
   Low-Dropout LED Drivers
logo
TEXAS ADVANCED OPTOELEC...
AS1107 TAOS-AS1107 Datasheet
1Mb / 22P
   Low-Dropout LED Drivers
logo
ams AG
AS1101 AMSCO-AS1101_04 Datasheet
912Kb / 14P
   Low-Dropout LED Drivers
logo
TEXAS ADVANCED OPTOELEC...
AS1101 TAOS-AS1101 Datasheet
912Kb / 14P
   Low-Dropout LED Drivers
logo
ams AG
AS1101 AMSCO-AS1101 Datasheet
256Kb / 13P
   Low-Dropout LED Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com