Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1050U-001 Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS1050U-001
Description  5-Bit, Programmable, Pulse-Width Modulator: 1kHz, 5kHz, 10kHz, and 25kHz
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1050U-001 Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS1050U-001 Datasheet HTML 1Page - Dallas Semiconductor DS1050U-001 Datasheet HTML 2Page - Dallas Semiconductor DS1050U-001 Datasheet HTML 3Page - Dallas Semiconductor DS1050U-001 Datasheet HTML 4Page - Dallas Semiconductor DS1050U-001 Datasheet HTML 5Page - Dallas Semiconductor DS1050U-001 Datasheet HTML 6Page - Dallas Semiconductor DS1050U-001 Datasheet HTML 7Page - Dallas Semiconductor DS1050U-001 Datasheet HTML 8Page - Dallas Semiconductor DS1050U-001 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
DS1050
5 of 17
The command operation “Set Shutdown Mode” is used to provide a low-current (inactive state) state for
the DS1050. When in a low-current state the DS1050 will draw currents less than or equal to 1
mA. The
PWMO output will be high impedance.
The command operation “Set Recall Mode” is used to recall the DS1050 from a low-current state. The
value of the PWMO output is recalled to that prior to initiating a “Set shutdown mode” command.
The “Read PWM Duty Cycle” command is used to read the current setting of the PWM configuration
register. Information returned by this command includes PWM output value as well as whether the device
is in a shutdown configuration.
PWM data values and control/command values are always transmitted most significant bit (MSB) first.
During communications, the receiving unit always generates the “acknowledge.”
READING THE DS1050
As shown in Figure 4e, the DS1050 provides one read command operation. This operation allows the
user to read the current setting of the PWM configuration register. Specifically, the R/W bit of the
command/control byte is set equal to a 1 for a read operation. Communication to read the DS1050 begins
with a START condition which is issued by the master device. The command/control byte from the
master device will follow the START condition. Once the command/control byte has been received by
the DS1050, the part will respond with an ACKNOWLEDGE. The read/write bit of the command/control
byte, as stated, should be set equal to 1 for reading the DS1050.
When the master has received the ACKNOWLEDGE from the DS1050, the master can then begin to
receive the PWM configuration register data. As mentioned this data will be transmitted MSB first. Once
the eight bits of the PWM configuration register have been transmitted, the master will need to issue an
ACKNOWLEDGE, unless it is the only byte to be read, in which case the master issues a NOT
ACKNOWLEDGE. If desired the master may stop the communication transfer at this point by issuing the
STOP condition. Final communication transfer is terminated by issuing the STOP command. Again, the
flow of the read operation is presented in Figure 4e.
WRITING THE DS1050
A data flow diagram for writing the DS1050 is shown in Figures 4a, b, c, and d. The DS1050 has three
write commands that are used to change the PWM configuration register or the shutdown and recall mode
of the device.
All the write operations begin with a START condition. Following the START condition, the master
device will issue the command/control byte. The read/write bit of the command/control byte will be set to
“0” for writing the DS1050. Once the command/control byte has been issued and the master receives the
acknowledgment from the DS1050, PWM configuration data is transmitted to the DS1050 by the master
device.
A data byte for the DS1050 will contain PWM configuration data and shutdown/recall command data.
The five least significant bits of data specify the PWM configuration value while the three most
significant bits specify the whether the device is to be shutdown or recalled. When the DS1050 has
received the data byte, it will respond with an ACKNOWLEDGE. At this point, the new PWM
configuration register value and shutdown/recall command value will be updated in the DS1050. The
master device, after the receipt of the ACKNOWLEDGE, can continue to transmit additional data bytes


Similar Part No. - DS1050U-001

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1050U-001 MAXIM-DS1050U-001 Datasheet
237Kb / 17P
   5-Bit, Programmable, Pulse Width Modulator: 1kHz, 5kHz, 10kHz, and 25kHz
072701
More results

Similar Description - DS1050U-001

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1050 MAXIM-DS1050 Datasheet
237Kb / 17P
   5-Bit, Programmable, Pulse Width Modulator: 1kHz, 5kHz, 10kHz, and 25kHz
072701
logo
Dallas Semiconductor
DS1052 DALLAS-DS1052 Datasheet
211Kb / 14P
   5-Bit, Programmable, 100kHz Pulse-Width Modulator
logo
Analog Devices
AD9561 AD-AD9561 Datasheet
273Kb / 8P
   Pulse Width Modulator
REV. 0
logo
National Semiconductor ...
LM1525A NSC-LM1525A Datasheet
290Kb / 10P
   PULSE WIDTH MODULATOR
logo
Analog Devices
AD9561 AD-AD9561_15 Datasheet
2Mb / 8P
   Pulse Width Modulator
REV. 0
logo
Siemens Semiconductor G...
SLE4520 SIEMENS-SLE4520 Datasheet
468Kb / 11P
   Pulse-Width Modulator
logo
Seme LAB
IP1526 SEME-LAB-IP1526 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATOR
logo
Microsemi Corporation
SG1525A MICROSEMI-SG1525A Datasheet
135Kb / 7P
   REGULATING PULSE WIDTH MODULATOR
SG1526 MICROSEMI-SG1526_1 Datasheet
283Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
logo
Linear Technology
LT1526 LINER-LT1526_15 Datasheet
926Kb / 8P
   REGULATING PULSE WIDTH MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com