Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EQCO30T5.2 Datasheet(PDF) 18 Page - Microchip Technology

Part # EQCO30T5.2
Description  EQCO30T5.2 3G/HD-SDI Video Cable Driver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EQCO30T5.2 Datasheet(HTML) 18 Page - Microchip Technology

Back Button EQCO30T5.2 Datasheet HTML 14Page - Microchip Technology EQCO30T5.2 Datasheet HTML 15Page - Microchip Technology EQCO30T5.2 Datasheet HTML 16Page - Microchip Technology EQCO30T5.2 Datasheet HTML 17Page - Microchip Technology EQCO30T5.2 Datasheet HTML 18Page - Microchip Technology EQCO30T5.2 Datasheet HTML 19Page - Microchip Technology EQCO30T5.2 Datasheet HTML 20Page - Microchip Technology EQCO30T5.2 Datasheet HTML 21Page - Microchip Technology EQCO30T5.2 Datasheet HTML 22Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
EQCO30T5.2
DS60001303C-page 18
 2012-2016 Microchip Technology Inc.
APPENDIX B:
TYPICAL RETURN-LOSS MEASUREMENT
All measurements at VCC = 3.3V, Temp = +25ºC, data pattern = prbs15 (including 20 µs of each polarity of
pathological pattern), measured with Belden 1694A cable.
FIGURE B-1:
TYPICAL RETURN-LOSS MEASUREMENT (DB VS MHZ)


Similar Part No. - EQCO30T5.2

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
EQCO30R5.D MICROCHIP-EQCO30R5.D Datasheet
1Mb / 24P
   EQCO30R5.D 3G/HD-SDI Video Cable Equalizer
07/14/15
EQCO30R5.D-TRAY MICROCHIP-EQCO30R5.D-TRAY Datasheet
1Mb / 24P
   EQCO30R5.D 3G/HD-SDI Video Cable Equalizer
07/14/15
More results

Similar Description - EQCO30T5.2

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M21518-13 MA-COM-M21518-13 Datasheet
931Kb / 24P
   3G/HD/SD-SDI Multi-rate Video Cable Driver
M21528-13 MA-COM-M21528-13 Datasheet
760Kb / 22P
   Dual 3G/HD/SD-SDI Multi-rate Video Cable Driver
logo
Microchip Technology
EQCO30R5.D MICROCHIP-EQCO30R5.D Datasheet
1Mb / 24P
   EQCO30R5.D 3G/HD-SDI Video Cable Equalizer
07/14/15
logo
Digital View Ltd
HD-1000P DIGITALVIEW-HD-1000P Datasheet
506Kb / 1P
   3G/HD-SDI Video Add-on
logo
M/A-COM Technology Solu...
M21518 MA-COM-M21518 Datasheet
235Kb / 2P
   3G/HD/SD-SDI Low Power Cable Driver
M21428 MA-COM-M21428 Datasheet
195Kb / 2P
   3G/HD/SD-SDI Dual-Output Cable Driver
M21528 MA-COM-M21528 Datasheet
221Kb / 2P
   3G/HD/SD-SDI Low Power Dual Cable Driver
logo
Glenair, Inc.
050-332 GLENAIR-050-332 Datasheet
708Kb / 16P
   SMPTE HD-SDI AND 3G-SDI
050-357 GLENAIR-050-357 Datasheet
501Kb / 15P
   SMPTE HD-SDI AND 3G-SDI
050_332 GLENAIR-050_332 Datasheet
708Kb / 16P
   SMPTE HD-SDI AND 3G-SDI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com