Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSP430FR2111IRLLT Datasheet(PDF) 65 Page - Texas Instruments

Click here to check the latest version.
Part No. MSP430FR2111IRLLT
Description  Mixed-Signal Microcontrollers
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430FR2111IRLLT Datasheet(HTML) 65 Page - Texas Instruments

Back Button MSP430FR2111IRLLT Datasheet HTML 61Page - Texas Instruments MSP430FR2111IRLLT Datasheet HTML 62Page - Texas Instruments MSP430FR2111IRLLT Datasheet HTML 63Page - Texas Instruments MSP430FR2111IRLLT Datasheet HTML 64Page - Texas Instruments MSP430FR2111IRLLT Datasheet HTML 65Page - Texas Instruments MSP430FR2111IRLLT Datasheet HTML 66Page - Texas Instruments MSP430FR2111IRLLT Datasheet HTML 67Page - Texas Instruments MSP430FR2111IRLLT Datasheet HTML 68Page - Texas Instruments MSP430FR2111IRLLT Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 75 page
background image
65
MSP430FR2111, MSP430FR2110
www.ti.com
SLASE78A – AUGUST 2016 – REVISED AUGUST 2016
Submit Documentation Feedback
Product Folder Links: MSP430FR2111 MSP430FR2110
Device and Documentation Support
Copyright © 2016, Texas Instruments Incorporated
8.3
Tools and Software
All MSP microcontrollers are supported by a wide variety of software and hardware development tools.
Tools are available from TI and various third parties. See them all at Development Kits and Software for
Low-Power MCUs.
Table 8-1 lists the debug features of the MSP430FR211x microcontrollers. See the Code Composer
Studio for MSP430 User's Guide for details on the available features.
Table 8-1. Hardware Debug Features
MSP430
ARCHITECTURE
4-WIRE
JTAG
2-WIRE
JTAG
BREAK-
POINTS
(N)
RANGE
BREAK-
POINTS
CLOCK
CONTROL
STATE
SEQUENCER
TRACE
BUFFER
LPMX.5
DEBUGGING
SUPPORT
EEM
VERSION
MSP430Xv2
Yes
Yes
3
Yes
Yes
No
No
No
S
Design Kits and Evaluation Modules
MSP430FR4133 LaunchPad™ Development Kit
The MSP-EXP430FR4133 LaunchPad Development
Kit is a microcontroller development board for the MSP430FR2xx and MSP430FR4xx MCU
families. Like the MSP-EXP430FR2311 board, this kit contains everything needed to
evaluate
the
MSP430FR2x/4x
FRAM
platforms,
including
onboard
emulation
for
programming, debugging, and energy measurements. Similarly, the onboard buttons and
LEDs allow for integration of simple user interaction, while the 20-pin header for
BoosterPack™ plug-in modules (found on both boards) allows for the use of BoosterPack
modules – or for quick user experimentation. This kit is recommended for evaluating the
MSP430FR2x/4x software architecture, while the MSP-TS430PW20 is suitable when moving
code to MSP430FR21x silicon.
MSP430FR2311 LaunchPad Development Kit The MSP-EXP430FR2311 LaunchPad Development Kit
is a microcontroller development board for the MSP430FR21x/23x MCU families. This kit
contains everything needed to evaluate the MSP430FR21x FRAM platform, including
onboard emulation for programming, debugging, and energy measurements. The onboard
buttons and LEDs allow for integration of simple user interaction.
20-pin Target Socket Development Board for MSP430FR23x/21x MCUs
The MSP-TS430PW20 is a
stand-alone ZIF socket target board used to program and debug the MSP430 in-system
through the JTAG interface or the Spy Bi-Wire (2-wire JTAG) protocol. The development
board supports all MSP430FR23x and MSP430FR21x FRAM MCUs in a 20-pin or 16-pin
TSSOP package (TI package code: PW).
MSP-FET + MSP-TS430PW20 FRAM Microcontroller Development Kit Bundle The MSP-FET430U20
bundle combines two debugging tools that support the 20-pin PW package for the
MSP430FR23x and MSP430FR21x microcontrollers (for example, MSP430FR2311PW20).
These two tools include: MSP-TS430PW20 and MSP-FET.
Software
MSP430FR211x Code Examples C Code examples are available for every MSP device that configures
each of the integrated peripherals for various application needs.
MSP Driver Library The abstracted API of MSP Driver Library provides easy-to-use function calls that
free you from directly manipulating the bits and bytes of the MSP430 hardware. Thorough
documentation is delivered through a helpful API Guide, which includes details on each
function call and the recognized parameters. Developers can use Driver Library functions to
write complete projects with minimal overhead.
ULP (Ultra-Low Power) Advisor ULP Advisor™ software is a tool for guiding developers to write more
efficient code to fully use the unique ultra-low-power features of MSP and MSP432
microcontrollers. Aimed at both experienced and new microcontroller developers, ULP
Advisor checks your code against a thorough ULP checklist to help minimize the energy
consumption of your application. At build time, ULP Advisor provides notifications and
remarks to highlight areas of your code that can be further optimized for lower power.


Similar Part No. - MSP430FR2111IRLLT

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
MSP430FR2111IRLLT TI1-MSP430FR2111IRLLT Datasheet
1Mb / 78P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results

Similar Description - MSP430FR2111IRLLT

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR6889 TI1-MSP430FR6889 Datasheet
2Mb / 176P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz