Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSP430FR2111IRLLT Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part No. MSP430FR2111IRLLT
Description  Mixed-Signal Microcontrollers
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430FR2111IRLLT Datasheet(HTML) 32 Page - Texas Instruments

Back Button MSP430FR2111IRLLT Datasheet HTML 28Page - Texas Instruments MSP430FR2111IRLLT Datasheet HTML 29Page - Texas Instruments MSP430FR2111IRLLT Datasheet HTML 30Page - Texas Instruments MSP430FR2111IRLLT Datasheet HTML 31Page - Texas Instruments MSP430FR2111IRLLT Datasheet HTML 32Page - Texas Instruments MSP430FR2111IRLLT Datasheet HTML 33Page - Texas Instruments MSP430FR2111IRLLT Datasheet HTML 34Page - Texas Instruments MSP430FR2111IRLLT Datasheet HTML 35Page - Texas Instruments MSP430FR2111IRLLT Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 75 page
background image
TEST/SBWTCK
1/fSBW
tSU,SBWTDIO
tHD,SBWTDIO
tSBW,High
tSBW,Low
RST/NMI/SBWTDIO
tValid,SBWTDIO
tSBW,EN
tSBW,Ret
tEN,SBWTDIO
32
MSP430FR2111, MSP430FR2110
SLASE78A – AUGUST 2016 – REVISED AUGUST 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP430FR2111 MSP430FR2110
Specifications
Copyright © 2016, Texas Instruments Incorporated
5.13.11 Emulation and Debug
Table 5-23 lists the characteristics of the Spy-Bi-Wire interface.
(1)
Tools that access the Spy-Bi-Wire interface must wait for the tSBW,En time after pulling the TEST/SBWTCK pin high before applying the
first SBWTCK clock edge.
(2)
Maximum tSBW,Rst time after pulling or releasing the TEST/SBWTCK pin low, the Spy-Bi-Wire pins revert from their Spy-Bi-Wire function
to their application function. This time applies only if the Spy-Bi-Wire mode was selected.
Table 5-23. JTAG, Spy-Bi-Wire Interface
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) (see Figure 5-16)
PARAMETER
VCC
MIN
TYP
MAX
UNIT
fSBW
Spy-Bi-Wire input frequency
2.0 V, 3.0 V
0
8
MHz
tSBW,Low
Spy-Bi-Wire low clock pulse duration
2.0 V, 3.0 V
0.028
15
µs
tSU,SBWTDIO
SBWTDIO setup time (before falling edge of SBWTCK in TMS and TDI
slot Spy-Bi-Wire )
2.0 V, 3.0 V
4
ns
tHD,SBWTDIO
SBWTDIO hold time (after rising edge of SBWTCK in TMS and TDI
slot Spy-Bi-Wire )
2.0 V, 3.0 V
19
ns
tValid,SBWTDIO
SBWTDIO data valid time (after falling edge of SBWTCK in TDO slot
Spy-Bi-Wire )
2.0 V, 3.0 V
31
ns
tSBW, En
Spy-Bi-Wire enable time (TEST high to acceptance of first clock edge)
(1)
2.0 V, 3.0 V
110
µs
tSBW,Ret
Spy-Bi-Wire return to normal operation time(2)
2.0 V, 3.0 V
15
100
µs
Figure 5-16. JTAG Spy-Bi-Wire Timing


Similar Part No. - MSP430FR2111IRLLT

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
MSP430FR2111IRLLT TI1-MSP430FR2111IRLLT Datasheet
1Mb / 78P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results

Similar Description - MSP430FR2111IRLLT

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR6889 TI1-MSP430FR6889 Datasheet
2Mb / 176P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz