Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSP430FR2111IRLLT Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part No. MSP430FR2111IRLLT
Description  Mixed-Signal Microcontrollers
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430FR2111IRLLT Datasheet(HTML) 24 Page - Texas Instruments

Back Button MSP430FR2111IRLLT Datasheet HTML 20Page - Texas Instruments MSP430FR2111IRLLT Datasheet HTML 21Page - Texas Instruments MSP430FR2111IRLLT Datasheet HTML 22Page - Texas Instruments MSP430FR2111IRLLT Datasheet HTML 23Page - Texas Instruments MSP430FR2111IRLLT Datasheet HTML 24Page - Texas Instruments MSP430FR2111IRLLT Datasheet HTML 25Page - Texas Instruments MSP430FR2111IRLLT Datasheet HTML 26Page - Texas Instruments MSP430FR2111IRLLT Datasheet HTML 27Page - Texas Instruments MSP430FR2111IRLLT Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 75 page
background image
24
MSP430FR2111, MSP430FR2110
SLASE78A – AUGUST 2016 – REVISED AUGUST 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP430FR2111 MSP430FR2110
Specifications
Copyright © 2016, Texas Instruments Incorporated
5.13.7 eUSCI
Table 5-13 lists the clock frequency characteristics of the eUSCI in UART mode.
Table 5-13. eUSCI (UART Mode) Clock Frequency
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
feUSCI
eUSCI input clock frequency
Internal: SMCLK or MODCLK
External: UCLK
Duty cycle = 50% ±10%
2.0 V,
3.0 V
16
MHz
fBITCLK
BITCLK clock frequency
(equals baud rate in Mbaud)
2.0 V,
3.0 V
5
MHz
Table 5-14 lists the switching characteristics of the eUSCI in UART mode.
(1)
Pulses on the UART receive input (UCxRX) shorter than the UART receive deglitch time are suppressed. To ensure that pulses are
correctly recognized their width should exceed the maximum specification of the deglitch time.
Table 5-14. eUSCI (UART Mode) Switching Characteristics
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
tt
UART receive deglitch time (1)
UCGLITx = 0
2.0 V,
3.0 V
12
ns
UCGLITx = 1
40
UCGLITx = 2
68
UCGLITx = 3
110
Table 5-15 lists the clock frequency characteristics of the eUSCI in SPI master mode.
Table 5-15. eUSCI (SPI Master Mode) Clock Frequency
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
CONDITIONS
VCC
MIN
TYP
MAX
UNIT
feUSCI
eUSCI input clock frequency
Internal: SMCLK or MODCLK
Duty cycle = 50% ±10%
8
MHz
Table 5-16 lists the switching characteristics of the eUSCI in SPI master mode.
(1)
fUCxCLK = 1/2tLO/HI with tLO/HI = max(tVALID,MO(eUSCI) + tSU,SI(Slave), tSU,MI(eUSCI) + tVALID,SO(Slave)).
For the slave parameters tSU,SI(Slave) and tVALID,SO(Slave) see the SPI parameters of the attached slave.
(2)
Specifies the time to drive the next valid data to the SIMO output after the output changing UCLK clock edge. See the timing diagrams
in Figure 5-11 and Figure 5-12.
(3)
Specifies how long data on the SIMO output is valid after the output changing UCLK clock edge. Negative values indicate that the data
on the SIMO output can become invalid before the output changing clock edge observed on UCLK. See the timing diagrams in Figure 5-
11 and Figure 5-12.
Table 5-16. eUSCI (SPI Master Mode) Switching Characteristics
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
VCC
MIN
MAX
UNIT
tSTE,LEAD
STE lead time, STE active to clock
UCSTEM = 1,
UCMODEx = 01 or 10
3.0 V
1
UCxCLK
cycles
tSTE,LAG
STE lag time, Last clock to STE inactive
UCSTEM = 1,
UCMODEx = 01 or 10
3.0 V
1
UCxCLK
cycles
tSU,MI
SOMI input data setup time
2.0 V
53
ns
3.0 V
35
tHD,MI
SOMI input data hold time
2.0 V
0
ns
3.0 V
0
tVALID,MO
SIMO output data valid time(2)
UCLK edge to SIMO valid,
CL = 20 pF
2.0 V
20
ns
3.0 V
20
tHD,MO
SIMO output data hold time(3)
CL = 20 pF
2.0 V
0
ns
3.0 V
0


Similar Part No. - MSP430FR2111IRLLT

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
MSP430FR2111IRLLT TI1-MSP430FR2111IRLLT Datasheet
1Mb / 78P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results

Similar Description - MSP430FR2111IRLLT

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR6889 TI1-MSP430FR6889 Datasheet
2Mb / 176P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz